Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

03029-BPXXXZKZ Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 03029-BPXXXZKZ
Description  Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03029
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

03029-BPXXXZKZ Datasheet(HTML) 1 Page - Vishay Siliconix

  03029-BPXXXZKZ Datasheet HTML 1Page - Vishay Siliconix 03029-BPXXXZKZ Datasheet HTML 2Page - Vishay Siliconix 03029-BPXXXZKZ Datasheet HTML 3Page - Vishay Siliconix 03029-BPXXXZKZ Datasheet HTML 4Page - Vishay Siliconix 03029-BPXXXZKZ Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Surface Mount Multilayer Ceramic Chip Capacitors
DSCC Qualified Type 03029
www.vishay.com
For technical questions, contact: mlcc.specials@vishay.com
Document Number: 45042
138
Revision: 09-Jul-08
DSCC 03029
Vishay Vitramon
FEATURES
• US defense supply center approved
• Federal stock control number, CAGE CODE 95275.
• Small case size (0402)
• Stable BP, BR and BX dielectrics
• Excellent aging characteristics
• Lead (Pb)-free applied for “M” termination code
• Tin/lead “Z” termination code is available
• Surface-mount, precious metal technology, wet build
process
• Made with a combination of design, materials and tight
process control to achieve very high field reliability
ELECTRICAL SPECIFICATIONS
Note: Electrical characteristics at + 25 °C unless otherwise specified.
Operating Temperature: BP, BR, BX: - 55 °C to + 125 °C
Capacitance Range:
BP: = 0.5 pF to 180 pF
BR: = 100 pF to 3900 pF
BX: = 100 pF to 3900 pF
Voltage Rating: 16 Vdc to 100 Vdc
Temperature Coefficient of Capacitance (TCC):
BP: = 0 ± 30 ppm/°C from - 55 °C to + 125 °C
with zero (0) Vdc applied
BP: = 0 ± 30 ppm/°C from - 55 °C to + 125 °C
with 100 % rated Vdc applied
BR: = ± 15 % from - 55 °C to + 125 °C
with zero (0) Vdc applied
BR: = + 15 %, - 40 % from - 55 °C to + 125 °C
with 100 % rated Vdc applied
BX: = ± 15 % from - 55 °C to + 125 °C
with zero (0) Vdc applied
BX: = + 15 %, - 25 % from - 55 °C to + 125 °C
with 100 % rated Vdc applied
Dissipation Factor (DF):
BP:
0.15 % max. at 1.0 Vrms and 1 MHz for values ≤ 1000 pF
0.15 % max. at 1.0 Vrms and 1 kHz for values > 1000 pF
BR and BX:
≤ 25 V ± 3.5 % max. at 1.0 V
rms and 1 kHz
≥ 50 V ± 2.5 % max. at 1.0 V
rms and 1 kHz
Aging Rate:
BP: = 0 % maximum per decade.
BR, BX: = 1 % maximum per decade
Insulation Resistance (IR):
At + 25 °C and rated voltage 100 000 M
Ω minimum or
1000
ΩF, whichever is less
At + 125 °C and rated voltage 10 000 M
Ω minimum or
100
ΩF, whichever is less
Dielectric Withstanding Voltage (DWV):
This is the maximum voltage the capacitors are tested for a
1 to 5 seconds period and the charge/discharge current does
not exceed 50 mA
≤ 200 Vdc: DWV at 250 % of rated voltage
* Pb containing terminations are not RoHS compliant, exemptions may apply
Available
RoHS*
COMPLIANT


Similar Part No. - 03029-BPXXXZKZ

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
03029BX222ZJZC7189 KEMET-03029BX222ZJZC7189 Datasheet
482Kb / 4P
   Surface Mount Multilayer Ceramic Chip Capacitors
More results

Similar Description - 03029-BPXXXZKZ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DSCC03029 VISHAY-DSCC03029_17 Datasheet
89Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03029
Revision: 11-Jan-17
DSCC03029 VISHAY-DSCC03029_12 Datasheet
83Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03029
Revision: 28-Feb-12
DSCC03029 VISHAY-DSCC03029_V01 Datasheet
87Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03029
01-Jan-2023
DSCC03028 VISHAY-DSCC03028_12 Datasheet
82Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03028
Revision: 29-Feb-12
DSCC05006 VISHAY-DSCC05006_V01 Datasheet
89Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 05006
01-Jan-2023
DSCC03028 VISHAY-DSCC03028 Datasheet
81Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03028
Revision: 09-Jul-08
DSCC05007 VISHAY-DSCC05007 Datasheet
81Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 05007
Revision: 28-Feb-12
DSCC05006 VISHAY-DSCC05006 Datasheet
205Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 05006
Revision: 20-Feb-08
DSCC05006 VISHAY-DSCC05006_12 Datasheet
82Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 05006
Revision: 28-Feb-12
DSCC03028 VISHAY-DSCC03028_17 Datasheet
93Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03028
Revision: 11-Jan-17
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com