Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK40N2LLH5 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STK40N2LLH5
Description  N-channel 25 V, 0.0014 廓, 40 A, PolarPAK짰 STripFET??V Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STK40N2LLH5 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STK40N2LLH5 Datasheet HTML 5Page - STMicroelectronics STK40N2LLH5 Datasheet HTML 6Page - STMicroelectronics STK40N2LLH5 Datasheet HTML 7Page - STMicroelectronics STK40N2LLH5 Datasheet HTML 8Page - STMicroelectronics STK40N2LLH5 Datasheet HTML 9Page - STMicroelectronics STK40N2LLH5 Datasheet HTML 10Page - STMicroelectronics STK40N2LLH5 Datasheet HTML 11Page - STMicroelectronics STK40N2LLH5 Datasheet HTML 12Page - STMicroelectronics STK40N2LLH5 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
STK40N2LLH5
Package mechanical data
9/13
Table 8.
PolarPAK® (option “L”) mechanical data
Ref.
mm
inch
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.75
0.80
0.85
0.030
0.031
0.033
A1
0.05
0.002
b1
0.48
0.58
0.68
0.019
0.023
0.027
b2
0.41
0.51
0.61
0.016
0.020
0.024
b3
2.19
2.29
2.39
0.086
0.090
0.094
b4
0.89
1.04
1.19
0.035
0.041
0.047
b5
0.23
0.33
0.43
0.009
0.013
0.017
c
0.20
0.25
0.30
0.008
0.010
0.012
D
6
6.15
6.30
0.236
0.242
0.248
D1
5.74
5.89
6.04
0.226
0.232
0.238
E
5.01
5.16
5.31
0.197
0.203
0.209
E1
4.75
4.90
5.05
0.187
0.193
0.199
H1
0.23
0.009
H2
0.45
0.56
0.018
0.022
H3
0.31
0.41
0.51
0.012
0.016
0.020
H4
0.45
0.56
0.018
0.022
K1
4.22
4.37
4.52
0.166
0.172
0.178
K2
1.08
1.13
1.18
0.043
0.044
0.046
K3
1.37
0.054
K4
0.24
0.009
M1
4.30
4.50
4.70
0.169
0.177
0.185
M2
3.43
3.58
3.73
0.135
0.141
0.147
M3
0.22
0.009
M4
0.05
0.002
P1
0.15
0.20
0.25
0.006
0.008
0.010
T1
3.48
3.64
4.10
0.137
0.143
0.161
T2
0.56
0.76
0.95
0.022
0.030
0.037
T3
1.20
0.047
T4
3.90
0.154
T5
0.18
0.36
0.007
0.014
<
10°
12°
10°
12°


Similar Part No. - STK40N2LLH5

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STK400 SAMHOP-STK400 Datasheet
102Kb / 7P
   Super high dense cell design for low RDS(ON).
logo
Sanyo Semicon Device
STK400-010 SANYO-STK400-010 Datasheet
464Kb / 9P
   AF Power Amplifier (Split Power Supply) (15 W 15 W min, THD = 0.4%)
STK400-010 SANYO-STK400-010 Datasheet
299Kb / 8P
   Two-Channel AF Power Amplifier (- Power Supply) 100 W 100 W Minimum, THD = 0.4%???
STK400-010 SANYO-STK400-010 Datasheet
184Kb / 7P
   3ch AF Power Amplifier(Split Power Supply) 10W10W10W,THD=0.4%
STK400-010 SANYO-STK400-010 Datasheet
257Kb / 8P
   AF Power Amplifier (Split Power Supply) (20 W 20 W min, THD = 0.4%)?
More results

Similar Description - STK40N2LLH5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STK38N3LLH5 STMICROELECTRONICS-STK38N3LLH5 Datasheet
323Kb / 13P
   N-channel 30 V, 0.0014廓, 38 A, PolarPAK짰 STripFET?줧 Power MOSFET
STK32N4LLH5 STMICROELECTRONICS-STK32N4LLH5 Datasheet
321Kb / 13P
   N-channel 40 V, 0.0017 廓, 32 A, PolarPAK짰 STripFET??V Power MOSFET
STK820 STMICROELECTRONICS-STK820 Datasheet
305Kb / 14P
   N-channel 25 V - 0.0058 廓 - 21 A - PolarPAK짰 STripFET??Power MOSFET
STK820 STMICROELECTRONICS-STK820_08 Datasheet
468Kb / 15P
   N-channel 25 V - 0.0058 廓 - 21 A - PolarPAK짰 STripFET??Power MOSFET
STK822 STMICROELECTRONICS-STK822 Datasheet
462Kb / 15P
   N-channel 25 V - 0.00175 廓 - 38 A - PolarPAK짰 STripFET??Power MOSFET
STK30N2LLH5 STMICROELECTRONICS-STK30N2LLH5 Datasheet
334Kb / 13P
   N-channel 25 V, 0.0024 廓, 30 A, PolarPAK짰 STripFET?줧 Power MOSFET
STK24N4LLH5 STMICROELECTRONICS-STK24N4LLH5 Datasheet
335Kb / 13P
   N-channel 40 V, 0.0046 廓, 24 A, PolarPAK짰 STripFET?줧 Power MOSFET
STL150N3LLH5 STMICROELECTRONICS-STL150N3LLH5_08 Datasheet
513Kb / 12P
   N-channel 30 V, 0.0014 廓, 35 A - PowerFLAT??(6x5) STripFET??V Power MOSFET
STL150N3LLH5 STMICROELECTRONICS-STL150N3LLH5_09 Datasheet
528Kb / 12P
   N-channel 30 V, 0.0014 廓, 35 A, PowerFLAT??(6x5) STripFET??V Power MOSFET
STL150N3LLH5 STMICROELECTRONICS-STL150N3LLH5 Datasheet
502Kb / 12P
   N-channel 30 V - 0.0014 廓 - 35 A - PowerFLAT??(6x5) STripFET??V Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com