Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EKS00DC233L00 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # EKS00DC233L00
Description  Aluminum Capacitors Radial Style
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EKS00DC233L00 Datasheet(HTML) 3 Page - Vishay Siliconix

  EKS00DC233L00 Datasheet HTML 1Page - Vishay Siliconix EKS00DC233L00 Datasheet HTML 2Page - Vishay Siliconix EKS00DC233L00 Datasheet HTML 3Page - Vishay Siliconix EKS00DC233L00 Datasheet HTML 4Page - Vishay Siliconix EKS00DC233L00 Datasheet HTML 5Page - Vishay Siliconix EKS00DC233L00 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.vishay.com
For technical questions contact: aluminumcaps3@vishay.com
Document Number: 25007
244
Revision: 18-Aug-04
EKS
Vishay Roederstein
Aluminum Capacitors
Radial Style
Note
1. Unless otherwise specified, all electrical values apply at
Tamb = 20 °C, P = 80 to 120 kPa, RH = 45 to 75%.
ORDERING EXAMPLE
EKS 100 µF / 25 V, ± 20 %, size: 6.3 mm x 11 mm
Leads: Long - Ordering code: EKS 00BA42210E00
Leads: Short (4.5 mm ± 0.5 mm) - Ordering code: EKS 05...
Leads: Bent open, shortened - Ordering code: EKS 09...
Leads: Bent open, shortened and formed - Ordering code:
EKS 06...
ELECTRICAL DATA
SYMBOL
DESCRIPTION
CR
rated capacitance at 120 Hz
UR
rated voltage
tan
δ
max. dissipation factor at 120 Hz
RESR
max. equivalent series resistance at 120 Hz
IR
rated alternating current (rms) at 120 Hz and upper
category temperature
ELECTRICAL DATA AND ORDERING INFORMATION
UR (V)
CR
120 Hz
(
µF)
NOMINAL
CASE SIZE
∅DxL
(mm)
Tan
δ
120 Hz
RESR
120 Hz
(
Ω)
IR
100 kHz/105 °C
(mA)
WEIGHT
(g)
CATALOG
NUMBER
100
5 x 11
0.19
2.52
105
0.5
EKS00AA310C00
220
6.3 x 11
0.19
1.15
180
0.8
EKS00BA322C00
330
8 x 11.5
0.19
0.76
259
1.1
EKS00PB333C00
470
8 x 11.5
0.19
0.54
310
1.1
EKS00PB347C00
10
1000
10 x 16
0.19
0.25
575
2.0
EKS00DD410C00
2200
13 x 20
0.21
0.13
891
3.8
EKS00GE422C00
3300
13 x 25
0.24
0.10
1137
4.5
EKS00GG433C00
4700
16 x 25
0.26
0.07
1444
7.0
EKS00JG447C00
6800
16 x 31.5
0.31
0.06
1765
9.0
EKS00JS468C00
10000
18 x 35.5
0.37
0.05
2193
13.0
EKS00KL510C00
16
100
6.3 x 11
0.16
2.12
131
0.8
EKS00BA310D00
220
8 x 11.5
0.16
0.97
229
1.1
EKS00PB322D00
330
8 x 11.5
0.16
0.65
280
1.1
EKS00PB333D00
470
10 x 12.5
0.16
0.45
388
1.5
EKS00DC347D00
1000
10 x 20
0.16
0.21
677
2.5
EKS00DE410D00
2200
13 x 25
0.18
0.11
1050
4.5
EKS00GG422D00
3300
16 x 25
0.20
0.08
1353
7.0
EKS00JG433D00
4700
16 x 31.5
0.23
0.06
1685
9.0
EKS00JS447D00
6800
16 x 40
0.28
0.05
2055
15.0
EKS00KL468D00
47
5 x 11
0.14
3.95
81
0.5
EKS00AA247E00
100
6.3 x 11
0.14
1.86
137
0.8
EKS00BA310E00
220
8 x 11.5
0.14
0.85
239
1.1
EKS00PB322E00
330
10 x 12.5
0.14
0.56
340
1.5
EKS00DC333E00
25
470
10 x 16
0.14
0.40
444
2.0
EKS00DD347E00
1000
13 x 20
0.14
0.19
830
3.8
EKS00GE410E00
2200
16 x 25
0.16
0.10
1198
7.0
EKS00JG422E00
3300
16 x 31.5
0.21
0.085
1519
9.0
EKS00JS433E00
4700
18 x 35.5
0.23
0.07
1914
13.0
EKS00KL447E00
33
5 x 11
0.12
4.83
75
0.5
EKS00AA233F00
47
6.3 x 11
0.12
3.39
104
0.8
EKS00BA247F00
100
8 x 11.5
0.12
1.58
178
1.1
EKS00PB310F00
220
10 x 12.5
0.12
0.73
307
1.5
EKS00DC322F00
35
330
10 x 16
0.12
0.48
412
2.0
EKS00DD333F00
470
10 x 20
0.12
0.34
536
2.5
EKS00DE347F00
1000
13 x 25
0.12
0.16
1001
4.5
EKS00GG410F00
2200
16 x 31.5
0.14
0.09
1351
9.0
EKS00JS422F00
3300
18 x 35.5
0.17
0.08
1757
13.0
EKS00KL433F00


Similar Part No. - EKS00DC233L00

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
EKS-LM3S6965 TI-EKS-LM3S6965 Datasheet
82Kb / 2P
[Old version datasheet]   Stellaris LM3S6965 Ethernet Evaluation Kit
logo
SICK AG
EKS36-0JF0A018A SICK-EKS36-0JF0A018A Datasheet
936Kb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
EKS36-0JF0A020A SICK-EKS36-0JF0A020A Datasheet
936Kb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
EKS36-0KF0A018A SICK-EKS36-0KF0A018A Datasheet
936Kb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
EKS36-0KF0A020A SICK-EKS36-0KF0A020A Datasheet
936Kb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
More results

Similar Description - EKS00DC233L00

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EKF VISHAY-EKF Datasheet
89Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 13-Jun-08
EKV VISHAY-EKV Datasheet
94Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKV VISHAY-EKV_12 Datasheet
102Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
EKA VISHAY-EKA Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKC VISHAY-EKC Datasheet
98Kb / 7P
   Aluminum Capacitors Radial Style
Revision: 05-Nov-08
EKB VISHAY-EKB_12 Datasheet
118Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
EKO VISHAY-EKO Datasheet
305Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 30-Aug-05
EKX VISHAY-EKX Datasheet
100Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKE VISHAY-EKE Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 15-Jul-08
EKB VISHAY-EKB Datasheet
113Kb / 9P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com