Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

03029-BPXXXZJZ Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 03029-BPXXXZJZ
Description  Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03029
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

03029-BPXXXZJZ Datasheet(HTML) 3 Page - Vishay Siliconix

  03029-BPXXXZJZ Datasheet HTML 1Page - Vishay Siliconix 03029-BPXXXZJZ Datasheet HTML 2Page - Vishay Siliconix 03029-BPXXXZJZ Datasheet HTML 3Page - Vishay Siliconix 03029-BPXXXZJZ Datasheet HTML 4Page - Vishay Siliconix 03029-BPXXXZJZ Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.vishay.com
For technical questions, contact: mlcc.specials@vishay.com
Document Number: 45042
140
Revision: 09-Jul-08
DSCC 03029
Vishay Vitramon
Surface Mount Multilayer Ceramic Chip Capacitors
DSCC Qualified Type 03029
DIELECTRIC
STYLE
03029
EIA TYPE
0402
DIELECTRIC
BP
BR
BX
VOLTAGE (Vdc)
16
25
50
100
16
25
50
16
25
50
CAP. CODE
CAP.
0R5
0.5 pF
••
••
R75
0.75 pF
••
••
1R0
1.0 pF
••
••
1R2
1.2 pF
••
••
1R5
1.5 pF
••
••
1R8
1.8 pF
••
••
2R2
2.2 pF
••
••
2R4
2.4 pF
••
••
2R7
2.7 pF
••
••
3R0
3.0 pF
••
••
3R3
3.3 pF
••
••
3R6
3.6 pF
••
••
3R9
3.9 pF
••
••
4R7
4.7 pF
••
••
5R1
5.1 pF
••
••
5R6
5.6 pF
••
••
6R2
6.2 pF
••
••
6R8
6.8 pF
••
••
7R5
7.5 pF
••
••
8R2
8.2 pF
••
••
9R1
9.1 pF
••
••
100
10 pF
••
••
110
11 pF
••
••
120
12 pF
••
••
130
13 pF
••
••
150
15 pF
••
••
160
16 pF
••
••
180
18 pF
••
••
200
20 pF
••
••
220
22 pF
••
••
240
24 pF
••
••
270
27 pF
••
••
300
30 pF
••
••
330
33 pF
••
••
360
36 pF
••
••
390
39 pF
••
••
430
43 pF
••
••
470
47 pF
••
••
510
51 pF
••
••
560
56 pF
••
••
620
62 pF
••
••
680
68 pF
••
••
750
75 pF
••
••
820
82 pF
••
••
910
91 pF
••
••


Similar Part No. - 03029-BPXXXZJZ

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
03029BX222ZJZC7189 KEMET-03029BX222ZJZC7189 Datasheet
482Kb / 4P
   Surface Mount Multilayer Ceramic Chip Capacitors
More results

Similar Description - 03029-BPXXXZJZ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DSCC03029 VISHAY-DSCC03029_17 Datasheet
89Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03029
Revision: 11-Jan-17
DSCC03029 VISHAY-DSCC03029_12 Datasheet
83Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03029
Revision: 28-Feb-12
DSCC03029 VISHAY-DSCC03029_V01 Datasheet
87Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03029
01-Jan-2023
DSCC03028 VISHAY-DSCC03028_12 Datasheet
82Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03028
Revision: 29-Feb-12
DSCC05006 VISHAY-DSCC05006_V01 Datasheet
89Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 05006
01-Jan-2023
DSCC03028 VISHAY-DSCC03028 Datasheet
81Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03028
Revision: 09-Jul-08
DSCC05007 VISHAY-DSCC05007 Datasheet
81Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 05007
Revision: 28-Feb-12
DSCC05006 VISHAY-DSCC05006 Datasheet
205Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 05006
Revision: 20-Feb-08
DSCC05006 VISHAY-DSCC05006_12 Datasheet
82Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 05006
Revision: 28-Feb-12
DSCC03028 VISHAY-DSCC03028_17 Datasheet
93Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03028
Revision: 11-Jan-17
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com