Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

05006-BRXXXBM Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 05006-BRXXXBM
Description  Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 05006
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

05006-BRXXXBM Datasheet(HTML) 4 Page - Vishay Siliconix

  05006-BRXXXBM Datasheet HTML 1Page - Vishay Siliconix 05006-BRXXXBM Datasheet HTML 2Page - Vishay Siliconix 05006-BRXXXBM Datasheet HTML 3Page - Vishay Siliconix 05006-BRXXXBM Datasheet HTML 4Page - Vishay Siliconix 05006-BRXXXBM Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DSCC 05006
Surface Mount Multilayer Ceramic Chip Capacitors
DSCC Qualified Type 05006
Vishay Vitramon
Document Number: 45048
For technical questions, contact: mlcc.specials@vishay.com
www.vishay.com
Revision: 20-Feb-08
149
Notes:
(1) Vishay Vitramon uses embossed plastic carrier tape and punch paper carrier tape
(2) REFERENCE: EIA Standard RS 481 - “Taping of Surface Mount Components for Automatic Placement”
(3) Paper tape is not available for component thickness > 0.035" [0.89 mm]
(4) DC voltage rating should not be exceeded in application
CAP. CODE
CAP.
103
0.010 µF
••••••••••
123
0.012 µF
••••
••••
153
0.015 µF
••••
••••
183
0.018 µF
••••
••••
223
0.022 µF
••••
••••
273
0.027 µF
••••
••••
333
0.033 µF
••••
••••
393
0.039 µF
••••
••••
473
0.047 µF
•••
•••
563
0.056 µF
•••
•••
683
0.068 µF
•••
•••
823
0.082 µF
•••
•••
104
0.10 µF
•••
•••
124
0.12 µF
154
0.15 µF
DIELECTRIC 05006 MLCCS
STYLE
05006
EIA TYPE
0805
DIELECTRIC
BP
BR
BX
VOLTAGE (Vdc)
10
16
25
50
100
200
10
16
25
50
100
10
16
25
50
100
DSCC PACKAGING QUANTITIES (1) (2)
7" REEL
QUANTITIES
11 1/4" AND 13" REEL
QUANTITIES
BULK QUANTITIES
BODY
SIZE
TAPE
SIZE
PLASTIC TAPE
PACKAGING
CODE “T”
PLASTIC TAPE
PACKAGING
CODE “J”
PLASTIC TAPE PACKAGING
CODE “R”
VIAL
PACKAGING
CODE “B”
WAFFLE
PACKAGING
CODE “W”
0805
8 mm
3000
1000
10 000
100
N/a


Similar Part No. - 05006-BRXXXBM

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0500618000 MOLEX6-0500618000 Datasheet
86Kb / 3P
   1.25mm (.049") Pitch Board-In Crimp Terminal, 28-32 AWG, Reel
0500618100 MOLEX6-0500618100 Datasheet
85Kb / 3P
   1.25mm (.049") Pitch Board-In Crimp Terminal, 28-32 AWG, Bag
logo
Microsemi Corporation
05006G0F MICROSEMI-05006G0F Datasheet
165Kb / 3P
   Silicon Controlled Rectifier
More results

Similar Description - 05006-BRXXXBM

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DSCC05006 VISHAY-DSCC05006_V01 Datasheet
89Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 05006
01-Jan-2023
DSCC05006 VISHAY-DSCC05006_12 Datasheet
82Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 05006
Revision: 28-Feb-12
DSCC03028 VISHAY-DSCC03028_12 Datasheet
82Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03028
Revision: 29-Feb-12
DSCC03028 VISHAY-DSCC03028 Datasheet
81Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03028
Revision: 09-Jul-08
DSCC03029 VISHAY-DSCC03029_12 Datasheet
83Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03029
Revision: 28-Feb-12
DSCC05007 VISHAY-DSCC05007 Datasheet
81Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 05007
Revision: 28-Feb-12
DSCC03029 VISHAY-DSCC03029 Datasheet
81Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03029
Revision: 09-Jul-08
DSCC03029 VISHAY-DSCC03029_V01 Datasheet
87Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03029
01-Jan-2023
DSCC03029 VISHAY-DSCC03029_17 Datasheet
89Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03029
Revision: 11-Jan-17
DSCC03028 VISHAY-DSCC03028_17 Datasheet
93Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03028
Revision: 11-Jan-17
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com