Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RER50F49R9PC02 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # RER50F49R9PC02
Description  Wirewound Resistors, Military/Established Reliability MIL-PRF-39009 Qualified, Type RER, R Level
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RER50F49R9PC02 Datasheet(HTML) 1 Page - Vishay Siliconix

  RER50F49R9PC02 Datasheet HTML 1Page - Vishay Siliconix RER50F49R9PC02 Datasheet HTML 2Page - Vishay Siliconix RER50F49R9PC02 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.vishay.com
For technical questions, contact: ww2bresistors@vishay.com
Document Number: 30200
160
Revision: 29-May-08
ERH, ENH
Vishay Dale
Wirewound Resistors, Military/Established Reliability
MIL-PRF-39009 Qualified, Type RER, R Level
FEATURES
• Aluminum heat sink housing
• Molded construction for total environmental protection
• Qualified to MIL-PRF-39009
• Complete welded construction
• Available in non-inductive styles (type ENH) with Aryton-
Perry winding for lowest reactive components
• Mounts on chassis to utilize heat-sink effect
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
MIL-PRF-39009
TYPE
POWER RATING
P25 °C
W
MILITARY
RESISTANCE RANGE
± 1 %
Ω
WEIGHT
(typical)
g
MOUNTED
FREE AIR
ENH-5
RER40
5
3
1 - 1.65K
3.3
ENH-10
RER45
10
6
1 - 2.8K
8.8
ENH-25
RER50
20
8
1 - 6.04K
16.5
ENH-50
RER55
30
10
1 - 4.99K
35
ERH-5
RER60
5
3
0.10 - 3.32K
3
ERH-10
RER65
10
6
0.10 - 5.62K
6
ERH-25
RER70
20
8
0.10 - 12.1K
13
ERH-50
RER75
30
10
0.10 - 39.2K
28
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
ERH, ENH RESISTOR CHARACTERISTICS
Temperature Coefficient
ppm/°C
± 100 for 0.1
Ω to 0.99 Ω, ± 50 for 1 Ω to 19.9 Ω, ± 20 for 20 Ω and above
Dielectric Withstanding Voltage
VAC
1000 for ERH-5, ERH-10 and ERH-25, 2000 for ERH-50
Short Time Overload
-
5 x rated power for 5 s
Maximum Working Voltage
V
(
P x R)1/2
Insulation Resistance
Ω
10 000 M
Ω minimum dry, 1000 MΩ minimum after moisture test
Terminal Strength
lb
5 pull for ERH-5 and ERH-10, 10 pull for ERH-25 and ERH-50
Solderability
-
Meets requirements of ANSI J-STD-002
Operating Temperature Range
°C
- 55 to + 250
GLOBAL PART NUMBER INFORMATION
Global/Military Part Numbering: RER65F1001RC02
MIL TYPE
TOLERANCE CODE
RESISTANCE VALUE
FAILURE RATE
PACKAGING CODE
RER40
RER45
RER50
RER55
RER60
RER65
RER70
RER75
F = ± 1.0 %
3 digit significant figure,
followed by a multiplier
49R9 = 49.9
Ω
1000 = 100
Ω
1001 = 1000
Ω
M = 1.0 %/1000 h
P = 0.1 %/1000 h
R = 0.01 %/1000 h
C02 = Tin/lead,
card pack
CSL = Tin/lead, card pack,
single lot date code
65
F
1
01
R
0
ER
C0
2
R


Similar Part No. - RER50F49R9PC02

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RER50 VISHAY-RER50 Datasheet
172Kb / 3P
   Wirewound Resistors, Military/Established Reliability MIL-PRF-39009 Qualified, Type RER, R Level
Revision: 23-Jun-16
More results

Similar Description - RER50F49R9PC02

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RER VISHAY-RER Datasheet
172Kb / 3P
   Wirewound Resistors, Military/Established Reliability MIL-PRF-39009 Qualified, Type RER, R Level
Revision: 23-Jun-16
RERMIL VISHAY-RERMIL Datasheet
158Kb / 3P
   Wirewound Resistors, Military/Established Reliability MIL-PRF-39009 Qualified, Type RER, R Level
Revision: 11-Nov-15
RER65F7500R VISHAY-RER65F7500R Datasheet
175Kb / 3P
   Wirewound Resistors, Military/Established Reliability MIL-PRF-39009 Qualified, Type RER, R Level
Revision: 23-Feb-11
RER70F VISHAY-RER70F Datasheet
168Kb / 3P
   Wirewound Resistors, Military/Established Reliability MIL-PRF-39009 Qualified, Type RER, R Level
Revision: 23-May-13
ESS VISHAY-ESS_08 Datasheet
170Kb / 3P
   Wirewound Resistors, Military/Established Reliability MIL-PRF-39007 Qualified, Type RWR, R Level
Revision: 22-Oct-08
RWR81S10R0FS VISHAY-RWR81S10R0FS Datasheet
164Kb / 4P
   Wirewound Resistors, Military/Established Reliability, MIL-PRF-39007 Qualified, Type RWR, R Level, Axial Lead
Revision: 30-Mar-12
RWR71S1002FR VISHAY-RWR71S1002FR Datasheet
164Kb / 4P
   Wirewound Resistors, Military/Established Reliability, MIL-PRF-39007 Qualified, Type RWR, R Level, Axial Lead
Revision: 30-Mar-12
RWR89SR100FRB12 VISHAY-RWR89SR100FRB12 Datasheet
165Kb / 4P
   Wirewound Resistors, Military/Established Reliability, MIL-PRF-39007 Qualified, Type RWR, R Level, Axial Lead
Revision: 11-Jul-13
RWR81NR100FR VISHAY-RWR81NR100FR Datasheet
164Kb / 4P
   Wirewound Resistors, Military/Established Reliability, MIL-PRF-39007 Qualified, Type RWR, R Level, Axial Lead
Revision: 30-Mar-12
RNC55H1502FSB14 VISHAY-RNC55H1502FSB14 Datasheet
152Kb / 4P
   Metal Film Resistors, Military/Established Reliability, MIL-PRF-55182 Qualified
Revision: 21-Sep-12
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com