Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EKO00PB322E00 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # EKO00PB322E00
Description  Aluminum Capacitors Radial Style
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EKO00PB322E00 Datasheet(HTML) 4 Page - Vishay Siliconix

  EKO00PB322E00 Datasheet HTML 1Page - Vishay Siliconix EKO00PB322E00 Datasheet HTML 2Page - Vishay Siliconix EKO00PB322E00 Datasheet HTML 3Page - Vishay Siliconix EKO00PB322E00 Datasheet HTML 4Page - Vishay Siliconix EKO00PB322E00 Datasheet HTML 5Page - Vishay Siliconix EKO00PB322E00 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
EKO
Aluminum Capacitors
Radial Style
Vishay Roederstein
Document Number: 25006
For technical questions contact: aluminumcaps3@vishay.com
www.vishay.com
Revision: 30-Aug-05
231
50
0.47
5 x 11
0.10
339.00
16
0.5
EKO00AA047H00
1
5 x 11
0.10
159.00
23
0.5
EKO00AA110H00
2.2
5 x 11
0.10
72.00
34
0.5
EKO00AA122H00
3.3
5 x 11
0.10
48.00
42
0.5
EKO00AA133H00
4.7
5 x 11
0.10
34.00
50
0.5
EKO00AA147H00
10
5 x 11
0.10
15.90
72
0.5
EKO00AA210H00
22
5 x 11
0.10
7.24
108
0.5
EKO00AA222H00
33
6.3 x 11
0.10
4.83
151
0.8
EKO00BA233H00
47
6.3 x 11
0.10
3.39
181
0.8
EKO00BA247H00
100
8 x 11.5
0.10
1.59
311
1.1
EKO00PB310H00
220
10 x 16
0.10
0.73
586
2.0
EKO00DD322H00
330
10 x 20
0.10
0.48
784
2.5
EKO00DE333H00
470
12.5 x 20
0.10
0.34
1098
3.8
EKO00GE347H00
1000
16 x 25
0.10
0.16
1937
7.0
EKO00JG410H00
2200
18 x 35.5
0.12
0.09
2823
13.0
EKO00KL422H00
63
4.7
5 x 11
0.09
30.50
54
0.5
EKO00AA147J00
10
5 x 11
0.09
14.30
78
0.5
EKO00AA210J00
22
6.3 x 11
0.09
6.51
133
0.8
EKO00BA222J00
33
6.3 x 11
0.09
4.34
163
0.8
EKO00BA233J00
47
8 x 11.5
0.09
3.05
230
1.1
EKO00PB247J00
100
10 x 12.5
0.09
1.43
390
1.5
EKO00DC310J00
220
10 x 20
0.09
0.65
691
2.5
EKO00DE322J00
330
12.5 x 20
0.09
0.43
994
3.8
EKO00GE333J00
470
12.5 x 25
0.09
0.30
1893
4.5
EKO00GG347J00
1000
16 x 31.5
0.09
0.14
2289
9.0
EKO00JS410J00
100
0.47
5 x 11
0.08
271.00
17
0.5
EKO00AA047L00
1
5 x 11
0.08
127.00
25
0.5
EKO00AA110L00
2.2
5 x 11
0.08
58.00
37
0.5
EKO00AA122L00
3.3
5 x 11
0.08
38.60
45
0.5
EKO00AA133L00
4.7
5 x 11
0.08
27.10
54
0.5
EKO00AA147L00
10
6.3 x 11
0.08
12.70
90
0.8
EKO00BA210L00
22
8 x 11.5
0.08
5.79
157
1.1
EKO00PB222L00
33
10 x 12.5
0.08
3.86
224
1.5
EKO00DC233L00
47
10 x 16
0.08
2.71
293
2.0
EKO00DD247L00
100
10 x 20
0.08
1.27
466
3.8
EKO00DE310L00
220
12.5 x 25
0.08
0.58
885
7.0
EKO00GG322L00
330
16 x 25
0.08
0.39
1202
7.0
EKO00JG333L00
470
16 x 31.5
0.08
0.27
1569
9.0
EKO00JS347L00
160
1
6.3 x 11
0.15
239.00
25
0.8
EKO00BA110M00
2.2
6.3 x 11
0.15
109.00
37
0.8
EKO00BA122M00
3.3
8 x 11.5
0.15
72.00
53
1.1
EKO00PB133M00
4.7
8 x 11.5
0.15
50.80
63
1.1
EKO00PB147M00
10
10 x 12.5
0.15
23.90
107
1.5
EKO00DC210M00
22
10 x 20
0.15
10.90
189
2.5
EKO00DE222M00
33
12.5 x 20
0.15
7.24
272
3.8
EKO00GE233M00
47
12.5 x 20
0.15
5.08
325
3.8
EKO00GE247M00
100
16 x 25
0.15
2.39
573
7.0
EKO00JG310M00
220
18 x 35.5
0.15
1.09
1047
13.0
EKO00KL322M00
250
2.2
8 x 11.5
0.15
109.00
46
1.1
EKO00PB122N00
3.3
10 x 12.5
0.15
72.00
61
1.5
EKO00DC133N00
4.7
10 x 12.5
0.15
50.80
73
1.5
EKO00DC147N00
10
10 x 16
0.15
23.90
117
2.0
EKO00DD210N00
22
12.5 x 20
0.15
10.90
222
3.8
EKO00GE222N00
33
12.5 x 25
0.15
7.24
297
4.5
EKO00GG233N00
47
12.5 x 25
0.15
5.08
393
4.5
EKO00GG247N00
100
16 x 31.5
0.15
2.39
627
9.0
EKO00JS310N00
ELECTRICAL DATA AND ORDERING INFORMATION
UR (V)
CR
120 Hz
(
μF)
NOMINAL
CASE SIZE
∅DxL
(mm)
Tan
δ
120 Hz
RESR
120 Hz
(
Ω)
IR
120 Hz/85 °C
(mA)
WEIGHT
(g)
CATALOG
NUMBER


Similar Description - EKO00PB322E00

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EKF VISHAY-EKF Datasheet
89Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 13-Jun-08
EKV VISHAY-EKV Datasheet
94Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKV VISHAY-EKV_12 Datasheet
102Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
EKS VISHAY-EKS Datasheet
209Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 18-Aug-04
EKA VISHAY-EKA Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKC VISHAY-EKC Datasheet
98Kb / 7P
   Aluminum Capacitors Radial Style
Revision: 05-Nov-08
EKB VISHAY-EKB_12 Datasheet
118Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
EKX VISHAY-EKX Datasheet
100Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKE VISHAY-EKE Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 15-Jul-08
EKB VISHAY-EKB Datasheet
113Kb / 9P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com