Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EKS00GG422D00 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # EKS00GG422D00
Description  Aluminum Capacitors Radial Style
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EKS00GG422D00 Datasheet(HTML) 4 Page - Vishay Siliconix

  EKS00GG422D00 Datasheet HTML 1Page - Vishay Siliconix EKS00GG422D00 Datasheet HTML 2Page - Vishay Siliconix EKS00GG422D00 Datasheet HTML 3Page - Vishay Siliconix EKS00GG422D00 Datasheet HTML 4Page - Vishay Siliconix EKS00GG422D00 Datasheet HTML 5Page - Vishay Siliconix EKS00GG422D00 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Document Number: 25007
For technical questions contact: aluminumcaps3@vishay.com
www.vishay.com
Revision: 18-Aug-04
245
EKS
Aluminum Capacitors
Radial Style
Vishay Roederstein
0.47
5 x 11
0.10
283
10
0.5
EKS00AA047H00
1
5 x 11
0.10
133
15
0.5
EKS00AA110H00
2.2
5 x 11
0.10
61
22
0.5
EKS00AA122H00
3.3
5 x 11
0.10
41
27
0.5
EKS00AA133H00
4.7
5 x 11
0.10
29
32
0.5
EKS00AA147H00
10
5 x 11
0.10
13.30
47
0.5
EKS00AA210H00
22
5 x 11
0.10
6.03
70
0.5
EKS00AA222H00
50
33
6.3 x 11
0.10
4.02
98
0.8
EKS00BA233H00
47
6.3 x 11
0.10
2.83
117
0.8
EKS00BA247H00
100
8 x 11.5
0.10
1.33
202
1.1
EKS00PB310H00
220
10 x 16
0.10
0.61
381
2.0
EKS00DD322H00
330
13 x 16
0.10
0.41
551
2.5
EKS00GD333H00
470
13 x 20
0.10
0.29
704
3.8
EKS00GE347H00
1000
16 x 25
0.10
0.14
1259
7.0
EKS00JG410H00
2200
18 x 35.5
0.12
0.08
1626
13.0
EKS00KL422H00
10
5 x 11
0.09
11.95
47
0.5
EKS00AA210J00
22
6.3 x 11
0.09
5.43
80
0.8
EKS00BA222J00
33
6.3 x 11
0.09
3.62
98
0.8
EKS00BA233J00
47
8 x 11.5
0.09
2.54
138
1.1
EKS00PB247J00
63
100
10 x 12.5
0.09
1.20
235
2.5
EKS00DC310J00
220
13 x 16
0.09
0.55
450
2.5
EKS00GD322J00
330
13 x 20
0.09
0.37
598
3.8
EKS00GE333J00
470
13 x 25
0.09
0.26
779
4.5
EKS00GG347J00
1000
16 x 31.5
0.09
0.12
1377
9.0
EKS00JS410J00
0.47
5 x 11
0.08
226
11
0.5
EKS00AA047L00
1
5 x 11
0.08
107
16
0.5
EKS00AA110L00
2.2
5 x 11
0.08
49
24
0.5
EKS00AA122L00
3.3
5 x 11
0.08
32.2
29
0.5
EKS00AA133L00
4.7
5 x 11
0.08
22.6
35
0.5
EKS00AA147L00
10
6.3 x 11
0.08
10.7
58
0.8
EKS00BA210L00
100
22
8 x 11.5
0.08
4.83
102
1.1
EKS00PB222L00
33
10 x 12.5
0.08
3.22
146
1.5
EKS00DC233L00
47
10 x 16
0.08
2.26
190
2.0
EKS00DD247L00
100
13 x 20
0.08
1.07
356
3.8
EKS00GE310L00
220
16 x 25
0.08
0.49
638
7.0
EKS00JG322L00
330
16 x 25
0.08
0.33
781
7.0
EKS00JG333L00
470
16 x 31.5
0.08
0.23
1020
9.0
EKS00JS347L00
160
2.2
6.3 x 11
0.15
91
20
0.8
EKS00BA122M00
3.3
8 x 11.5
0.15
61
28
1.1
EKS00PB133M00
4.7
8 x 11.5
0.15
43
34
1.1
EKS00PB147M00
10
10 x 16
0.15
20
63
2.0
EKS00DD210M00
22
10 x 20
0.15
9.10
102
2.5
EKS00DE222M00
33
13 x 20
0.15
6.10
146
3.8
EKS00GE233M00
47
13 x 20
0.15
4.24
174
3.8
EKS00GE247M00
100
16 x 25
0.15
2
307
7.0
EKS00JG310M00
220
16 x 40
0.15
0.91
550
15.0
EKS00JK322M00
220
18 x 40
0.15
0.61
722
16.0
EKS00KK333M00
0.47
6.3 x 11.5
0.15
424
9
0.8
EKS00BA047N00
2
6.3 x 11
0.15
200
13
0.8
EKS00BA110N00
2.2
8 x 11.5
0.15
91
23
1.1
EKS00PB122N00
3.3
10 x 12.5
0.15
61
33
1.5
EKS00DC133N00
4.7
10 x 12.5
0.15
43
39
1.5
EKS00DC147N00
250
10
10 x 16
0.15
20
63
2.0
EKS00DD210N00
22
13 x 20
0.15
9.10
119
3.8
EKS00GE222N00
33
13 x 20
0.15
6.10
146
3.8
EKS00GE233N00
47
13 x 25
0.15
4.24
190
4.5
EKS00GG247N00
100
16 x 35.5
0.15
2
353
11.0
EKS00JL310N00
ELECTRICAL DATA AND ORDERING INFORMATION
UR (V)
CR
120 Hz
(
µF)
NOMINAL
CASE SIZE
∅Dx L
(mm)
Tan
δ
120 Hz
RESR
120 Hz
(
Ω)
IR
100 kHz/105 °C
(mA)
WEIGHT
(g)
CATALOG
NUMBER


Similar Part No. - EKS00GG422D00

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
EKS-LM3S6965 TI-EKS-LM3S6965 Datasheet
82Kb / 2P
[Old version datasheet]   Stellaris LM3S6965 Ethernet Evaluation Kit
logo
SICK AG
EKS36-0JF0A018A SICK-EKS36-0JF0A018A Datasheet
936Kb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
EKS36-0JF0A020A SICK-EKS36-0JF0A020A Datasheet
936Kb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
EKS36-0KF0A018A SICK-EKS36-0KF0A018A Datasheet
936Kb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
EKS36-0KF0A020A SICK-EKS36-0KF0A020A Datasheet
936Kb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
More results

Similar Description - EKS00GG422D00

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EKF VISHAY-EKF Datasheet
89Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 13-Jun-08
EKV VISHAY-EKV Datasheet
94Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKV VISHAY-EKV_12 Datasheet
102Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
EKA VISHAY-EKA Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKC VISHAY-EKC Datasheet
98Kb / 7P
   Aluminum Capacitors Radial Style
Revision: 05-Nov-08
EKB VISHAY-EKB_12 Datasheet
118Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
EKO VISHAY-EKO Datasheet
305Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 30-Aug-05
EKX VISHAY-EKX Datasheet
100Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKE VISHAY-EKE Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 15-Jul-08
EKB VISHAY-EKB Datasheet
113Kb / 9P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com