Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STD18NF03L Datasheet(PDF) 4 Page - STMicroelectronics

Part # STD18NF03L
Description  N-channel 30V - 0.038廓 - 17A - DPAK STripFET??II Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD18NF03L Datasheet(HTML) 4 Page - STMicroelectronics

  STD18NF03L Datasheet HTML 1Page - STMicroelectronics STD18NF03L Datasheet HTML 2Page - STMicroelectronics STD18NF03L Datasheet HTML 3Page - STMicroelectronics STD18NF03L Datasheet HTML 4Page - STMicroelectronics STD18NF03L Datasheet HTML 5Page - STMicroelectronics STD18NF03L Datasheet HTML 6Page - STMicroelectronics STD18NF03L Datasheet HTML 7Page - STMicroelectronics STD18NF03L Datasheet HTML 8Page - STMicroelectronics STD18NF03L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Electrical characteristics
STD18NF03L
4/13
2
Electrical characteristics
(TCASE=25°C unless otherwise specified)
Table 4.
On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
breakdown voltage
ID = 250µA, VGS =0
30
V
IDSS
Zero gate voltage
drain current (VGS = 0)
VDS = Max rating
VDS = Max rating,
TC = 125°C
1
10
µA
µA
IGSS
Gate-body leakage
current (VDS = 0)
VGS = ± 16V
±100
nA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250µA
1
1.5
2.2
V
RDS(on)
Static drain-source on
resistance
VGS = 10V, ID = 8.5A
VGS = 5V, ID = 8.5A
0.038
0.045
0.05
0.06
Table 5.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
gfs
(1)
1.
Pulsed: Pulse duration = 300 µs, duty cycle 1.5%.
Forward
transconductance
VDS > ID(on) x
RDS(on)max, , ID =8.5A
12
S
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer
capacitance
VDS = 25V, f = 1MHz,
VGS = 0
320
155
28
pF
pF
pF
td(on)
tr
td(off)
tf
Turn-on delay time
Rise time
Turn-off delay time
Fall time
VDD = 15V, ID = 8.5A
RG =4.7Ω VGS = 5V
(see Figure 14)
11
100
25
22
ns
ns
ns
ns
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
VDD = 3024V, ID = 17A,
VGS = 5V, RG =4.7Ω
(see Figure 15)
4.8
2.25
1.7
6.5
nC
nC
nC


Similar Part No. - STD18NF03L

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STD18NF03L VBSEMI-STD18NF03L Datasheet
1,019Kb / 8P
   N-Channel 30-V (D-S) MOSFET
logo
STMicroelectronics
STD18NF03L STMICROELECTRONICS-STD18NF03L_V01 Datasheet
430Kb / 15P
   Automotive-grade N-channel 30 V, 38 mΩ typ., 17 A STripFET II Power MOSFET in a DPAK package
Rev 2 - April 2020
More results

Similar Description - STD18NF03L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD1703L STMICROELECTRONICS-STD1703L Datasheet
981Kb / 10P
   N-CHANNEL 30V - 0.038Ω - 17A - DPAK STripFET™ II MOSFET
April 2004
STD17NF03L-1 STMICROELECTRONICS-STD17NF03L-1 Datasheet
413Kb / 14P
   N-CHANNEL 30V - 0.038 - 17A - DPAK/IPAK STripFETII MOSFET
STD17NF03L STMICROELECTRONICS-STD17NF03L_07 Datasheet
312Kb / 14P
   N-channel 30V - 0.038ohm - 17A - DPAK/IPAK STripFET TM II Power MOSFET
logo
Texas Instruments
STD60NF3LL TI-STD60NF3LL_06 Datasheet
404Kb / 13P
[Old version datasheet]   N-channel 30V - 0.0075廓 - 60A - DPAK STripFET??II Power MOSFET
logo
STMicroelectronics
STD17NF03L STMICROELECTRONICS-STD17NF03L Datasheet
264Kb / 9P
   N-CHANNEL 30V - 0.038ohm - 17A - DPAK/IPAK STripFET??POWER MOSFET
STD17NE03L STMICROELECTRONICS-STD17NE03L Datasheet
92Kb / 9P
   N - CHANNEL 30V - 0.034ohm - 17A - DPAK/IPAK STripFET POWER MOSFET
STD60NF3LL STMICROELECTRONICS-STD60NF3LL Datasheet
452Kb / 9P
   N-CHANNEL 30V - 0.0075ohm - 60A DPAK STripFET??II POWER MOSFET
STD16NF06T4 STMICROELECTRONICS-STD16NF06T4 Datasheet
705Kb / 11P
   N-Channel 60V - 0.060廓 - 16A - DPAK STripFET??II Power MOSFET
STD60NF55LA STMICROELECTRONICS-STD60NF55LA Datasheet
324Kb / 14P
   N-channel 55V - 0.012廓 - 60A - DPAK STripFET??II Power MOSFET
STD35NF06 STMICROELECTRONICS-STD35NF06 Datasheet
319Kb / 13P
   N-channel 60V - 0.018廓 - 35A - DPAK STripFET??II Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com