Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

15ETX06S Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 15ETX06S
Description  Hyperfast Rectifier, 15 A FRED PtTM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

15ETX06S Datasheet(HTML) 4 Page - Vishay Siliconix

  15ETX06S Datasheet HTML 1Page - Vishay Siliconix 15ETX06S Datasheet HTML 2Page - Vishay Siliconix 15ETX06S Datasheet HTML 3Page - Vishay Siliconix 15ETX06S Datasheet HTML 4Page - Vishay Siliconix 15ETX06S Datasheet HTML 5Page - Vishay Siliconix 15ETX06S Datasheet HTML 6Page - Vishay Siliconix 15ETX06S Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
For technical questions, contact: diodes-tech@vishay.com
Document Number: 93928
4
Revision: 08-Sep-08
15ETX06S/15ETX06-1
Vishay High Power Products
Hyperfast Rectifier,
15 A FRED PtTM
Fig. 5 - Maximum Allowable Case Temperature vs.
Average Forward Current
Fig. 6 - Forward Power Loss Characteristics
Fig. 7 - Typical Reverse Recovery Time vs. dIF/dt
Fig. 8 - Typical Stored Charge vs. dIF/dt
Note
(1) Formula used: TC = TJ - (Pd + PdREV) x RthJC;
Pd = Forward power loss = IF(AV) x VFM at (IF(AV)/D) (see fig. 6);
PdREV = Inverse power loss = VR1 x IR (1 - D); IR at VR1 = Rated VR
See note (1)
Square wave (D = 0.50)
Rated V
R applied
DC
0
5
10
15
20
25
180
170
160
150
140
130
120
110
IF(AV) - Average Forward Current (A)
0
5
DC
RMS limit
D = 0.01
D = 0.02
D = 0.05
D = 0.1
D = 0.2
D = 0.5
0
5
10
15
20
25
IF(AV) - Average Forward Current (A)
40
35
30
25
20
10
15
I
F = 15 A
I
F = 30 A
I
F = 15 A
V
R = 390 V
T
J = 125 °C
T
J = 25 °C
70
50
30
10
100
1000
dIF/dt (A/µs)
I
F = 30 A
450
0
100
1000
dIF/dt (A/µs)
100
200
300
400
I
F = 30 A
I
F = 15 A
50
150
250
350
V
R = 390 V
T
J = 125 °C
T
J = 25 °C


Similar Part No. - 15ETX06S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
15ETX06S IRF-15ETX06S Datasheet
205Kb / 9P
   Hyperfast Rectifier
logo
Inchange Semiconductor ...
15ETX06S ISC-15ETX06S Datasheet
263Kb / 2P
   Hyperfast Rectifier
logo
Vishay Siliconix
15ETX06SPBF VISHAY-15ETX06SPBF Datasheet
121Kb / 7P
   Hyperfast Rectifier, 15 A FRED PtTM
Revision: 21-May-08
15ETX06SPBF VISHAY-15ETX06SPBF Datasheet
176Kb / 9P
   Hyperfast Rectifier, 15 A FRED Pt
Revision: 11-Mar-10
15ETX06SPBF VISHAY-15ETX06SPBF_10 Datasheet
176Kb / 9P
   Hyperfast Rectifier, 15 A FRED Pt
Revision: 11-Mar-10
More results

Similar Description - 15ETX06S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
15ETH03 VISHAY-15ETH03 Datasheet
114Kb / 7P
   Hyperfast Rectifier, 15 A FRED PtTM
Revision: 20-Jun-08
30ETH06PBF VISHAY-30ETH06PBF Datasheet
108Kb / 7P
   Hyperfast Rectifier, 15 A FRED PtTM
Revision: 07-Apr-08
15ETH03SPBF VISHAY-15ETH03SPBF Datasheet
117Kb / 7P
   Hyperfast Rectifier, 15 A FRED PtTM
Revision: 21-May-08
15ETH06 VISHAY-15ETH06 Datasheet
130Kb / 7P
   Hyperfast Rectifier, 15 A FRED PtTM
Revision: 01-Jul-08
15ETH06S VISHAY-15ETH06S Datasheet
130Kb / 7P
   Hyperfast Rectifier, 15 A FRED PtTM
Revision: 05-Sep-08
15ETX06 VISHAY-15ETX06 Datasheet
118Kb / 7P
   Hyperfast Rectifier, 15 A FRED PtTM
Revision: 20-Jun-08
15ETX06PBF VISHAY-15ETX06PBF Datasheet
121Kb / 7P
   Hyperfast Rectifier, 15 A FRED PtTM
Revision: 04-Apr-08
15S2TH06FP VISHAY-15S2TH06FP Datasheet
127Kb / 5P
   Hyperfast Rectifier, 15 A FRED PtTM
Revision: 07-Apr-08
15STH06FP VISHAY-15STH06FP Datasheet
121Kb / 5P
   Hyperfast Rectifier, 15 A FRED PtTM
Revision: 07-Apr-08
15ETX06SPBF VISHAY-15ETX06SPBF Datasheet
121Kb / 7P
   Hyperfast Rectifier, 15 A FRED PtTM
Revision: 21-May-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com