Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5KP130 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 5KP130
Description  TRANSZORB® Transient Voltage Suppressors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

5KP130 Datasheet(HTML) 3 Page - Vishay Siliconix

  5KP130 Datasheet HTML 1Page - Vishay Siliconix 5KP130 Datasheet HTML 2Page - Vishay Siliconix 5KP130 Datasheet HTML 3Page - Vishay Siliconix 5KP130 Datasheet HTML 4Page - Vishay Siliconix 5KP130 Datasheet HTML 5Page - Vishay Siliconix 5KP130 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
5KP5.0 thru 5KP188A
Vishay General Semiconductor
Document Number: 88308
Revision: 21-Oct-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
3
Notes:
(1) Pulse test: tp ≤ 50 ms
(2) Surge current waveform per Fig. 3 and derate per Fig. 2
(3) All items and symbols are consistent with ANSI/IEEE C62.35
5KP40
44.4
54.3
5.0
40.0
2.0
70.0
71.4
0.105
5KP40A
44.4
49.1
5.0
40.0
2.0
77.5
64.5
0.105
5KP43
47.8
58.4
5.0
43.0
2.0
65.2
76.7
0.105
5KP43A
47.8
52.8
5.0
43.0
2.0
72.0
69.4
0.105
5KP45
50.0
61.1
5.0
45.0
2.0
62.3
80.3
0.106
5KP45A
50.0
55.3
5.0
45.0
2.0
68.8
72.7
0.106
5KP48
53.3
65.2
5.0
48.0
2.0
58.5
85.5
0.106
5KP48A
53.3
58.9
5.0
48.0
2.0
64.6
77.4
0.106
5KP51
56.1
69.3
5.0
51.0
2.0
54.9
91.1
0.107
5KP51A
56.7
62.7
5.0
51.0
2.0
60.7
82.4
0.107
5KP54
60.0
73.3
5.0
54.0
2.0
51.9
96.3
0.107
5KP54A
60.0
66.3
5.0
54.0
2.0
57.4
87.1
0.107
5KP58
64.4
78.7
5.0
58.0
2.0
48.5
103
0.107
5KP58A
64.4
71.2
5.0
58.0
2.0
53.4
94
0.107
5KP60
66.7
81.5
5.0
60.0
2.0
46.7
107
0.108
5KP60A
66.7
73.7
5.0
60.0
2.0
51.7
97
0.108
5KP64
71.1
96.9
5.0
64.0
2.0
43.9
114
0.108
5KP64A
71.1
78.6
5.0
64.0
2.0
48.5
103
0.108
5KP70
77.6
95.1
5.0
70.0
2.0
40.0
125
0.108
5KP70A
77.8
86.0
5.0
70.0
2.0
44.2
113
0.108
5KP75
83.3
102
5.0
75.0
2.0
37.3
134
0.108
5KP75A
83.3
92.1
5.0
75.0
2.0
41.3
121
0.108
5KP78
86.7
106.0
5.0
78.0
2.0
36.0
139
0.108
5KP78A
86.7
95.8
5.0
78.0
2.0
39.7
126
0.108
5KP85
94.4
115
5.0
85.0
2.0
33.1
151
0.108
5KP85A
94.4
104
5.0
85.0
2.0
36.5
137
0.110
5KP90
100
122
5.0
90.0
2.0
31.3
160
0.110
5KP90A
100
111
5.0
90.0
2.0
34.2
146
0.110
5KP100
111
136
5.0
100
2.0
27.9
179
0.110
5KP100A
111
123
5.0
100
2.0
30.9
162
0.110
5KP110
122
149
5.0
110
2.0
25.5
196
0.112
5KP110A
122
135
5.0
110
2.0
28.2
177
0.112
5KP120
133
163
5.0
120
2.0
23.4
214
0.112
5KP120A
133
147
5.0
120
2.0
25.9
193
0.112
5KP130
144
176
5.0
130
2.0
21.6
230
0.112
5KP130A
144
159
5.0
130
2.0
23.9
209
0.112
5KP150
167
204
5.0
150
2.0
18.7
268
0.112
5KP150A
167
185
5.0
150
2.0
20.6
243
0.112
5KP160
178
218
5.0
160
2.0
17.4
287
0.112
5KP160A
178
197
5.0
160
2.0
19.3
259
0.112
5KP170
189
231
5.0
170
2.0
16.4
304
0.112
5KP170A
189
209
5.0
170
2.0
18.2
275
0.112
5KP188
209
255
5.0
188
2.0
14.5
344
0.112
5KP188A
209
231
5.0
188
2.0
15.2
328
0.112
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
DEVICE TYPE
BREAKDOWN
VOLTAGE
VBR
(V) (1)
TEST
CURRENT
AT IT
(mA)
STAND-OFF
VOLTAGE
VWM
(V)
MAXIMUM
REVERSE
LEAKAGE
AT VWM
ID (µA)
MAXIMUM
PEAK
PULSE
CURRENT
IPPM
(2) (A)
MAXIMUM
CLAMPING
VOLTAGE AT
IPPM
VC (V)
MAXIMUM
TEMPERATURE
COEFFICIENT
OF VBR
(%/°C)
MIN.
MAX.


Similar Part No. - 5KP130

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
5KP130 WTE-5KP130 Datasheet
62Kb / 5P
   5000W TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
5KP130 LUGUANG-5KP130 Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
5KP130 LUGUANG-5KP130 Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
logo
Pan Jit International I...
5KP130 PANJIT-5KP130 Datasheet
88Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
5KP130 LUGUANG-5KP130 Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
More results

Similar Description - 5KP130

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P4KE6.8 VISHAY-P4KE6.8 Datasheet
107Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
1.5KE12A-E3-73 VISHAY-1.5KE12A-E3-73 Datasheet
108Kb / 7P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
5KP30A-E3-54 VISHAY-5KP30A-E3-54 Datasheet
88Kb / 5P
   TRANSZORB® Transient Voltage Suppressors
Revision: 20-Nov-12
1N6386 VISHAY-1N6386 Datasheet
98Kb / 5P
   TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
P6KE400CA-E354 VISHAY-P6KE400CA-E354 Datasheet
93Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 18-Sep-12
ICTE8-E354 VISHAY-ICTE8-E354 Datasheet
89Kb / 5P
   TRANSZORB® Transient Voltage Suppressors
Revision: 18-Sep-12
SA170CA VISHAY-SA170CA Datasheet
117Kb / 7P
   TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
5KP188A VISHAY-5KP188A_V02 Datasheet
88Kb / 5P
   TRANSZORB® Transient Voltage Suppressors
09-Jul-2021
5KP188A VISHAY-5KP188A_V03 Datasheet
82Kb / 5P
   TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
BZW04P-5V8 VISHAY-BZW04P-5V8 Datasheet
105Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com