Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SA1011P Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SA1011P
Description  High-Voltage Switching, AF Power Amp,100W Output Predriver Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SA1011P Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SA1011P Datasheet HTML 1Page - Sanyo Semicon Device 2SA1011P Datasheet HTML 2Page - Sanyo Semicon Device 2SA1011P Datasheet HTML 3Page - Sanyo Semicon Device 2SA1011P Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SA1011P / 2SC2344P
No.8522-3/4
Collector to Emitter Voltage, VCE -- V
A S O
IT02141
IT02140
0.01
23
5
7
7
5
0.1
1.0
23
23
1.0
23
5
7
23
5
7
10
100
2
0.1
2
7
5
3
2
7
5
3
2
7
5
3
1.0
10
Collector Current, IC -- A
VCE(sat) -- IC
IC / IB=10
2SA1011P
2SC2344P
0.1
0.01
7
2
5
3
2
5
3
7
2
5
3
1.0
IT02139
23
5
7
2
3
5
7
10
100
1.0
7
5
3
2
7
5
3
2
5
3
2
10
100
Collector to Base Voltage, VCB -- V
Cob -- VCB
f=1MHz
fT -- IC
Collector Current, IC -- A
23
5 7
57
23
1.0
0.01
0.1
23
5 7
0.001
7
10
100
2
3
5
3
2
3
5
7
VCE=10V
IT02138
2SA1011P
2SC2344P
2SA1011P
2SC2344P
(For PNP minus sign is omitted)
(For PNP minus sign is omitted)
(For PNP minus sign is omitted)
(For PNP minus sign is omitted)
ICP=3A
IC=1.5A
IT02136
hFE -- IC
Collector Current, IC -- A
Collector Current, IC -- A
57
73
25
7
3
25
3
2
--0.1
--1.0
--0.01
57
73
25
7
3
25
3
2
0.1
1.0
0.01
5
3
7
10
1000
2
5
3
7
100
2
5
3
7
2
1.0
hFE -- IC
IT02137
Ta= --25
°C
25
°C
125
°C
75
°C
2SA1011P
VCE= --5V
5
3
7
10
1000
2
5
3
7
100
2
5
3
7
2
1.0
2SC2344P
VCE=5V
Ta= --25°C
25°C
125
°C
75
°C


Similar Part No. - 2SA1011P

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2SA1011 MOSPEC-2SA1011 Datasheet
109Kb / 3P
   POWER TRANSISTORS(1.5A,160V,25W)
logo
Wing Shing Computer Com...
2SA1011 WINGS-2SA1011 Datasheet
69Kb / 1P
   PNP EPITAXIAL SILICON TRANSISTOR(LOW FREQUENCY POWER AMPLIFIER)
logo
Sanyo Semicon Device
2SA1011 SANYO-2SA1011 Datasheet
90Kb / 3P
   High-Voltage Switching, AF Power Amp, 100W Output Predriver Applications
logo
Inchange Semiconductor ...
2SA1011 ISC-2SA1011 Datasheet
142Kb / 4P
   Silicon PNP Power Transistors
logo
Savantic, Inc.
2SA1011 SAVANTIC-2SA1011 Datasheet
149Kb / 4P
   Silicon PNP Power Transistors
More results

Similar Description - 2SA1011P

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1257 SANYO-2SA1257 Datasheet
103Kb / 4P
   High-Voltage Switching, AF Power Amp, 100W Output Predriver Applications
2SA1011 SANYO-2SA1011 Datasheet
90Kb / 3P
   High-Voltage Switching, AF Power Amp, 100W Output Predriver Applications
2SA1209 SANYO-2SA1209 Datasheet
104Kb / 4P
   160V/140mA High-Voltage Switching AF 100W Predriver Applications
2SA1209 SANYO-2SA1209_02 Datasheet
46Kb / 5P
   160V/140mA High-Voltage Switching and AF 100W Predriver Applications
2SA1210 SANYO-2SA1210 Datasheet
274Kb / 7P
   HIGH VOLTAGE SWITCHING, AF 150W PREDRIVER APPLICATIONS
2SA1207 SANYO-2SA1207 Datasheet
108Kb / 4P
   High-Voltage Switching, AF 60W Predriver Applications
2SA1606 SANYO-2SA1606 Datasheet
99Kb / 3P
   High-Voltage Switching,AF 100W Driver Applications
2SA1208 SANYO-2SA1208 Datasheet
107Kb / 4P
   High-Voltage Switching, Audio 80W Output Predriver Applications
logo
ON Semiconductor
2SA1415 ONSEMI-2SA1415 Datasheet
96Kb / 5P
   High-Voltage Switching Predriver Applications
Jan-2011, Rev. 0
logo
Sanyo Semicon Device
2SA1415 SANYO-2SA1415 Datasheet
108Kb / 4P
   High-Voltage Switching, Predriver Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com