Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1SV298H Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 1SV298H
Description  Type Attenuator Applications
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

1SV298H Datasheet(HTML) 1 Page - Sanyo Semicon Device

  1SV298H Datasheet HTML 1Page - Sanyo Semicon Device 1SV298H Datasheet HTML 2Page - Sanyo Semicon Device 1SV298H Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1SV298H
No.6949-1/3
Features
Composite type with 3 diodes contained in the
CPH package currently in use, improving the
mounting efficiency greatly.
Small interterminal capacitance (C=0.23pF typ).
Electrical Connection
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : ENN*6949
1SV298H
Package Dimensions
unit : mm
1307
[1SV298H]
41601 GI IM /
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
Silicon Epitaxial PIN Diode
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Ratings
Unit
Reverse Voltage
VR
50
V
Forward Current
IF
50
mA
Allowable Power Dissipation
P
150
mW
Junction Temperature
Tj
125
°C
Storage Temperature
Tstg
--55 to +125
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Reverse Voltage
VR
IR=10µA50
V
Reverse Current
IR
VR=50V
0.1
µA
Forward Voltage
VF
IF=50mA
0.92
0.97
V
Interterminal Capacitance
C
VR=50V, f=1MHz
0.23
pF
Series Resistance
rs
IF=10µA, f=100MHz
2400
IF=10mA, f=100MHz
5
7
Note)The specifications shown above are for each individual diode.
Marking : VA
π Type Attenuator Applications
43
12
1 : Cathode / Cathode
2 : Anode
3 : Anode / Cathode
4 : Anode
Preliminary
2.9
0.05
0.4
0.15
1
2
3
4
1.9
1 : Cathode/Cathode
2 : Anode
3 : Anode/Cathode
4 : Anode
SANYO : CPH4


Similar Part No. - 1SV298H

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
1SV298 SANYO-1SV298 Datasheet
61Kb / 3P
   Type Attenuator Applications
More results

Similar Description - 1SV298H

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
1SV298 SANYO-1SV298 Datasheet
61Kb / 3P
   Type Attenuator Applications
logo
Microsemi Corporation
UM4300 MICROSEMI-UM4300_06 Datasheet
397Kb / 14P
   FOR ATTENUATOR APPLICATIONS
logo
OPLINK Communications I...
MVOAT OPLINK-MVOAT Datasheet
202Kb / 2P
   Attenuator Through Type
PTFA-S0069 OPLINK-PTFA-S0069 Datasheet
172Kb / 2P
   Plug Type Fixed Attenuator
logo
Mini-Circuits
UNAT-5 MINI-UNAT-5 Datasheet
154Kb / 1P
   N-Type Fixed Attenuator
UNAT-8 MINI-UNAT-8 Datasheet
153Kb / 1P
   N-Type Fixed Attenuator
UNAT-15 MINI-UNAT-15 Datasheet
154Kb / 1P
   N-Type Fixed Attenuator
UNAT-7 MINI-UNAT-7 Datasheet
155Kb / 1P
   N-Type Fixed Attenuator
UNAT-30 MINI-UNAT-30 Datasheet
173Kb / 1P
   N-Type Fixed Attenuator
UNAT-10 MINI-UNAT-10 Datasheet
154Kb / 1P
   N-Type Fixed Attenuator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com