Electronic Components Datasheet Search |
|
XC6205F112PR Datasheet(PDF) 2 Page - Torex Semiconductor |
|
XC6205F112PR Datasheet(HTML) 2 Page - Torex Semiconductor |
2 / 49 page 2/49 XC6204/XC6205 Series PIN NUMBER SOT-25 SOT-89-5 USP-6B PIN NAME FUNCTION 1 4 1 VIN Input 2 2 5 VSS Ground 3 3 6 CE ON/OFF Control 4 1 2, 4 NC No Connection 5 5 3 VOUT Output ●XC6204/6205 A, B, E, F Series CE OPERATIONAL STATE H ON L OFF ●XC6204/6205 C, D, G, H Series CE OPERATIONAL STATE H OFF L ON H= High Level L= Low Level ■PIN CONFIGURATION ■PIN ASSIGNMENT *The dissipation pad for the USP-6B package should be solder-plated in recommended mount pattern and metal masking so as to enhance mounting strength and heal release. If the pad needs to be connected to other pins, it should be connected to the VSS (No.5) pin. USP-6B (BOTTOM VIEW) SOT-25 (TOP VIEW) SOT-89-5 (TOP VIEW) ■FUNCTIONS VSS 5 NC 4 CE 6 1 VIN 2 NC 3 VOUT |
Similar Part No. - XC6205F112PR |
|
Similar Description - XC6205F112PR |