Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG9411DL-T1 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # DG9411DL-T1
Description  Low-Voltage Single SPDT Analog Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG9411DL-T1 Datasheet(HTML) 3 Page - Vishay Siliconix

  DG9411DL-T1 Datasheet HTML 1Page - Vishay Siliconix DG9411DL-T1 Datasheet HTML 2Page - Vishay Siliconix DG9411DL-T1 Datasheet HTML 3Page - Vishay Siliconix DG9411DL-T1 Datasheet HTML 4Page - Vishay Siliconix DG9411DL-T1 Datasheet HTML 5Page - Vishay Siliconix DG9411DL-T1 Datasheet HTML 6Page - Vishay Siliconix DG9411DL-T1 Datasheet HTML 7Page - Vishay Siliconix DG9411DL-T1 Datasheet HTML 8Page - Vishay Siliconix DG9411DL-T1 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Document Number: 71347
S-72609-Rev. D, 24-Dec-07
www.vishay.com
3
Vishay Siliconix
DG9411
SPECIFICATIONS V+ = 3 V
Parameter
Symbol
Test Conditions
Unless Otherwise Specified
V+ = 3 V, ± 10 %
VIN = 0.4 or 2.0 V
e
Tempa
Limits
- 40 to 85 °C
Unit
Minb
Typc
Maxb
Analog Switch
Analog Signal Ranged
VNO, VNC
VCOM
Full
0
V+
V
Drain-Source
On-Resistanced
rDS(on)
V+ = 2.7 V, VD = 1.5 V, IS = 10 mA
Room
Full
15
19
25
30
Ω
rDS(on) Flatness
d
rDS(on)
Flatness
VS = 0 to V+, IS = 10 mA
Room
7.5
Switch Off
Leakage Currentf
IS(off)
V+ = 3.3 V, VS = 1 V/3 V, VD = 3 V/1 V
Room
Full
- 500
- 4.0
500
4.0
pA
nA
ID(off)
Room
Full
- 500
- 4.0
500
4.0
pA
nA
Channel-On
Leakage Currentf
ID(on)
V+ = 3.3 V, VS = VD = 1 V/3 V
Room
Full
- 500
- 4.0
500
4.0
pA
nA
Digital Control
Input High Voltage
VINH
Full
2
V
Input Low Voltage
VINL
Full
0.8
Input Capacitanced
Cin
Full
3
pF
Input Current
IINL or IINH
VIN = 0 or V+
Full
- 1
1
µA
Dynamic Characteristics
Turn-On Timed
tON
VD or VS = 2.0 V, RL = 300 Ω, CL = 35 pF
Figures1 and 2
Room
Full
12
15
20
ns
Turn-Off Timed
tOFF
Room
Full
68
10
Break-Before-Make Timed
td
Room
1
7
Charge Injectiond
QINJ
CL = 1 nF, VGEN = 0 V, VS = 0 V, RGEN = 0 Ω,
Figure 3
Room
5
10
pC
Off-Isolationd
OIRR
RL = 50 Ω, CL = 5 pF, f = 1 MHz
Room
- 73
dB
Crosstalkd
XTALK
Room
- 70
Source-Off Capacitanced
CS(off)
VIN = 0 or V+, f = 1 MHz
Room
7
pF
Channel-On Capacitanced
CD(on)
Room
20
Drain-to-Source
Capacitanced
CDS(off)
Room
20
Power Supply
Power Supply Range
V+
2.7
3.3
V
Power Supply Current
I+
VIN = 0 or V+
0.01
1.0
µA
Power Consumption
PC
0.4
µW


Similar Part No. - DG9411DL-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9411DL-T1 VISHAY-DG9411DL-T1 Datasheet
142Kb / 10P
   Low-Voltage Single SPDT Analog Switch
01-Jan-2022
DG9411DL-T1-E3 VISHAY-DG9411DL-T1-E3 Datasheet
142Kb / 10P
   Low-Voltage Single SPDT Analog Switch
01-Jan-2022
More results

Similar Description - DG9411DL-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2001 VISHAY-DG2001_11 Datasheet
215Kb / 13P
   Low-Voltage Single SPDT Analog Switch
Rev. C, 13-Jun-11
DG9411 VISHAY-DG9411 Datasheet
55Kb / 8P
   Low-Voltage Single SPDT Analog Switch
Rev. A, 10-Nov-00
DG9431 VISHAY-DG9431_08 Datasheet
110Kb / 8P
   Low-Voltage Single SPDT Analog Switch
Rev. D, 14-May-07
DG2714 VISHAY-DG2714 Datasheet
59Kb / 7P
   Low-Voltage Single SPDT Analog Switch
Rev. A, 30-Jun-03
DG2001 VISHAY-DG2001 Datasheet
63Kb / 8P
   LOW - VOLTAGE SINGLE SPDT ANALOG SWITCH
Rev. B, 19-Mar-01
DG2714 VISHAY-DG2714_08 Datasheet
112Kb / 8P
   Low-Voltage Single SPDT Analog Switch
Rev. B, 30-Apr-07
DG9461 VISHAY-DG9461 Datasheet
80Kb / 7P
   Low-Voltage Single SPDT Analog Switch
Rev. B, 26-Jul-99
DG2012 VISHAY-DG2012 Datasheet
73Kb / 8P
   Low-Voltage Single SPDT Analog Switch
Rev. A, 07-Apr-03
DG2012 VISHAY-DG2012_08 Datasheet
122Kb / 9P
   Low-Voltage Single SPDT Analog Switch
Rev. B, 30-Apr-07
DG2002 VISHAY-DG2002_V01 Datasheet
140Kb / 10P
   Low-Voltage Single SPDT Analog Switch
01-Jan-2022
DG9431 VISHAY-DG9431 Datasheet
72Kb / 7P
   Low-Voltage Single SPDT Analog Switch
Rev. B, 26-Jul-99
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com