Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3N257 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 3N257
Description  Glass Passivated Single-Phase Bridge Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

3N257 Datasheet(HTML) 1 Page - Vishay Siliconix

  3N257 Datasheet HTML 1Page - Vishay Siliconix 3N257 Datasheet HTML 2Page - Vishay Siliconix 3N257 Datasheet HTML 3Page - Vishay Siliconix 3N257 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2KBP005M thru 2KBP10M, 3N253 thru 3N259
Vishay General Semiconductor
Document Number: 88532
Revision: 15-Apr-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
1
Glass Passivated Single-Phase Bridge Rectifier
FEATURES
• UL recognition file number E54214
• Ideal for printed circuit board
• High surge current capability
• High case dielectric strength
• Solder dip 260 °C, 40 s
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
TYPICAL APPLICATIONS
General purpose use in ac-to-dc bridge full wave
rectification
for
switching
power
supply,
home
appliances, office equipment, and telecommunication
applications.
MECHANICAL DATA
Case: KBPM
Epoxy meets UL 94V-0 flammability rating
Terminals:
Silver
plated
leads,
solderable
per
J-STD-002 and JESD22-B102
E4 suffix for consumer grade
Polarity: As marked on body
e4
PRIMARY CHARACTERISTICS
IF(AV)
2 A
VRRM
50 V to 1000 V
IFSM
60 A
IR
5 µA
VF
1.1 V
TJ max.
165 °C
Case Style KBPM
+~
~−
+
~
~
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
2KBP
005M
2KBP
01M
2KBP
02M
2KBP
04M
2KBP
06M
2KBP
08M
2KBP
10M
UNIT
3N253
3N254
3N255
3N256
3N257
3N258
3N259
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
Max. average forward output rectified current
at TA = 55 °C
IF(AV)
2.0
A
Peak forward surge current single half
sine-wave superimposed on rated load
IFSM
60
A
Rating for fusing (t < 8.3 ms)
I2t
15
A2s
Operating junction and
storage temperature range
TJ, TSTG
- 55 to + 165
°C


Similar Part No. - 3N257

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
3N257 GE-3N257 Datasheet
79Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
New Jersey Semi-Conduct...
3N257 NJSEMI-3N257 Datasheet
121Kb / 1P
   MINIATURE GLASS PASSIVATED SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Digitron Semiconductors
3N257 DIGITRON-3N257 Datasheet
165Kb / 2P
   SINGLE PHASE BRIDGE RECTIFIER
logo
New Jersey Semi-Conduct...
3N257 NJSEMI-3N257 Datasheet
89Kb / 1P
   MINIATURE INTEGRAL DIODE ASSEMBLIES
logo
Vishay Siliconix
3N257-E4 VISHAY-3N257-E4 Datasheet
84Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifier
Revision: 05-Aug-15
More results

Similar Description - 3N257

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
GBPC35005 SSE-GBPC35005 Datasheet
18Kb / 1P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
G5SBA20 GE-G5SBA20 Datasheet
113Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
logo
Pan Jit International I...
GPJ8A PANJIT-GPJ8A Datasheet
42Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBJ8A PANJIT-GBJ8A_04 Datasheet
39Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
KBP005M VISHAY-KBP005M Datasheet
96Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
logo
Zowie Technology Corpor...
GBU6A ZOWIE-GBU6A Datasheet
54Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
W005 CHENYI-W005 Datasheet
140Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
W005M CHENYI-W005M Datasheet
144Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
2KBP005M GE-2KBP005M Datasheet
79Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com