Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

5KP188A Datasheet(PDF) 5 Page - Vishay Siliconix

Part No. 5KP188A
Description  TRANSZORB® Transient Voltage Suppressors
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

5KP188A Datasheet(HTML) 5 Page - Vishay Siliconix

  5KP188A Datasheet HTML 1Page - Vishay Siliconix 5KP188A Datasheet HTML 2Page - Vishay Siliconix 5KP188A Datasheet HTML 3Page - Vishay Siliconix 5KP188A Datasheet HTML 4Page - Vishay Siliconix 5KP188A Datasheet HTML 5Page - Vishay Siliconix 5KP188A Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5KP5.0 thru 5KP188A
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88308
Revision: 21-Oct-08
5
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
APPLICATION NOTE
The 5KP series of high power transient voltage
suppressors were designed to be used on the output
of switching power supplies. These devices may be
used to replace crowbar circuits. Both the 5 % and
10 % voltage tolerances are referenced to the power
supply output voltage level.
They are able to withstand high levels of peak current
while allowing a circuit breaker to trip or a fuse blow
before shorting. This will enable the user to reset the
breaker or replace the fuse and continue operation.
For this type operation, it is recommended that a
sufficient mounting surface be used for dissipating the
heat generated by the Transient Voltage Suppressor
during the transient or over-voltage condition.
Figure 5. Power Derating Curve
L = 0.375" (9.5 mm)
Lead Lengths
TL - Lead Temperature (°C)
60 Hz
Resistive or
Inductive Load
8
6
4
2
0
0
25
50
75
100
125
150
175
200
Figure 6. Maximum Non-repetitive Forward Surge Current
1
10
100
200
300
400
500
450
350
250
8.3 ms Single Half Sine-Wave
Number of Cycles at 60 Hz
0.360 (9.1)
0.340 (8.6)
0.052 (1.32)
0.048 (1.22)
DIA.
1.0 (25.4)
MIN.
0.360 (9.1)
0.340 (8.6)
1.0 (25.4)
MIN.
Case Style P600


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn