Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG3536 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DG3536
Description  0.25-Ω Low-Voltage Dual SPDT Analog Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG3536 Datasheet(HTML) 1 Page - Vishay Siliconix

  DG3536 Datasheet HTML 1Page - Vishay Siliconix DG3536 Datasheet HTML 2Page - Vishay Siliconix DG3536 Datasheet HTML 3Page - Vishay Siliconix DG3536 Datasheet HTML 4Page - Vishay Siliconix DG3536 Datasheet HTML 5Page - Vishay Siliconix DG3536 Datasheet HTML 6Page - Vishay Siliconix DG3536 Datasheet HTML 7Page - Vishay Siliconix DG3536 Datasheet HTML 8Page - Vishay Siliconix DG3536 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Vishay Siliconix
DG3535/DG3536
Document Number: 72961
S-70853-Rev. F, 30-Apr-07
www.vishay.com
1
0.25-
Ω Low-Voltage Dual SPDT Analog Switch
FEATURES
Low Voltage Operation
Low On-Resistance - rON: 0.25 Ω at 2.7 V
-
69 dB OIRR at 2.7 V, 100 kHz
MICRO FOOT® Package
ESD Protection > 2000 V
BENEFITS
Reduced Power Consumption
High Accuracy
Reduce Board Space
1.6 V Logic Compatible
High Bandwidth
APPLICATIONS
Cellular Phones
Speaker Headset Switching
Audio and Video Signal Routing
PCMCIA Cards
Battery Operated Systems
Relay Replacement
DESCRIPTION
The DG3535/DG3536 is a sub 1
Ω (0.25 Ω at 2.7 V) dual
SPDT
analog
switches
designed
for
low
voltage
applications.
The DG3535/DG3536 has on-resistance matching (less
than 0.05
Ω at 2.7 V) and flatness (less than 0.2 Ω at 2.7 V)
that are guaranteed over the entire voltage range.
Additionally, low logic thresholds makes the DG3535/
DG3536 an ideal interface to low voltage DSP control
signals.
The DG3535/DG3536 has fast switching speed with break-
before-make guaranteed. In the On condition, all switching
elements conduct equally in both directions. Off-isolation
and crosstalk is - 69 dB at 100 kHz.
The DG3535/DG3536 is built on Vishay Siliconix’s high-
density low voltage CMOS process. An eptiaxial layer is built
in to prevent latchup. The DG3535/DG3536 contains the
additional benefit of 2000 V ESD protection.
As a committed partner to the community and the
environment, Vishay Siliconix manufactures this product
with the lead (Pb)-free device terminations. For MICRO
FOOT analog switching products manufactured with tin/
silver/copper (SnAgCu) device terminations, the lead
(Pb)-free "-E1" suffix is being used as a designator.
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
DG3535/DG3536
MICRO FOOT 10-Bump
NC2
NO2
NO1
NC1
GND
V+
XXX
3535
A1 Locator
3535 = Example Base Part Number
xxx = Data/Lot Traceability Code
NC2
NO2
COM1
IN2
1
A
23
4
B
C
Top View
COM2
GND
V+
IN1
NC1
NO1
IN2
IN1
COM2
COM1
NO2
NC2
COM1
IN2
1
A
23
4
B
C
Top View
COM2
GND
V+
IN1
NO1
NC1
DG3535
DG3536
Device Marking
TRUTH TABLE
Logic
NC1 and NC2
NO1 and NO2
0
ON
OFF
1OFF
ON
ORDERING INFORMATION
Temp Range
Package
Part Number
- 40 to 85 °C
MICRO FOOT: 10 Bump
(4 x 3, 0.5 mm Pitch,
238 µm Bump Height)
DG3535DB-T5-E1
DG3535DB-T1-E1
DG3536DB-T5-E1
RoHS
COMPLIANT


Similar Part No. - DG3536

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG3536 VISHAY-DG3536 Datasheet
94Kb / 6P
   0.25-OHM Low-Voltage Dual SPDT Analog Switch
Rev. D, 24-Jan-05
DG3536 VISHAY-DG3536 Datasheet
103Kb / 9P
   0.25ohm Low-Voltage Dual SPDT Analog Switch
Rev. G, 28-Feb-11
DG3536 VISHAY-DG3536 Datasheet
186Kb / 10P
   0.25 廓 Low-Voltage Dual SPDT Analog Switch
01-Jan-2022
DG3536DB VISHAY-DG3536DB Datasheet
19Kb / 1P
   Device Orientation Options for Analog ICs
05-Apr-05
DG3536DB-T5-E1 VISHAY-DG3536DB-T5-E1 Datasheet
94Kb / 6P
   0.25-OHM Low-Voltage Dual SPDT Analog Switch
Rev. D, 24-Jan-05
More results

Similar Description - DG3536

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2531 VISHAY-DG2531_08 Datasheet
108Kb / 8P
   0.4-Ω Low-Voltage Dual SPDT Analog Switch
Rev. C, 14-May-07
DG2035 VISHAY-DG2035 Datasheet
81Kb / 7P
   Low-Voltage, 1-Ω, Dual SPDT Analog Switch
Rev. B, 21-Jun-04
DG2735 VISHAY-DG2735 Datasheet
150Kb / 9P
   Low Voltage, 0.6 Ω, Dual SPDT Analog Switch
Rev. B, 26-Feb-07
DG2731 VISHAY-DG2731 Datasheet
153Kb / 9P
   Low Voltage, 0.4 Ω, Dual SPDT Analog Switch
Rev. A, 12-Sep-05
DG2535 VISHAY-DG2535_08 Datasheet
108Kb / 7P
   0.35-Ω Low-Voltage Dual SPDT Analog Switch
Rev. E, 14-May-07
DG3535 VISHAY-DG3535 Datasheet
94Kb / 6P
   0.25-OHM Low-Voltage Dual SPDT Analog Switch
Rev. D, 24-Jan-05
DG3535 VISHAY-DG3535_V01 Datasheet
186Kb / 10P
   0.25 廓 Low-Voltage Dual SPDT Analog Switch
01-Jan-2022
DG2717 VISHAY-DG2717 Datasheet
124Kb / 8P
   Low-Voltage, 0.45-Ω, SPDT Analog Switch
Rev. B, 30-Apr-07
DG2753 VISHAY-DG2753 Datasheet
133Kb / 8P
   Low Voltage, 0.7 Ω, Triple SPDT Analog Switch
Rev. B, 01-Jan-07
logo
Union Semiconductor, In...
UM3258 UNIONSEMI-UM3258_16 Datasheet
370Kb / 10P
   Low-Voltage Dual SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com