Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCT162652CTPACTG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # FCT162652CTPACTG4
Description  16-Bit Registered Transceivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

FCT162652CTPACTG4 Datasheet(HTML) 5 Page - Texas Instruments

  FCT162652CTPACTG4 Datasheet HTML 1Page - Texas Instruments FCT162652CTPACTG4 Datasheet HTML 2Page - Texas Instruments FCT162652CTPACTG4 Datasheet HTML 3Page - Texas Instruments FCT162652CTPACTG4 Datasheet HTML 4Page - Texas Instruments FCT162652CTPACTG4 Datasheet HTML 5Page - Texas Instruments FCT162652CTPACTG4 Datasheet HTML 6Page - Texas Instruments FCT162652CTPACTG4 Datasheet HTML 7Page - Texas Instruments FCT162652CTPACTG4 Datasheet HTML 8Page - Texas Instruments FCT162652CTPACTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
CY74FCT16652T
CY74FCT162652T
5
DC Electrical Characteristics Over the Operating Range
Parameter
Description
Test Conditions[5]
Min.
Typ.[6]
Max.
Unit
VIH
Input HIGH Voltage
Logic HIGH Level
2.0
V
VIL
Input LOW Voltage
Logic LOW Level
0.8
V
VH
Input Hysteresis
100
mV
VIK
Input Clamp Diode Voltage
VCC=Min., IIN=−18 mA
−0.7
−1.2
V
IIH
Input HIGH Current
VCC=Max., VI=VCC
±1
µA
IIL
Input LOW Current
VCC=Max., VI=GND
±1
µA
IOZH
High Impedance Output
Current
(Three-State Output pins)
VCC=Max., VOUT=2.7V
±1
µA
IOZL
High Impedance Output
Current
(Three-State Output pins)
VCC=Max., VOUT=0.5V
±1
µA
IOS
Short Circuit Current[8]
VCC=Max., VOUT=GND
−80
−140
−200
mA
IO
Output Drive Current[8]
VCC=Max., VOUT=2.5V
−50
−180
mA
IOFF
Power-Off Disable
VCC=0V, VOUT≤4.5V
[7]
±1
µA
Output Drive Characteristics for CY74FCT16652T
Parameter
Description
Test Conditions[5]
Min.
Typ.[6]
Max.
Unit
VOH
Output HIGH Voltage
VCC=Min., IOH=−3 mA
2.5
3.5
V
VCC=Min., IOH=−15 mA
2.4
3.5
VCC=Min., IOH=−32 mA
2.0
3.0
VOL
Output LOW Voltage
VCC=Min., IOL=64 mA
0.2
0.55
V
Output Drive Characteristics for CY74FCT162652T
Parameter
Description
Test Conditions[5]
Min.
Typ.[6]
Max.
Unit
IODL
Output LOW Current[8]
VCC=5V, VIN=VIH or VIL, VOUT=1.5V
60
115
150
mA
IODH
Output HIGH Current[8]
VCC=5V, VIN=VIH or VIL, VOUT=1.5V
−60
−115
−150
mA
VOH
Output HIGH Voltage
VCC=Min., IOH=−24 mA
2.4
3.3
V
VOL
Output LOW Voltage
VCC=Min., IOL=24 mA
0.3
0.55
V
Capacitance (TA = +25˚C, f = 1.0 MHz)
Parameter
Description[10]
Test Conditions
Typ.
Max.
Unit
CIN
Input Capacitance
VIN = 0V
4.5
6.0
pF
COUT
Output Capacitance
VOUT = 0V
5.5
8.0
pF
Notes:
5.
For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
6.
Typical values are at VCC=5.0V, +25°C ambient.
7.
Tested at TA= +25°C.
8.
Not more than one output should be tested at one time. Duration of the test should not exceed one second.
9.
Duration of the condition cannot exceed one second.
10. This parameter is measured at characterization but not tested.


Similar Part No. - FCT162652CTPACTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
FCT162646ATPACTE4 TI-FCT162646ATPACTE4 Datasheet
315Kb / 15P
[Old version datasheet]   16-Bit Registered Transceivers
FCT162646ATPACTG4 TI-FCT162646ATPACTG4 Datasheet
315Kb / 15P
[Old version datasheet]   16-Bit Registered Transceivers
FCT162646ATPVCTG4 TI-FCT162646ATPVCTG4 Datasheet
315Kb / 15P
[Old version datasheet]   16-Bit Registered Transceivers
FCT162646CTPACTE4 TI-FCT162646CTPACTE4 Datasheet
315Kb / 15P
[Old version datasheet]   16-Bit Registered Transceivers
FCT162646CTPACTG4 TI-FCT162646CTPACTG4 Datasheet
315Kb / 15P
[Old version datasheet]   16-Bit Registered Transceivers
More results

Similar Description - FCT162652CTPACTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT16646T TI-CY74FCT16646T_08 Datasheet
315Kb / 15P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT16952T TI-CY74FCT16952T Datasheet
68Kb / 8P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT163952 TI-CY74FCT163952 Datasheet
65Kb / 6P
[Old version datasheet]   16-Bit Registered Transceivers
74FCT16652CT TI-74FCT16652CT Datasheet
710Kb / 17P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT16646T TI-CY74FCT16646T Datasheet
75Kb / 9P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT16646T TI-CY74FCT16646T Datasheet
75Kb / 9P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT16952T TI1-CY74FCT16952T_15 Datasheet
1Mb / 22P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT163952 TI1-CY74FCT163952_05 Datasheet
143Kb / 10P
[Old version datasheet]   16-Bit Registered Transceivers
logo
Pericom Semiconductor C...
PI74FCT162646 PERICOM-PI74FCT162646 Datasheet
216Kb / 8P
   Fast CMOS 16-Bit Registered Transceivers
PI74LPT16646 PERICOM-PI74LPT16646 Datasheet
75Kb / 6P
   Fast CMOS 3.3V 16-Bit Registered Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com