Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM1621 Datasheet(PDF) 3 Page - California Micro Devices Corp

Part # CM1621
Description  LCD and Camera EMI Filter Array with ESD Protection
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM1621 Datasheet(HTML) 3 Page - California Micro Devices Corp

  CM1621 Datasheet HTML 1Page - California Micro Devices Corp CM1621 Datasheet HTML 2Page - California Micro Devices Corp CM1621 Datasheet HTML 3Page - California Micro Devices Corp CM1621 Datasheet HTML 4Page - California Micro Devices Corp CM1621 Datasheet HTML 5Page - California Micro Devices Corp CM1621 Datasheet HTML 6Page - California Micro Devices Corp CM1621 Datasheet HTML 7Page - California Micro Devices Corp CM1621 Datasheet HTML 8Page - California Micro Devices Corp CM1621 Datasheet HTML 9Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
© 2008 California Micro Devices Corp. All rights reserved.
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.cmd.com
3
Issue A – 8/4/08
CM1621
Note 1: TA=25°C unless otherwise specified.
Note 2: ESD applied to input and output pins with respect to GND, one at a time.
Note 3: These parameters are guaranteed by design and characterization.
Note 4: Attenuation / RF curves characterized by a network analyzer using microprobes.
Note 5: These parameters are NOT guaranteed by design, characterization and production.
ELECTRICAL OPERATING CHARACTERISTICS (SEE NOTE1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
R
Resistance
85
100
115
Ω
CTOTAL
Total Channel Capacitance
At 2.5VDC Reverse Bias, 1MHz,
30mVAC
27
34
41
pF
C
Capacitance C
At 2.5VDC Reverse Bias, 1MHz,
30mVAC
17
pF
VDIODE
Standoff Voltage
IDIODE = 10μA6.0
V
ILEAK
Diode Leakage Current (reverse bias)
VDIODE =
+3.3V
200
nA
VSIG
Signal Clamp Voltage
ILOAD = 1.0mA
6.0
7.0
8.0
V
VESD
In-system ESD Withstand Voltage
a) Human Body Model (HBM),
MIL-STD-883, Method 3015
b) Contact Discharge per
IEC 61000-4-2 Level 4
Notes 2 and 3
±30
±15
kV
kV
RDYN
Dynamic Resistance
Positive
Negative
2.3
0.9
Ω
Ω
f
C
Cut-off Frequency
ZSOURCE = 50Ω, ZLOAD = 50Ω
Channel R = 100
Ω,
Channel C = 15pF
90
135
Note 3
MHz
A1GHz
Absolute Attenuation @ 1GHz from 0dB
Level
ZSOURCE = 50Ω, Z LOAD = 50Ω,
DC Bias = 0V; Notes 1, 4, 5
-40
dB
A800MHz -
3 GHz
Absolute Attenuation @ 800MHz to
3GHz from 0dB Level
ZSOURCE = 50Ω, Z LOAD = 50Ω,
DC Bias = 0V; Notes 1, 4, 5
-35
dB


Similar Part No. - CM1621

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1621 ONSEMI-CM1621 Datasheet
294Kb / 11P
   LCD and Camera EMI Filter Array with ESD Protection
June 2010 ??Rev. 2
More results

Similar Description - CM1621

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1409 CALMIRCO-CM1409 Datasheet
223Kb / 7P
   LCD and Camera EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1622 ONSEMI-CM1622 Datasheet
359Kb / 12P
   LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
logo
California Micro Device...
CM1431 CALMIRCO-CM1431 Datasheet
411Kb / 9P
   LCD and Camera EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1630 ONSEMI-CM1630 Datasheet
844Kb / 18P
   LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
logo
California Micro Device...
CM1430 CALMIRCO-CM1430 Datasheet
420Kb / 9P
   LCD and Camera EMI Filter Array with ESD Protection
CM1426 CALMIRCO-CM1426 Datasheet
756Kb / 13P
   LCD and Camera EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1451 ONSEMI-CM1451 Datasheet
526Kb / 15P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev. 2
CM1452 ONSEMI-CM1452 Datasheet
472Kb / 16P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev. 2
CM1409 ONSEMI-CM1409 Datasheet
302Kb / 13P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev.2
CM1431 ONSEMI-CM1431 Datasheet
449Kb / 12P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com