Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP7217A-33SG-U Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP7217A-33SG-U
Description  3.3V 600mA CMOS LDO
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7217A-33SG-U Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP7217A-33SG-U Datasheet HTML 2Page - Diodes Incorporated AP7217A-33SG-U Datasheet HTML 3Page - Diodes Incorporated AP7217A-33SG-U Datasheet HTML 4Page - Diodes Incorporated AP7217A-33SG-U Datasheet HTML 5Page - Diodes Incorporated AP7217A-33SG-U Datasheet HTML 6Page - Diodes Incorporated AP7217A-33SG-U Datasheet HTML 7Page - Diodes Incorporated AP7217A-33SG-U Datasheet HTML 8Page - Diodes Incorporated AP7217A-33SG-U Datasheet HTML 9Page - Diodes Incorporated AP7217A-33SG-U Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
AP7217A
3.3V 600mA CMOS LDO
AP7217A Rev.
1
8 of 10
APRIL 2008
www.diodes.com
© Diodes Incorporated
Current Limit Protection
When output current at OUT pin is higher than current limit
threshold, the current limit protection will be triggered and clamp
the
output
current
to
approximately
750mA
to
prevent
over-current and to protect the regulator from damage due to
overheating.
Short circuit protection
When VROUT pin is shorted to GND or VROUT voltage is less than
200mV, short circuit protection will be triggered and clamp the
output current to approximately 50mA.
VDOUT (reset output)
---Open-Drain Active-Low reset output---
In general, VDOUT is pulled up by a resistor (100Kohm) to VIN.
The AP7217A microprocess (uP) supervisory circuitry asserts a
guaranteed logic-low reset during power-up and power-down.
Reset is asserted asserts when VIN is below the reset threshold
and remain asserted for at least tRP after VIN rises above the reset
threshold.
As long as VIN is lower than the reset threshold, VDOUT remains at
logic "0". When VIN become higher than VTH, a logic "1" is
asserted after a time delay defined by tRP.
Marking Information
(1) SOP-8L
8
5
( Top View )
Logo
Part No.
Internal code
Year : "07" = 2007
"08" = 2008
Xth week : 01~52
14
7217A-33
YY WW X X
G : Green
(2) SOP-8L-EP
8
5
( Top View )
Logo
Part No.
Internal code
Year : "07" = 2007
"08" = 2008
Xth week : 01~52
14
7217A-33
YY WW X X
E : SOP-8L-EP
E
G : Green
Application Note
(Continued)
Vin
Vout
C
Co
ESR
IN
OUT
GND
AP7217A
Iin
Iout
Iq


Similar Part No. - AP7217A-33SG-U

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7217A-33SG-13 DIODES-AP7217A-33SG-13 Datasheet
200Kb / 10P
   3.3V 600mA CMOS LDO
AP7217A Rev. 3
More results

Similar Description - AP7217A-33SG-U

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7217A DIODES-AP7217A_09 Datasheet
200Kb / 10P
   3.3V 600mA CMOS LDO
AP7217A Rev. 3
logo
Analog Microelectronics
AME8806 AME-AME8806_06 Datasheet
245Kb / 18P
   600mA CMOS LDO
AME8805 AME-AME8805_12 Datasheet
188Kb / 17P
   600mA CMOS LDO
logo
Asahi Kasei Microsystem...
AME8863 AKM-AME8863 Datasheet
108Kb / 12P
   600mA CMOS LDO
logo
Analog Microelectronics
AME8841 AME-AME8841_08 Datasheet
201Kb / 14P
   600mA CMOS LDO
logo
List of Unclassifed Man...
CM2862 ETC1-CM2862 Datasheet
190Kb / 9P
   600mA CMOS LDO
logo
Analog Microelectronics
AME8841 AME-AME8841_06 Datasheet
155Kb / 14P
   600mA CMOS LDO
AME8806 AME-AME8806 Datasheet
89Kb / 12P
   600mA CMOS LDO
AME8805 AME-AME8805 Datasheet
180Kb / 12P
   600mA CMOS LDO
logo
Unisonic Technologies
L1186 UTC-L1186_15 Datasheet
239Kb / 7P
   600mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com