Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA6047A4 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPA6047A4
Description  2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPatTM STEREO HEADPHONE DRIVE AND REGULATOR
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA6047A4 Datasheet(HTML) 2 Page - Texas Instruments

  TPA6047A4 Datasheet HTML 1Page - Texas Instruments TPA6047A4 Datasheet HTML 2Page - Texas Instruments TPA6047A4 Datasheet HTML 3Page - Texas Instruments TPA6047A4 Datasheet HTML 4Page - Texas Instruments TPA6047A4 Datasheet HTML 5Page - Texas Instruments TPA6047A4 Datasheet HTML 6Page - Texas Instruments TPA6047A4 Datasheet HTML 7Page - Texas Instruments TPA6047A4 Datasheet HTML 8Page - Texas Instruments TPA6047A4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
Bias Control
LDO
HP_EN
BYPASS
REG_EN
SPKR_RIN+
SPKR_RIN–
Gain Control
SPKR_LIN+
SPKR_LIN–
Charge Pump
CPVDD
CPVSS
CPGND
C1P
C1N
VDD
+
+
+
+
ROUT+
ROUT–
SPVDD
SPGND
LOUT+
LOUT–
SPVDD
SPGND
HP_INL
HP_INR
HP_OUTL
HP_OUTR
HPVDD
+
+
1 mF
1 mF
1 F
m
GND
GAIN0
GAIN1
HPVDD
HPVSS
SPKR_EN
0.47 F
m
1 F
m
1 mF
1 mF
1 mF
1 mF
1 mF
1 mF
1 mF
1 mF
HPVDD
SPGND
3 V
5.5 V
SPVDD
4.5 V – 5.5 V
HPVSS
(4.75-V Output)
REG_OUT
TPA6047A4
SLOS601 – OCTOBER 2008.............................................................................................................................................................................................. www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Functional Block Diagram
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPA6047A4


Similar Part No. - TPA6047A4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6047A4 TI-TPA6047A4 Datasheet
1Mb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath??STEREO HEADPHONE DRIVE AND REGULATOR
TPA6047A4 TI1-TPA6047A4 Datasheet
1Mb / 27P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath STEREO HEADPHONE DRIVE AND REGULATOR
TPA6047A4RHBR TI1-TPA6047A4RHBR Datasheet
1Mb / 27P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath STEREO HEADPHONE DRIVE AND REGULATOR
TPA6047A4RHBT TI1-TPA6047A4RHBT Datasheet
1Mb / 27P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath STEREO HEADPHONE DRIVE AND REGULATOR
TPA6047A4 TI1-TPA6047A4_16 Datasheet
1Mb / 27P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath STEREO HEADPHONE DRIVE AND REGULATOR
More results

Similar Description - TPA6047A4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6040A4 TI-TPA6040A4 Datasheet
674Kb / 28P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath STEREO HEADPHONE DRIVE AND REGULATOR
TPA6043A4 TI-TPA6043A4 Datasheet
1Mb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath??STEREO HEADPHONE DRIVE AND REGULATOR
TPA6047A4 TI1-TPA6047A4_16 Datasheet
1Mb / 27P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath STEREO HEADPHONE DRIVE AND REGULATOR
TPA6041A4 TI-TPA6041A4 Datasheet
1Mb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath??STEREO HEADPHONE DRIVE AND REGULATOR
TPA6045A4C TI-TPA6045A4C Datasheet
1Mb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath??STEREO HEADPHONE DRIVE AND REGULATOR
logo
National Semiconductor ...
LM4663 NSC-LM4663 Datasheet
606Kb / 10P
   2 Watt Stereo Class D Audio Power Amplifier with Stereo Headphone Amplifier
logo
Anpec Electronics Corop...
APA2020A ANPEC-APA2020A Datasheet
638Kb / 25P
   Stereo 2-W Audio Power Amplifier
logo
Texas Instruments
TPA0202 TI-TPA0202 Datasheet
803Kb / 42P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER
logo
Anpec Electronics Corop...
APA2020 ANPEC-APA2020 Datasheet
269Kb / 25P
   Stereo 2-W Audio Power Amplifier
logo
Texas Instruments
TPA0202 TI1-TPA0202_16 Datasheet
1Mb / 49P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com