Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T2535-600G Datasheet(PDF) 5 Page - STMicroelectronics

Part # T2535-600G
Description  HIGH PERFORMANCE TRIAC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T2535-600G Datasheet(HTML) 5 Page - STMicroelectronics

  T2535-600G Datasheet HTML 1Page - STMicroelectronics T2535-600G Datasheet HTML 2Page - STMicroelectronics T2535-600G Datasheet HTML 3Page - STMicroelectronics T2535-600G Datasheet HTML 4Page - STMicroelectronics T2535-600G Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PACKAGE MECHANICAL DATA
D
2PAK
A
C2
D
R
2.0 MIN.
FLAT ZONE
A2
V2
C
A1
G
L
L3
L2
B
B2
E
REF.
DIMENSIONS
Millimeters
Inches
Min. Typ. Max. Min. Typ. Max.
A
4.30
4.60 0.169
0.181
A1
2.49
2.69 0.098
0.106
A2
0.03
0.23 0.001
0.009
B
0.70
0.93 0.027
0.037
B2
1.25
1.40
0.048 0.055
C
0.45
0.60 0.017
0.024
C2
1.21
1.36 0.047
0.054
D
8.95
9.35 0.352
0.368
E
10.00
10.28 0.393
0.405
G
4.88
5.28 0.192
0.208
L
15.00
15.85 0.590
0.624
L2
1.27
1.40 0.050
0.055
L3
1.40
1.75 0.055
0.069
R
0.40
0.016
V2
0
°
8
°
0
°
8
°
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of
use of such information nor for any infringementof patents or other rights of third parties which may result from its use. No license is granted by
implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to
change without notice. This publication supersedes and replaces all information previously supplied.
STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written ap-
proval of STMicroelectronics.
© 1998 STMicroelectronics - Printed in Italy - All rights reserved.
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysia - Malta - Mexico - Morocco - The
Netherlands - Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A.
8.90
3.70
1.30
5.08
16.90
10.30
FOOT PRINT DIMENSIONS (in millimeters)
MARKING : T2535
600G
T2535-600G
5/5


Similar Part No. - T2535-600G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T2535-600G STMICROELECTRONICS-T2535-600G Datasheet
137Kb / 12P
   25A TRIACS
T2535-600G STMICROELECTRONICS-T2535-600G Datasheet
133Kb / 12P
   25 A standard and Snubberless triacs
logo
Tiger Electronic Co.,Lt...
T2535-600G TGS-T2535-600G Datasheet
71Kb / 1P
   Triacs sensitive gate
logo
Inchange Semiconductor ...
T2535-600G ISC-T2535-600G Datasheet
226Kb / 1P
   isc Thyristors
logo
STMicroelectronics
T2535-600G(-TR) STMICROELECTRONICS-T2535-600G(-TR) Datasheet
135Kb / 12P
   25 A standard and Snubberless triacs
More results

Similar Description - T2535-600G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T1235-600G STMICROELECTRONICS-T1235-600G Datasheet
66Kb / 5P
   HIGH PERFORMANCE TRIAC
T835-600G STMICROELECTRONICS-T835-600G Datasheet
102Kb / 5P
   HIGH PERFORMANCE TRIAC
T2035-600G STMICROELECTRONICS-T2035-600G Datasheet
67Kb / 5P
   HIGH PERFORMANCE TRIAC
January 1998 - Ed: 1D
T1635-600G STMICROELECTRONICS-T1635-600G Datasheet
103Kb / 5P
   HIGH PERFORMANCE TRIAC
logo
List of Unclassifed Man...
FT1011 ETC-FT1011 Datasheet
144Kb / 4P
   HIGH COMMUTATION TRIAC
logo
ON Semiconductor
MC34066 ONSEMI-MC34066 Datasheet
304Kb / 11P
   High Performance High Performance
July, 2006 ??Rev. 3
logo
Unisonic Technologies
U12JZ47 UTC-U12JZ47 Datasheet
210Kb / 5P
   HIGH COMMUTATING TRIAC
logo
American Microsemicondu...
JST20B AMMSEMI-JST20B Datasheet
1,001Kb / 4P
   High Voltage TRIAC
logo
Nell Semiconductor Co.,...
41T NELLSEMI-41T Datasheet
247Kb / 5P
   High current triac
60T NELLSEMI-60T Datasheet
302Kb / 4P
   High current triac
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com