Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV320AIC3204IRHBR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320AIC3204IRHBR
Description  Ultra Low Power Stereo Audio Codec
Download  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320AIC3204IRHBR Datasheet(HTML) 5 Page - Texas Instruments

  TLV320AIC3204IRHBR Datasheet HTML 1Page - Texas Instruments TLV320AIC3204IRHBR Datasheet HTML 2Page - Texas Instruments TLV320AIC3204IRHBR Datasheet HTML 3Page - Texas Instruments TLV320AIC3204IRHBR Datasheet HTML 4Page - Texas Instruments TLV320AIC3204IRHBR Datasheet HTML 5Page - Texas Instruments TLV320AIC3204IRHBR Datasheet HTML 6Page - Texas Instruments TLV320AIC3204IRHBR Datasheet HTML 7Page - Texas Instruments TLV320AIC3204IRHBR Datasheet HTML 8Page - Texas Instruments TLV320AIC3204IRHBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 159 page
background image
TLV320AIC3204
Ultra Low Power Stereo Audio Codec
www.ti.com
SLOS602A – SEPTEMBER 2008 – REVISED OCTOBER 2008
Table 2-1. TERMINAL FUNCTIONS (continued)
TERMINAL
NAME
TYPE
DESCRIPTION
13
IN1_L
I
Multifunction Analog Input,
or Single-ended configuration: MIC 1 or Line 1 left
or Differential configuration: MIC or Line right, negative
14
IN1_R
I
Multifunction Analog Input,
or Single-ended configuration: MIC 1 or Line 1 right
or Differential configuration: MIC or Line right, positive
15
IN2_L
I
Multifunction Analog Input,
or Single-ended configuration: MIC 2 or Line 2 right
or Differential configuration: MIC or Line left, positive
16
IN2_R
I
Multifunction Analog Input,
or Single-ended configuration: MIC 2 or Line 2 right
or Differential configuration: MIC or Line left, negative
17
AVss
Ground
Analog ground supply
18
REF
O
Reference voltage output for filtering
19
MICBIAS
O
Microphone bias voltage output
20
IN3_L
I
Multifunction Analog Input,
or Single-ended configuration: MIC3 or Line 3 left,
or Differential configuration: MIC or Line left, positive,
or Differential configuration: MIC or Line right, negative
21
IN3_R
I
Multifunction Analog Input,
or Single-ended configuration: MIC3 or Line 3 right,
or Differential configuration: MIC or Line left, negative,
or Differential configuration: MIC or Line right, positive
22
LOL
O
Left line output
23
LOR
O
Right line output
24
AVdd
Power
Analog voltage supply 1.5V–1.95V
Input when A-LDO disabled,
Filtering output when A-LDO enabled
25
HPL
O
Left high power output driver
26
LDOIN/ HPVDD
Power
LDO Input supply and Headphone Power supply 1.9V– 3.6V
27
HPR
O
Right high power output driver
28
DVss
Ground
Digital Ground and Chip-substrate
29
DVdd
Power
If LDO_SELECT Pin = 0 (D-LDO disabled)
Digital voltage supply 1.26V – 1.95V
If LDO_SELECT Pin = 1 (D-LDO enabled)
Digital voltage supply filtering output
30
LDO_ SELECT
I
connect to DVss.
31
RESET
I
Reset (active low)
32
GPIO
I
Primary
General Purpose digital IO
MFP5
Secondary
CLKOUT Output
INT1 Output
INT2 Output
Audio serial data bus ADC word clock output
Audio serial data bus (secondary) bit clock output
Audio serial data bus (secondary) word clock output
Digital microphone clock output
Submit Documentation Feedback
Package and Signal Descriptions
5


Similar Part No. - TLV320AIC3204IRHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3204IRHBR TI1-TLV320AIC3204IRHBR Datasheet
1Mb / 53P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec
TLV320AIC3204IRHBR TI1-TLV320AIC3204IRHBR Datasheet
1Mb / 53P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec
More results

Similar Description - TLV320AIC3204IRHBR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX98091 MAXIM-MAX98091 Datasheet
7Mb / 174P
   Ultra-Low Power Stereo Audio Codec
Rev 0; 5/13
logo
Texas Instruments
TLV320AIC3206 TI1-TLV320AIC3206_17 Datasheet
1Mb / 51P
[Old version datasheet]   Ultra Low-Power Stereo Audio Codec
logo
Maxim Integrated Produc...
MAX9867 MAXIM-MAX9867_V01 Datasheet
2Mb / 56P
   Ultra-Low Power Stereo Audio Codec
2021
MAX98090 MAXIM-MAX98090 Datasheet
8Mb / 170P
   Ultra-Low Power Stereo Audio Codec
19-6492; Rev 4; 11/18
logo
Texas Instruments
TLV320AIC3204 TI1-TLV320AIC3204_14 Datasheet
1Mb / 53P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec
TLV320AIC3254 TI1-TLV320AIC3254_14 Datasheet
1Mb / 53P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec
logo
Maxim Integrated Produc...
MAX9867 MAXIM-MAX9867_10 Datasheet
795Kb / 55P
   Ultra-Low Power Stereo Audio Codec
Rev 1; 5/10
logo
Texas Instruments
TLV320AIC3206 TI1-TLV320AIC3206 Datasheet
963Kb / 42P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec
TLV320AIC3206 TI1-TLV320AIC3206_14 Datasheet
1Mb / 51P
[Old version datasheet]   Ultra Low-Power Stereo Audio Codec
logo
Maxim Integrated Produc...
MAX9867 MAXIM-MAX9867 Datasheet
865Kb / 54P
   Ultra-Low Power Stereo Audio Codec
Rev 0; 4/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com