Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLK3134 Datasheet(PDF) 86 Page - Texas Instruments

Part # TLK3134
Description  4-Channel Multi-Rate Transceiver
Download  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK3134 Datasheet(HTML) 86 Page - Texas Instruments

Back Button TLK3134_1 Datasheet HTML 82Page - Texas Instruments TLK3134_1 Datasheet HTML 83Page - Texas Instruments TLK3134_1 Datasheet HTML 84Page - Texas Instruments TLK3134_1 Datasheet HTML 85Page - Texas Instruments TLK3134_1 Datasheet HTML 86Page - Texas Instruments TLK3134_1 Datasheet HTML 87Page - Texas Instruments TLK3134_1 Datasheet HTML 88Page - Texas Instruments TLK3134_1 Datasheet HTML 89Page - Texas Instruments TLK3134_1 Datasheet HTML 90Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 150 page
background image
TLK3134
4-Channel Multi-Rate Transceiver
SLLS838D – MAY 2007 – REVISED JULY 2008
www.ti.com
Table 2-147. TX1_DLL_CONTROL
ADDRESS: 0x9401
DEFAULT: 0x0008
BIT(s)
NAME
DESCRIPTION
ACCESS
4/5.37889.15
Lock_en
For TI use only
4/5.37889.14
Write_en
For TI use only
4/5.37889.13:8
Delay_sel[5:0]
DLL delay control. For TI use only
RW
Phase shift control. Adds or removes delay element. Each delay element
4/5.37889.7:5
Offset[2:0]
is 0.15ns. Refer Table 2-154: DLL Offset Control
When asserted, the internal filter is used to reduce the cycle to cycle jitter
4/5.37889.3
Filter_en
of the output clock.
Table 2-148. TX2_DLL_CONTROL
ADDRESS: 0x9402
DEFAULT: 0x0008
BIT(s)
NAME
DESCRIPTION
ACCESS
4/5.37890.15
Lock_en
For TI use only
4/5.37890.14
Write_en
For TI use only
4/5.37890.13:8
Delay_sel[5:0]
DLL delay control. For TI use only
RW
Phase shift control. Adds or removes delay element. Each delay element
4/5.37890.7:5
Offset[2:0]
is 0.15ns. Refer Table 2-154: DLL Offset Control
When asserted, the internal filter is used to reduce the cycle to cycle jitter
4/5.37890.3
Filter_en
of the output clock.
Table 2-149. TX3_DLL_CONTROL
ADDRESS: 0x9403
DEFAULT: 0x0008
BIT(s)
NAME
DESCRIPTION
ACCESS
4/5.37891.15
Lock_en
For TI use only
4/5.37891.14
Write_en
For TI use only
4/5.37891.13:8
Delay_sel[5:0]
DLL delay control. For TI use only
RW
Phase shift control. Adds or removes delay element. Each delay element
4/5.37891.7:5
Offset[2:0]
is 0.15 ns. Refer Table 2-154: DLL Offset Control
When asserted, the internal filter is used to reduce the cycle to cycle jitter
4/5.37891.3
Filter_en
of the output clock.
Table 2-150. RX0_DLL_CONTROL
ADDRESS: 0x9404
DEFAULT: 0x0008
BIT(s)
NAME
DESCRIPTION
ACCESS
4/5.37892.15
Lock_en
For TI use only
4/5.37892.14
Write_en
For TI use only
4/5.37892.13:8
Delay_sel[5:0]
DLL delay control. For TI use only
RW
Phase shift control. Adds or removes delay element. Each delay element
4/5.37892.7:5
Offset[2:0]
is 0.15 ns. Refer Table 2-154: DLL Offset Control
When asserted, the internal filter is used to reduce the cycle to cycle jitter
4/5.37892.3
Filter_en
of the output clock.
Detailed Description
86
Submit Documentation Feedback


Similar Part No. - TLK3134_1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK3134ZEL TI-TLK3134ZEL Datasheet
1Mb / 149P
[Old version datasheet]   4-Channel Multi-Rate Transceiver
More results

Similar Description - TLK3134_1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK3134 TI-TLK3134 Datasheet
1Mb / 149P
[Old version datasheet]   4-Channel Multi-Rate Transceiver
TLK3131 TI1-TLK3131_15 Datasheet
1Mb / 102P
[Old version datasheet]   Single Channel Multi-Rate Transceiver
TLK3131 TI-TLK3131 Datasheet
1Mb / 101P
[Old version datasheet]   Single Channel Multi-Rate Transceiver
TLK3132 TI-TLK3132 Datasheet
1Mb / 103P
[Old version datasheet]   2-Channel Multi-Rate Transceiver
TLK3132 TI1-TLK3132_15 Datasheet
1Mb / 104P
[Old version datasheet]   2-Channel Multi-Rate Transceiver
TLK10002 TI1-TLK10002 Datasheet
620Kb / 73P
[Old version datasheet]   10Gbps Dual-Channel Multi-Rate Transceiver
MAY2011
logo
Broadcom Corporation.
BCM8228 BOARDCOM-BCM8228 Datasheet
133Kb / 1P
   VERIRATETM MULTI-RATE TRANSCEIVER
logo
Source Photonics, Inc.
SP-MR-IR1-CDA SOURCE-SP-MR-IR1-CDA Datasheet
520Kb / 6P
   Multi-Rate SFP Transceiver(IR1)
SP-MR-SR1-CDA SOURCE-SP-MR-SR1-CDA Datasheet
478Kb / 7P
   Multi-Rate SFP Transceiver(SR1)
SP-MR-LR1-CDA SOURCE-SP-MR-LR1-CDA Datasheet
473Kb / 7P
   Multi-Rate SFP Transceiver(LR1)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com