Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLK3134 Datasheet(PDF) 84 Page - Texas Instruments

Part # TLK3134
Description  4-Channel Multi-Rate Transceiver
Download  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK3134 Datasheet(HTML) 84 Page - Texas Instruments

Back Button TLK3134_1 Datasheet HTML 80Page - Texas Instruments TLK3134_1 Datasheet HTML 81Page - Texas Instruments TLK3134_1 Datasheet HTML 82Page - Texas Instruments TLK3134_1 Datasheet HTML 83Page - Texas Instruments TLK3134_1 Datasheet HTML 84Page - Texas Instruments TLK3134_1 Datasheet HTML 85Page - Texas Instruments TLK3134_1 Datasheet HTML 86Page - Texas Instruments TLK3134_1 Datasheet HTML 87Page - Texas Instruments TLK3134_1 Datasheet HTML 88Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 150 page
background image
TLK3134
4-Channel Multi-Rate Transceiver
SLLS838D – MAY 2007 – REVISED JULY 2008
www.ti.com
Table 2-142. HSTL_OUTPUT_SLEWRATE_CONTROL (continued)
ADDRESS: 0x9301
DEFAULT: 0x0000
BIT(s)
NAME
DESCRIPTION
ACCESS
Slew Rate setting for output HSTL cells (for CH 0)
00 = No slew control (fastest edge)
4/5.37633.3:2
HSTL_SLEW_RATE_0 [1:0] 01 = 33% slew control
RW
10 = 66 % slew control termination strength
11 = Full slew control (slowest edge)
Table 2-143. HSTL_INPUT_VTP_CONTROL
ADDRESS: 0x9302
DEFAULT: 0x0640
BIT(s)
NAME
DESCRIPTION
ACCESS
When set, increases NFET strength in all HSTL input cells. For TI
4/5.37634.15
I_FORCE_UP_N
purposes Only
When set, increases PFET strength in all HSTL input cells. For TI
4/5.37634.14
I_FORCE_UP_P
purposes Only
RW
When set, decreases NFET strength in all HSTL input cells. For TI
4/5.37634.13
I_FORCE_DOWN_N
purposes Only
When set, decreases PFET strength in all HSTL input cells. For TI
4/5.37634.12
I_FORCE_DOWN_P
purposes Only
Drive strength control for HSTL input cells
3’b000 = 30 % drive strength increase
3’b001 = 20% drive strength increase
3’b010 = 10% drive strength increase
4/5.37634.11:9
I_VTP_DRIVE[2:0]
3’b011 = Normal drive strength (default)
RW
3’b100 = 10% drive strength decrease
3’b101 = 20% drive strength decrease
3’b110 = 30% drive strength decrease
3’b111 = 40% drive strength decrease
Filter Control
3’b000 = Impedance change filtering off
3’b001 = Update on 2 consecutive update requests
3’b010 = Update on 3 consecutive update requests(default)
4/5.37634.7:5
I_FILTER_CONTROL[2:0]
3’b011 = Update on 4 consecutive update requests
RW
3’b100 = Update on 5 consecutive update requests
3’b101 = Update on 6 consecutive update requests
3’b110 = Update on 7 consecutive update requests
3’b111 = Update on 8 consecutive update requests
Impedance Lock Control
4/5.37634.3
I_LOCK
When set, disables dynamic impedance control updates for HSTL input
RW
cells
Table 2-144. HSTL_OUTPUT_VTP_CONTROL
ADDRESS: 0x9303
DEFAULT: 0x0640
BIT(s)
NAME
DESCRIPTION
ACCESS
When set, increases NFET strength in all HSTL output cells . For TI
4/5.37635.15
O_FORCE_UP_N
purposes Only
When set, increases PFET strength in all HSTL output cells . For TI
4/5.37635.14
O_FORCE_UP_P
purposes Only
RW
When set, decreases NFET strength in all HSTL output cells . For TI
4/5.37635.13
O_FORCE_DOWN_N
purposes Only
When set, decreases PFET strength in all HSTL output cells . For TI
4/5.37635.12
O_FORCE_DOWN_P
purposes Only
Detailed Description
84
Submit Documentation Feedback


Similar Part No. - TLK3134_1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK3134ZEL TI-TLK3134ZEL Datasheet
1Mb / 149P
[Old version datasheet]   4-Channel Multi-Rate Transceiver
More results

Similar Description - TLK3134_1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK3134 TI-TLK3134 Datasheet
1Mb / 149P
[Old version datasheet]   4-Channel Multi-Rate Transceiver
TLK3131 TI1-TLK3131_15 Datasheet
1Mb / 102P
[Old version datasheet]   Single Channel Multi-Rate Transceiver
TLK3131 TI-TLK3131 Datasheet
1Mb / 101P
[Old version datasheet]   Single Channel Multi-Rate Transceiver
TLK3132 TI-TLK3132 Datasheet
1Mb / 103P
[Old version datasheet]   2-Channel Multi-Rate Transceiver
TLK3132 TI1-TLK3132_15 Datasheet
1Mb / 104P
[Old version datasheet]   2-Channel Multi-Rate Transceiver
TLK10002 TI1-TLK10002 Datasheet
620Kb / 73P
[Old version datasheet]   10Gbps Dual-Channel Multi-Rate Transceiver
MAY2011
logo
Broadcom Corporation.
BCM8228 BOARDCOM-BCM8228 Datasheet
133Kb / 1P
   VERIRATETM MULTI-RATE TRANSCEIVER
logo
Source Photonics, Inc.
SP-MR-IR1-CDA SOURCE-SP-MR-IR1-CDA Datasheet
520Kb / 6P
   Multi-Rate SFP Transceiver(IR1)
SP-MR-SR1-CDA SOURCE-SP-MR-SR1-CDA Datasheet
478Kb / 7P
   Multi-Rate SFP Transceiver(SR1)
SP-MR-LR1-CDA SOURCE-SP-MR-LR1-CDA Datasheet
473Kb / 7P
   Multi-Rate SFP Transceiver(LR1)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com