Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLK3134 Datasheet(PDF) 53 Page - Texas Instruments

Part # TLK3134
Description  4-Channel Multi-Rate Transceiver
Download  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK3134 Datasheet(HTML) 53 Page - Texas Instruments

Back Button TLK3134_1 Datasheet HTML 49Page - Texas Instruments TLK3134_1 Datasheet HTML 50Page - Texas Instruments TLK3134_1 Datasheet HTML 51Page - Texas Instruments TLK3134_1 Datasheet HTML 52Page - Texas Instruments TLK3134_1 Datasheet HTML 53Page - Texas Instruments TLK3134_1 Datasheet HTML 54Page - Texas Instruments TLK3134_1 Datasheet HTML 55Page - Texas Instruments TLK3134_1 Datasheet HTML 56Page - Texas Instruments TLK3134_1 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 150 page
background image
TLK3134
4-Channel Multi-Rate Transceiver
www.ti.com
SLLS838D – MAY 2007 – REVISED JULY 2008
Table 2-23. XS_SPEED_ABILITY
ADDRESS: 0x0004
DEFAULT: 0x0001
BIT(s)
NAME
DESCRIPTION
ACCESS
4/5.4.0
10G Capable
This bit always reads 1 indicating operation at 10Gb/s
RO
Table 2-24. XS_DEVICES_IN_PACKAGE_1
ADDRESS: 0x0005
DEFAULT: 0x0011
BIT(s)
NAME
DESCRIPTION
ACCESS
1 = DTE XS present in the package.
4/5.5.5
DTE XS Present
0 = DTE XS not present in the package.
RO
Read will return 1, when PRTAD[0] is high
1 = PHY XS present in the package.
4/5.5.4
PHY XS Present
0 = PHY XS not present in the package.
RO
Read will return 1, when PRTAD[0] is low
4/5.5.3
PCS Present
Always reads 0
RO
4/5.5.2
WIS Present
Always reads 0
RO
4/5.5.1
PMD/PMA Present
Always reads 0
RO
Clause 22 Registers
4/5.5.0
Always reads 1
RO
Present
Table 2-25. XS_DEVICES_IN_PACKAGE_2
ADDRESS: 0x0006
DEFAULT: 0x0000
BIT(s)
NAME
DESCRIPTION
ACCESS
Vendor Specific Device 2
This bit always reads 0 indicating that vendor specific device 2 not
4/5.6.15
RO
Present
present in package
Vendor Specific Device 1
This bit always reads 0 indicating that vendor specific device 1 not
4/5.6.14
RO
Present
present in package
Table 2-26. XS_STATUS_2
ADDRESS: 0x0008
DEFAULT: 0x8C00
BIT(s)
NAME
DESCRIPTION
ACCESS
4/5.8.15:14
Device Present
Always read 2’b10 indicating that device responds at this address
RO
1 = Fault condition on transmit path. This bit is asserted when ppm
difference between TX_CLK and XAUI serdes transmit reference clock is
4/5.8.11
Transmit Fault
more than
±200. Local faults are sent on the transmit data stream during
RO/LH
this condition.
0 = No fault condition on transmit path
1 = Fault condition on receive path. This bit is asserted when there is
loss of lane alignment or when ppm difference between XAUI serdes
4/5.8.10
Receive Fault
transmit reference versus RX recovered clock is more than
±200. Local
RO/LH
faults are sent on the receive data stream during this condition.
0 = No fault condition on receive path
Table 2-27. XS_PACKAGE_IDENTIFIER_1
ADDRESS: 0x000E
DEFAULT: 0x4000
BIT(s)
NAME
DESCRIPTION
ACCESS
4/5.14.15:0
OUI c:r
Organizationally unique identifier.
RO
Table 2-28. XS_PACKAGE_IDENTIFIER_2
ADDRESS: 0x000F
DEFAULT: 0x50D0
BIT(s)
NAME
DESCRIPTION
ACCESS
Organizationally unique identifier Manufacturer model and revision
4/5.15.15:0
OUI c:r
RO
number.
Submit Documentation Feedback
Detailed Description
53


Similar Part No. - TLK3134_1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK3134ZEL TI-TLK3134ZEL Datasheet
1Mb / 149P
[Old version datasheet]   4-Channel Multi-Rate Transceiver
More results

Similar Description - TLK3134_1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK3134 TI-TLK3134 Datasheet
1Mb / 149P
[Old version datasheet]   4-Channel Multi-Rate Transceiver
TLK3131 TI1-TLK3131_15 Datasheet
1Mb / 102P
[Old version datasheet]   Single Channel Multi-Rate Transceiver
TLK3131 TI-TLK3131 Datasheet
1Mb / 101P
[Old version datasheet]   Single Channel Multi-Rate Transceiver
TLK3132 TI-TLK3132 Datasheet
1Mb / 103P
[Old version datasheet]   2-Channel Multi-Rate Transceiver
TLK3132 TI1-TLK3132_15 Datasheet
1Mb / 104P
[Old version datasheet]   2-Channel Multi-Rate Transceiver
TLK10002 TI1-TLK10002 Datasheet
620Kb / 73P
[Old version datasheet]   10Gbps Dual-Channel Multi-Rate Transceiver
MAY2011
logo
Broadcom Corporation.
BCM8228 BOARDCOM-BCM8228 Datasheet
133Kb / 1P
   VERIRATETM MULTI-RATE TRANSCEIVER
logo
Source Photonics, Inc.
SP-MR-IR1-CDA SOURCE-SP-MR-IR1-CDA Datasheet
520Kb / 6P
   Multi-Rate SFP Transceiver(IR1)
SP-MR-SR1-CDA SOURCE-SP-MR-SR1-CDA Datasheet
478Kb / 7P
   Multi-Rate SFP Transceiver(SR1)
SP-MR-LR1-CDA SOURCE-SP-MR-LR1-CDA Datasheet
473Kb / 7P
   Multi-Rate SFP Transceiver(LR1)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com