Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL16C752CRHBR Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TL16C752CRHBR
Description  DUAL UART WITH 64-BYTE FIFO
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL16C752CRHBR Datasheet(HTML) 17 Page - Texas Instruments

Back Button TL16C752CRHBR Datasheet HTML 13Page - Texas Instruments TL16C752CRHBR Datasheet HTML 14Page - Texas Instruments TL16C752CRHBR Datasheet HTML 15Page - Texas Instruments TL16C752CRHBR Datasheet HTML 16Page - Texas Instruments TL16C752CRHBR Datasheet HTML 17Page - Texas Instruments TL16C752CRHBR Datasheet HTML 18Page - Texas Instruments TL16C752CRHBR Datasheet HTML 19Page - Texas Instruments TL16C752CRHBR Datasheet HTML 20Page - Texas Instruments TL16C752CRHBR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 50 page
background image
www.ti.com
TL16C752C
DUAL UART
WITH 64-BYTE FIFO
SLLS646 – MARCH 2008
Figure 10 shows the crystal clock circuit reference.
A.
For crystal with fundamental frequency from 1 MHz to 24 MHz
B.
For input clock frequency higher then 24 MHz, the crystal is not allowed and the oscillator must be used, because the
TL16C752C internal oscillator cell can only support the crystal frequency up to 24 MHz.
Figure 10. Typical Crystal Clock Circuits
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): TL16C752C


Similar Part No. - TL16C752CRHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C752CRHBR TI-TL16C752CRHBR Datasheet
1Mb / 48P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752CRHBR TI-TL16C752CRHBR Datasheet
1Mb / 52P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752CRHBRG4 TI-TL16C752CRHBRG4 Datasheet
1Mb / 52P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
More results

Similar Description - TL16C752CRHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C752D-Q1 TI1-TL16C752D-Q1 Datasheet
907Kb / 53P
[Old version datasheet]   Dual UART With 64-Byte FIFO
logo
NXP Semiconductors
SC16C752 PHILIPS-SC16C752 Datasheet
604Kb / 47P
   Dual UART with 64-byte FIFO
Rev. 04-20 June 2003
logo
Texas Instruments
TL16C752C TI-TL16C752C Datasheet
1Mb / 48P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752C TI-TL16C752C_09 Datasheet
1Mb / 52P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752D TI1-TL16C752D Datasheet
1Mb / 56P
[Old version datasheet]   TL16C752D Dual UART With 64-Byte FIFO
TL16C754 TI-TL16C754 Datasheet
488Kb / 39P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
logo
NXP Semiconductors
SC16C754 PHILIPS-SC16C754 Datasheet
622Kb / 49P
   Quad UART with 64-byte FIFO
Rev. 04-19 June 2003
logo
Texas Instruments
TL16C754BPNR TI-TL16C754BPNR Datasheet
671Kb / 40P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
TL16C752 TI-TL16C752 Datasheet
402Kb / 33P
[Old version datasheet]   3.3-V DUAL UART WITH 64-BYTE FIFO
TL16C752B TI-TL16C752B Datasheet
503Kb / 36P
[Old version datasheet]   3.3-V DUAL UART WITH 64-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com