Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PGA113AIDGSTG4 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # PGA113AIDGSTG4
Description  Zero-Drift,PROGRAMMABLE GAIN AMPLIFIER with MUX
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PGA113AIDGSTG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button PGA113AIDGSTG4 Datasheet HTML 5Page - Texas Instruments PGA113AIDGSTG4 Datasheet HTML 6Page - Texas Instruments PGA113AIDGSTG4 Datasheet HTML 7Page - Texas Instruments PGA113AIDGSTG4 Datasheet HTML 8Page - Texas Instruments PGA113AIDGSTG4 Datasheet HTML 9Page - Texas Instruments PGA113AIDGSTG4 Datasheet HTML 10Page - Texas Instruments PGA113AIDGSTG4 Datasheet HTML 11Page - Texas Instruments PGA113AIDGSTG4 Datasheet HTML 12Page - Texas Instruments PGA113AIDGSTG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
AV
DD
CH5
CH4
CH3
CH2
CH1
V
/CH0
CAL
V
REF
V
OUT
CH7
CH6
DV
DD
CS
DOUT
DIN
SCLK
GND
ENABLE
CH9
CH8
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
PGA116
PGA117
PGA112
,, PGA113
PGA116, PGA117
www.ti.com ............................................................................................................................................ SBOS424B – MARCH 2008 – REVISED SEPTEMBER 2008
TSSOP-20
PW PACKAGE
(TOP VIEW)
PGA116, PGA117 TERMINAL FUNCTIONS
TSSOP
PACKAGE
PIN #
NAME
DESCRIPTION
1
AVDD
Analog supply voltage (+2.2V to +5.5V)
2
CH5
Input MUX channel 5
3
CH4
Input MUX channel 4
4
CH3
Input MUX channel 3
5
CH2
Input MUX channel 2
6
CH1
Input MUX channel 1
Input MUX channel 0 and VCAL input. For system calibration purposes, connect this pin to a
low-impedance external reference voltage to use internal calibration channels. The four internal
7
VCAL/CH0
calibration channels are connected to GND, 0.9VCAL, 0.1VCAL, and VREF, respectively. VCAL is loaded
with 100k
Ω (typical) when internal calibration channels CAL2 or CAL3 are selected. Otherwise,
VCAL/CH0 appears as high impedance.
Reference input pin. Connect external reference for VOUT offset shift or to midsupply for midsupply
8
VREF
referenced systems. VREF must be connected to a low-impedance reference capable of sourcing and
sinking at least 2mA or to GND.
9
VOUT
Analog voltage output. When AVDD < DVDD, VOUT is clamped to AVDD + 300mV.
10
CH7
Input MUX channel 7
11
CH8
Input MUX channel 8
12
CH9
Input MUX channel 9
13
ENABLE
Hardware enable pin. Logic low puts the part into Shutdown mode (IQ < 1µA).
14
GND
Ground pin
15
SCLK
Clock input for SPI serial interface
Data input for SPI serial interface. DIN contains a weak, 10
µA internal pull-down current source to
16
DIN
allow for ease of daisy-chain configurations.
Data output for SPI serial interface. DOUT goes to high-Z state when CS goes high for standard SPI
17
DOUT
interface.
18
CS
Chip select line for SPI serial interface
Digital and op amp output stage supply voltage (+2.2V to +5.5V). Useful in multi-supply systems to
prevent overvoltage/lockup condition on an ADC input (for example, a microcontroller with an ADC
19
DVDD
running on +3V and the PGA powered from +5V). Digital I/O levels to be relative to DVDD. DVDD should
be bypassed with a 0.1
µF ceramic capacitor, and DV
DD must supply the current for the digital portion of
the PGA as well as the load current for the op amp output stage.
20
CH6
Input MUX channel 6
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): PGA112 PGA113 PGA116 PGA117


Similar Part No. - PGA113AIDGSTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA113AIDGSTG4 TI-PGA113AIDGSTG4 Datasheet
1Mb / 40P
[Old version datasheet]   Single-Supply, Single-Ended, Precision Programmable Gain Amplifier with MUX
PGA113AIDGSTG4 TI-PGA113AIDGSTG4 Datasheet
1Mb / 47P
[Old version datasheet]   Zer첩-Drift PROGRAMMABLE GAIN AMPLIFIER with MUX
More results

Similar Description - PGA113AIDGSTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA112_0811 TI-PGA112_0811 Datasheet
1Mb / 47P
[Old version datasheet]   Zer첩-Drift PROGRAMMABLE GAIN AMPLIFIER with MUX
logo
Linear Technology
LTC6915 LINER-LTC6915 Datasheet
289Kb / 16P
   Zero Drift, Precision Instrumentation Amplifier with Digitally Programmable Gain
LTC6915 LINER-LTC6915_15 Datasheet
295Kb / 18P
   Zero Drift, Precision Instrumentation Amplifier with Digitally Programmable Gain
logo
Texas Instruments
PGA280 TI-PGA280 Datasheet
900Kb / 45P
[Old version datasheet]   Zero-Drift High-Voltage Programmable Gain INSTRUMENTATION AMPLIFIER
PGA281 TI-PGA281 Datasheet
2Mb / 32P
[Old version datasheet]   Precision, Zero-Drift, High-Voltage, Programmable Gain Instrumentation Amplifier
logo
Analog Devices
ADA4255 AD-ADA4255 Datasheet
4Mb / 64P
   Zero Drift, High Voltage, Programmable Gain Instrumentation Amplifier with Charge Pump
logo
Texas Instruments
LMP8358 TI1-LMP8358 Datasheet
1Mb / 40P
[Old version datasheet]   Zero-Drift, Programmable Instrumentation Amplifier with Diagnostics
logo
National Semiconductor ...
LMP8358 NSC-LMP8358 Datasheet
1,015Kb / 32P
   Zero-Drift, Programmable Instrumentation Amplifier with Diagnostics
logo
Analog Devices
ADA4254 AD-ADA4254 Datasheet
1Mb / 59P
   Zero Drift, High Voltage, Low Power, Programmable Gain Instrumentation Amplifier
Rev. B
AD8231 AD-AD8231_V01 Datasheet
725Kb / 24P
   Zero Drift, Digitally Programmable Instrumentation Amplifier
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com