Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74SSQE32882ZALR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74SSQE32882ZALR
Description  28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS PARITY TEST ONE PAIR TO FOUR PAIR DIFFERENTIAL CLOCK PLL DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74SSQE32882ZALR Datasheet(HTML) 3 Page - Texas Instruments

  SN74SSQE32882ZALR Datasheet HTML 1Page - Texas Instruments SN74SSQE32882ZALR Datasheet HTML 2Page - Texas Instruments SN74SSQE32882ZALR Datasheet HTML 3Page - Texas Instruments SN74SSQE32882ZALR Datasheet HTML 4Page - Texas Instruments SN74SSQE32882ZALR Datasheet HTML 5Page - Texas Instruments SN74SSQE32882ZALR Datasheet HTML 6Page - Texas Instruments SN74SSQE32882ZALR Datasheet HTML 7Page - Texas Instruments SN74SSQE32882ZALR Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
PACKAGE INFORMATION
PINOUT CONFIGURATION
1
2
3
4
5
6
7
8
9
10 11
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
W
Y
SN74SSQE32882
www.ti.com .................................................................................................................................................................................................. SCAS857 – MARCH 2008
The package is an 8-mm
× 13.5-mm, 176-pin ball grid array (BGA) with 0.65-mm ball pitch in an 11 × 20 grid.
The device pinout supports outputs on the outer two left and right columns to support easy DIMM signal routing.
Corresponding inputs are placed in such a way that two devices can be placed back-to-back for four rank
modules while the data inputs share the same vias. Each input and output is located close to an associated
no-ball position or on the outer two rows to allow for low-cost via technology combined with the small, 0.65-mm
ball pitch.
NOTE:
To request more information on SN74SSQE32882 DDR3 Register/PLL please contact
support@ti.com .
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3


Similar Part No. - SN74SSQE32882ZALR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74SSQE32882ZALR TI-SN74SSQE32882ZALR Datasheet
433Kb / 10P
[Old version datasheet]   28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS PARITY TEST ONE PAIR TO FOUR PAIR DIFFERENTIAL CLOCK PLL DRIVER
SN74SSQE32882ZALR TI-SN74SSQE32882ZALR Datasheet
433Kb / 10P
[Old version datasheet]   28-BIT RIGISTERED BUFFER WITH ADDRESS PARITY TEST ONE PAIR TO FOUR PAIR DIFFERENTIAL CLOCK PLL DRIVER
SN74SSQE32882ZALR TI1-SN74SSQE32882ZALR Datasheet
744Kb / 10P
[Old version datasheet]   28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS PARITY TEST ONE PAIR TO FOUR PAIR DIFFERENTIAL CLOCK PLL DRIVER
More results

Similar Description - SN74SSQE32882ZALR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74SSQEA32882 TI-SN74SSQEA32882 Datasheet
172Kb / 6P
[Old version datasheet]   28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS PARITY TEST ONE PAIR TO FOUR PAIR DIFFERENTIAL CLOCK PLL DRIVER
SN74SSQEC32882 TI1-SN74SSQEC32882 Datasheet
498Kb / 9P
[Old version datasheet]   28-Bit to 56-Bit Registered Buffer With Address Parity Test One Pair to Four Pair Differential Clock PLL Driver
SN74SSQE32882 TI1-SN74SSQE32882_17 Datasheet
744Kb / 10P
[Old version datasheet]   28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS PARITY TEST ONE PAIR TO FOUR PAIR DIFFERENTIAL CLOCK PLL DRIVER
SN74SSQE32882 TI-SN74SSQE32882_1 Datasheet
433Kb / 10P
[Old version datasheet]   28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS PARITY TEST ONE PAIR TO FOUR PAIR DIFFERENTIAL CLOCK PLL DRIVER
SN74SSQEB32882 TI1-SN74SSQEB32882 Datasheet
489Kb / 9P
[Old version datasheet]   28-Bit to 56-Bit Registered Buffer With Address Parity Test One Pair to Four Pair Differential Clock PLL Driver
SN74SSTE32882 TI-SN74SSTE32882 Datasheet
274Kb / 7P
[Old version datasheet]   28-Bit to 56-Bit Registered Buffer With Address Parity Test and One Pair to Four Pair Differential Clock PLL Driver
SN74SSQE32882 TI-SN74SSQE32882_10 Datasheet
433Kb / 10P
[Old version datasheet]   28-BIT RIGISTERED BUFFER WITH ADDRESS PARITY TEST ONE PAIR TO FOUR PAIR DIFFERENTIAL CLOCK PLL DRIVER
74SSTUB32868A TI1-74SSTUB32868A Datasheet
770Kb / 25P
[Old version datasheet]   28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS-PARITY TEST
74SSTUB32868 TI1-74SSTUB32868_15 Datasheet
981Kb / 26P
[Old version datasheet]   28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS-PARITY TEST
74SSTUB32865AZJBR TI-74SSTUB32865AZJBR Datasheet
728Kb / 21P
[Old version datasheet]   28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS-PARITY TEST
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com