Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2673IDGQR Datasheet(PDF) 7 Page - Texas Instruments

Part # OPA2673IDGQR
Description  Dual, Wideband, High Output Current Operational Amplifier with Active Off-Line Control
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2673IDGQR Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA2673IDGQR Datasheet HTML 3Page - Texas Instruments OPA2673IDGQR Datasheet HTML 4Page - Texas Instruments OPA2673IDGQR Datasheet HTML 5Page - Texas Instruments OPA2673IDGQR Datasheet HTML 6Page - Texas Instruments OPA2673IDGQR Datasheet HTML 7Page - Texas Instruments OPA2673IDGQR Datasheet HTML 8Page - Texas Instruments OPA2673IDGQR Datasheet HTML 9Page - Texas Instruments OPA2673IDGQR Datasheet HTML 10Page - Texas Instruments OPA2673IDGQR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
-55
60
65
70
75
80
85
90
95
100
105
-
-
-
-
-
-
-
-
-
-
0.1
1
10
100
Frequency(MHz)
2ndHarmonic
3rdHarmonic
SingleChannel
G=+4V/V
R =100
V =2V
O
PP
L
W
60
65
70
75
80
85
90
95
100
105
110
-
-
-
-
-
-
-
-
-
-
-
2ndHarmonic
3rdHarmonic
G=+4V/V
R =100
f=10MHz
L
W
0
2
4
6
8
10
OutputVoltage(V )
PP
-
-
-
-
-
-
-
65
70
75
80
85
90
95
10
100
1k
Resistance( )
W
2ndHarmonic
3rdHarmonic
G=+4V/V
V =2V
f=10MHz
PP
O
-76
78
80
82
84
86
88
90
-
-
-
-
-
-
-
3.0
3.5
4.0
4.5
5.0
5.5
6.0
SupplyVoltage(±V )
S
2ndHarmonic
3rdHarmonic
G=+4V/V
R =100
f=10MHz
V =2V
L
W
O
PP
60
50
40
30
20
10
0
0
10
20
30
40
50
100
Frequency(MHz)
PoweratMatched50
Load
W
90
80
70
60
-60
65
70
75
80
85
90
95
-
-
-
-
-
-
-
2ndHarmonic
3rdHarmonic
f=10MHz
R =100
V =2V
L
W
O
PP
1
10
Gain(V/V)
OPA2673
www.ti.com..................................................................................................................................................... SBOS382A – JUNE 2008 – REVISED OCTOBER 2008
TYPICAL CHARACTERISTICS: VS = ±6V, Full Bias (continued)
At TA = +25°C, G = +4V/V, RF = 402Ω, and RL = 100Ω, unless otherwise specified.
HARMONIC DISTORTION vs FREQUENCY
HARMONIC DISTORTION vs OUTPUT VOLTAGE
Figure 7.
Figure 8.
HARMONIC DISTORTION vs LOAD RESISTANCE
HARMONIC DISTORTION vs SUPPLY VOLTAGE
Figure 9.
Figure 10.
TWO-TONE, THIRD-ORDER INTERMODULATION
HARMONIC DISTORTION vs NONINVERTING GAIN
INTERCEPT
Figure 11.
Figure 12.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): OPA2673


Similar Part No. - OPA2673IDGQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2673IDGQR TI-OPA2673IDGQR Datasheet
1Mb / 40P
[Old version datasheet]   Dual, Wideband, High Output Current Operational Amplifier with Active Off-Line Control
More results

Similar Description - OPA2673IDGQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2673 TI-OPA2673 Datasheet
1Mb / 40P
[Old version datasheet]   Dual, Wideband, High Output Current Operational Amplifier with Active Off-Line Control
OPA2675 TI-OPA2675 Datasheet
2Mb / 37P
[Old version datasheet]   OPA2675 Dual, High Output Current Operational Amplifier With Active Off-Line Control
APRIL 2022
OPA2675 TI-OPA2675_V01 Datasheet
2Mb / 39P
[Old version datasheet]   OPA2675 Dual, High Output Current Operational Amplifier With Active Off-Line Control
REVISED SEPTEMBER 2022
OPA2677IDDA TI1-OPA2677IDDA Datasheet
1Mb / 38P
[Old version datasheet]   Dual, Wideband, High Output Current Operational Amplifier
OPA2677 TI1-OPA2677 Datasheet
1Mb / 38P
[Old version datasheet]   Dual, Wideband, High Output Current Operational Amplifier
logo
Burr-Brown (TI)
OPA2677 BURR-BROWN-OPA2677 Datasheet
138Kb / 12P
   Dual, Wideband, High Output Current OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS617 STMICROELECTRONICS-TS617 Datasheet
339Kb / 19P
   Dual wideband high output current operational amplifier
November 2008 Rev 1
logo
Texas Instruments
OPA2613 TI1-OPA2613_14 Datasheet
742Kb / 34P
[Old version datasheet]   Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
OPA2613 TI-OPA2613 Datasheet
376Kb / 27P
[Old version datasheet]   Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
logo
Burr-Brown (TI)
OPA2674 BURR-BROWN-OPA2674 Datasheet
472Kb / 10P
   Dual Wideband, High Output Current Operational Amplifier with Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com