Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA827AIDG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA827AIDG4
Description  Low-Noise, High-Precision, JFET-Input OPERATIONAL AMPLIFIER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA827AIDG4 Datasheet(HTML) 1 Page - Texas Instruments

  OPA827AIDG4 Datasheet HTML 1Page - Texas Instruments OPA827AIDG4 Datasheet HTML 2Page - Texas Instruments OPA827AIDG4 Datasheet HTML 3Page - Texas Instruments OPA827AIDG4 Datasheet HTML 4Page - Texas Instruments OPA827AIDG4 Datasheet HTML 5Page - Texas Instruments OPA827AIDG4 Datasheet HTML 6Page - Texas Instruments OPA827AIDG4 Datasheet HTML 7Page - Texas Instruments OPA827AIDG4 Datasheet HTML 8Page - Texas Instruments OPA827AIDG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
OP
A827
1
FEATURES
DESCRIPTION
APPLICATIONS
0.1
100
1
Frequency(Hz)
10k
10
1
10
100
1k
10k
V = 18V
S
±
INPUTVOLTAGENOISEDENSITY
vsFREQUENCY
0.1Hzto10HzNOISE
Time(1s/div)
OPA827
www.ti.com ..................................................................................................................................... SBOS376E – NOVEMBER 2006 – REVISED SEPTEMBER 2008
Low-Noise, High-Precision, JFET-Input
OPERATIONAL AMPLIFIER
2
• INPUT VOLTAGE NOISE DENSITY:
The OPA827 series of JFET operational amplifiers
xx
4nV/
√Hz at 1kHz
combine outstanding dc precision with excellent ac
performance. These amplifiers offer low offset voltage
• INPUT VOLTAGE NOISE:
(150
µV, max), very low drift over temperature
xx
0.1Hz to 10Hz: 250nVPP
(1.5
µV/°C, typ), low bias current (15pA, typ), and very
• INPUT BIAS CURRENT: 15pA
low 0.1Hz to 10Hz noise (250nVPP, typ). The device
• INPUT OFFSET VOLTAGE: 150µV (max)
operates over a wide supply voltage range, ±4V to
±18V on a low supply current (4.8mA/Ch, typ).
• INPUT OFFSET DRIFT: 1.5µV/°C
• GAIN BANDWIDTH: 22MHz
Excellent ac characteristics, such as a 22MHz gain
bandwidth product (GBW), a slew rate of 28V/
µs, and
• SLEW RATE: 28V/µs
precision dc characteristics make the OPA827 series
• QUIESCENT CURRENT: 4.8mA/Ch
well-suited for a wide range of applications including
• WIDE SUPPLY RANGE: ±4V to ±18V
16-bit to 18-bit mixed signal systems, transimpedance
(I/V-conversion) amplifiers, filters, precision ±10V
• PACKAGES: SO-8 and MSOP-8(1)
front ends, and professional audio applications.
(1)
MSOP-8 (DGK) package is product preview.
The OPA827 is available in both SO-8 and MSOP-8(1)
surface-mount packages, and is specified from –40°C
to +125°C.
• ADC DRIVERS
• DAC OUTPUT BUFFERS
• TEST EQUIPMENT
• MEDICAL EQUIPMENT
• PLL FILTERS
• SEISMIC APPLICATIONS
• TRANSIMPEDANCE AMPLIFIERS
• INTEGRATORS
• ACTIVE FILTERS
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright © 2006–2008, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - OPA827AIDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA827AIDG4 TI1-OPA827AIDG4 Datasheet
1Mb / 36P
[Old version datasheet]   Low-Noise, High-Precision, JFET-Input Low-Noise, High-Precision, JFET-Input
More results

Similar Description - OPA827AIDG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA827 BURR-BROWN-OPA827_07 Datasheet
233Kb / 8P
   Low-Noise, High-Precision, JFET-Input, OPERATIONAL AMPLIFIER
OPA827 BURR-BROWN-OPA827 Datasheet
162Kb / 7P
   Low-Noise, High-Precision, JFET-Input, OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA827AIDGKR TI-OPA827AIDGKR Datasheet
1Mb / 27P
[Old version datasheet]   Low-Noise, High-Precision, JFET-Input OPERATIONAL AMPLIFIER
TL072-EP TI1-TL072-EP Datasheet
619Kb / 19P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIER
TL074QDREP TI1-TL074QDREP Datasheet
830Kb / 19P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIER
OPA827 TI1-OPA827_16 Datasheet
1Mb / 36P
[Old version datasheet]   Low-Noise, High-Precision, JFET-Input Low-Noise, High-Precision, JFET-Input
TL072-EP TI-TL072-EP_15 Datasheet
864Kb / 20P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM8512 NJRC-NJM8512 Datasheet
1Mb / 14P
   Precision, JFET Input Operational Amplifier
NJM8513 NJRC-NJM8513 Datasheet
1Mb / 14P
   Precision, JFET Input Operational Amplifier
logo
Linear Technology
LT1022 LINER-LT1022 Datasheet
473Kb / 8P
   High Speed, Precision JFET Input Operational Amplifier?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com