Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6TQ035STRR Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 6TQ035STRR
Description  Schottky Rectifier, 6 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

6TQ035STRR Datasheet(HTML) 5 Page - Vishay Siliconix

  6TQ035STRR Datasheet HTML 1Page - Vishay Siliconix 6TQ035STRR Datasheet HTML 2Page - Vishay Siliconix 6TQ035STRR Datasheet HTML 3Page - Vishay Siliconix 6TQ035STRR Datasheet HTML 4Page - Vishay Siliconix 6TQ035STRR Datasheet HTML 5Page - Vishay Siliconix 6TQ035STRR Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Document Number: 93968
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 27-Jun-08
5
6TQ...S
Schottky Rectifier, 6 A
Vishay High Power Products
ORDERING INFORMATION TABLE
6
1
-
Current rating (6 A)
2
-
Package:
T = TO-220
3
-
Schottky “Q” series
4
-
Voltage ratings
5
-
-
None = Tube (50 pieces)
TRL = Tape and reel (left oriented)
035 = 35 V
040 = 40 V
045 = 45 V
S = D2PAK
TRR = Tape and reel (right oriented)
None = Standard production
7
PbF = Lead (Pb)-free
-
Device code
5
13
24
67
6
T
Q
045
S
TRL
-
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95046
Part marking information
http://www.vishay.com/doc?95054
Packaging information
http://www.vishay.com/doc?95032


Similar Part No. - 6TQ035STRR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
6TQ035STRRPBF VISHAY-6TQ035STRRPBF Datasheet
127Kb / 6P
   Schottky Rectifier, 6 A
Revision: 26-May-08
More results

Similar Description - 6TQ035STRR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
6TQ045 VISHAY-6TQ045 Datasheet
111Kb / 6P
   Schottky Rectifier, 6 A
Revision: 27-Jun-08
6TQ035SPBF VISHAY-6TQ035SPBF_12 Datasheet
167Kb / 7P
   Schottky Rectifier, 6 A
Revision: 15-Mar-10
6TQ045SPBF VISHAY-6TQ045SPBF Datasheet
127Kb / 6P
   Schottky Rectifier, 6 A
Revision: 26-May-08
6TQS VISHAY-6TQS Datasheet
107Kb / 6P
   Schottky Rectifier, 6 A
Revision: 27-Jun-08
VS-6TQPBF VISHAY-VS-6TQPBF Datasheet
168Kb / 7P
   Schottky Rectifier, 6 A
Revision: 29-Aug-11
VS-6TQPBF VISHAY-VS-6TQPBF_V01 Datasheet
135Kb / 7P
   Schottky Rectifier, 6 A
08-Feb-17
6TQ045PBF VISHAY-6TQ045PBF Datasheet
115Kb / 6P
   Schottky Rectifier, 6 A
Revision: 06-Jun-08
6TQ035SPBF VISHAY-6TQ035SPBF_10 Datasheet
122Kb / 6P
   Schottky Rectifier, 6 A
Revision: 15-Mar-10
6TQ035PBF VISHAY-6TQ035PBF_12 Datasheet
167Kb / 7P
   Schottky Rectifier, 6 A
Revision: 29-Aug-11
6TQ VISHAY-6TQ Datasheet
94Kb / 6P
   Schottky Rectifier, 6 A
Revision: 27-Jun-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com