Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6TQ040 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 6TQ040
Description  Schottky Rectifier, 6 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

6TQ040 Datasheet(HTML) 6 Page - Vishay Siliconix

  6TQ040 Datasheet HTML 1Page - Vishay Siliconix 6TQ040 Datasheet HTML 2Page - Vishay Siliconix 6TQ040 Datasheet HTML 3Page - Vishay Siliconix 6TQ040 Datasheet HTML 4Page - Vishay Siliconix 6TQ040 Datasheet HTML 5Page - Vishay Siliconix 6TQ040 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Document Number: 91000
www.vishay.com
Revision: 18-Jul-08
1
Disclaimer
Legal Disclaimer Notice
Vishay
All product specifications and data are subject to change without notice.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf
(collectively, “Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein
or in any other disclosure relating to any product.
Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any
information provided herein to the maximum extent permitted by law. The product specifications do not expand or
otherwise modify Vishay’s terms and conditions of purchase, including but not limited to the warranty expressed
therein, which apply to these products.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this
document or by any conduct of Vishay.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless
otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such
applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting
from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding
products designed for such applications.
Product names and markings noted herein may be trademarks of their respective owners.


Similar Part No. - 6TQ040

ManufacturerPart #DatasheetDescription
logo
International Rectifier
6TQ040 IRF-6TQ040 Datasheet
157Kb / 6P
   SCHOTTKY RECTIFIER
logo
Microsemi Corporation
6TQ040 MICROSEMI-6TQ040 Datasheet
131Kb / 2P
   10 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Vishay Siliconix
6TQ040-N3 VISHAY-6TQ040-N3 Datasheet
167Kb / 7P
   Schottky Rectifier, 6 A
Revision: 29-Aug-11
6TQ040PBF VISHAY-6TQ040PBF Datasheet
115Kb / 6P
   Schottky Rectifier, 6 A
Revision: 06-Jun-08
6TQ040PBF VISHAY-6TQ040PBF Datasheet
167Kb / 7P
   Schottky Rectifier, 6 A
Revision: 29-Aug-11
More results

Similar Description - 6TQ040

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
6TQ035SPBF VISHAY-6TQ035SPBF_12 Datasheet
167Kb / 7P
   Schottky Rectifier, 6 A
Revision: 15-Mar-10
6TQ045SPBF VISHAY-6TQ045SPBF Datasheet
127Kb / 6P
   Schottky Rectifier, 6 A
Revision: 26-May-08
6TQS VISHAY-6TQS Datasheet
107Kb / 6P
   Schottky Rectifier, 6 A
Revision: 27-Jun-08
VS-6TQPBF VISHAY-VS-6TQPBF Datasheet
168Kb / 7P
   Schottky Rectifier, 6 A
Revision: 29-Aug-11
VS-6TQPBF VISHAY-VS-6TQPBF_V01 Datasheet
135Kb / 7P
   Schottky Rectifier, 6 A
08-Feb-17
6TQ045PBF VISHAY-6TQ045PBF Datasheet
115Kb / 6P
   Schottky Rectifier, 6 A
Revision: 06-Jun-08
6TQ045S VISHAY-6TQ045S Datasheet
124Kb / 6P
   Schottky Rectifier, 6 A
Revision: 27-Jun-08
6TQ035SPBF VISHAY-6TQ035SPBF_10 Datasheet
122Kb / 6P
   Schottky Rectifier, 6 A
Revision: 15-Mar-10
6TQ035PBF VISHAY-6TQ035PBF_12 Datasheet
167Kb / 7P
   Schottky Rectifier, 6 A
Revision: 29-Aug-11
6TQ VISHAY-6TQ Datasheet
94Kb / 6P
   Schottky Rectifier, 6 A
Revision: 27-Jun-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com