Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR3JM Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # CR3JM
Description  LOW POWER, STROBE USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

CR3JM Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  CR3JM Datasheet HTML 1Page - Mitsubishi Electric Semiconductor CR3JM Datasheet HTML 2Page - Mitsubishi Electric Semiconductor CR3JM Datasheet HTML 3Page - Mitsubishi Electric Semiconductor CR3JM Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Feb.1999
MITSUBISHI SEMICONDUCTOR
〈HIGH-SPEED SWITCHING THYRISTOR〉
CR3JM
LOW POWER, STROBE USE
NON-INSULATED TYPE, GLASS PASSIVATION TYPE
Symbol
IRRM
IDRM
VTM
VGT
VGD
IGT
Cc
Test conditions
Tj=25
°C, VRRM applied
Tj=25
°C, VDRM applied
Tc=25
°C, ITM=3A, Instantaneous value
Tj=25
°C, VD=6V, RL=6Ω
Tj=125
°C, VD=1/2VDRM
Tj=25
°C, VD=6V, RL=6Ω
CM=1800
µF, VCM=350V, ITM=240A, L=50µH, VGK=–6V,
Ta=25
°C
Unit
mA
mA
V
V
V
mA
µF
Typ.
Parameter
Repetitive peak reverse current
Repetitive peak off-state current
On-state voltage
Gate trigger voltage
Gate non-trigger voltage
Gate trigger current
Commutating capacitor
V2
Min.
0.1
Max.
0.1
0.1
1.8
2.0
50
2.8
Limits
ELECTRICAL CHARACTERISTICS
V2. Refer to sections 3 on STROBE FLASHER APPLICATION.
10
02
8
46
9
17
35
103
7
5
3
2
102
7
5
3
2
101
7
5
3
2
100
Tc = 25°C
10–1
23
100
57 101 23 5 7 102 23 5 7 103
101
7
5
3
2
100
7
5
3
2
7
5
3
2
10–2
VFGM = 6V
VGT = 2.0V
IGT = 50mA
(Tj = 25°C)
PGM = 3W
VGD = 0.1V
IFGM = 1A
PG(AV)
= 0.3W
MAXIMUM ON-STATE CHARACTERISTICS
ON-STATE VOLTAGE (V)
GATE CHARACTERISTICS
GATE CURRENT (mA)
PERFORMANCE CURVES


Similar Part No. - CR3JM

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CR3JM RENESAS-CR3JM Datasheet
98Kb / 5P
   MITSUBISHI SEMICONDUCTOR HIGH-SPEED SWITCHING THYRISTOR
CR3JM RENESAS-CR3JM_15 Datasheet
123Kb / 7P
   LOW POWER, STROBE USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
More results

Similar Description - CR3JM

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CR3AMZ MITSUBISHI-CR3AMZ Datasheet
65Kb / 4P
   LOW POWER, STROBE USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
logo
Renesas Technology Corp
CR3JM RENESAS-CR3JM_15 Datasheet
123Kb / 7P
   LOW POWER, STROBE USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
logo
ARTSCHIP ELECTRONICS CO...
CR03AM ARTSCHIP-CR03AM Datasheet
69Kb / 5P
   LOW POWER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
logo
Mitsubishi Electric Sem...
CR03AM MITSUBISHI-CR03AM Datasheet
67Kb / 5P
   LOW POWER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
CR3EM MITSUBISHI-CR3EM Datasheet
65Kb / 5P
   LOW POWER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
CR08AS MITSUBISHI-CR08AS Datasheet
76Kb / 6P
   LOW POWER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
CR2AM MITSUBISHI-CR2AM Datasheet
72Kb / 6P
   LOW POWER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
CR8AM MITSUBISHI-CR8AM Datasheet
70Kb / 5P
   MEDIUM POWER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
CR10C MITSUBISHI-CR10C Datasheet
59Kb / 4P
   MEDIUM POWER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
logo
Renesas Technology Corp
CR6CM RENESAS-CR6CM_15 Datasheet
128Kb / 8P
   MEDIUM POWER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com