Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1N5819 Datasheet(PDF) 1 Page - Vishay Siliconix

Part No. 1N5819
Description  Schottky Rectifier, 1.0 A
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

1N5819 Datasheet(HTML) 1 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Document Number: 94614
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 06-Nov-08
1
Schottky Rectifier, 1.0 A
1N5819
Vishay High Power Products
FEATURES
• Low profile, axial leaded outline
• High frequency operation
• Very low forward voltage drop
• High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
• Guard ring for enhanced ruggedness and long term
reliability
• Lead (Pb)-free plating
• Designed and qualified for industrial level
DESCRIPTION
The 1N5819 axial leaded Schottky rectifier has been
optimized for very low forward voltage drop, with moderate
leakage. Typical applications are in switching power
supplies, converters, freewheeling diodes, and reverse
battery protection.
PRODUCT SUMMARY
IF(AV)
1.0 A
VR
40 V
IRM
12 mA at 125 °C
DO-204AL
Cathode
Anode
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF(AV)
Rectangular waveform
1.0
A
VRRM
40
V
IFSM
tp = 5 µs sine
225
A
VF
1 Apk, TJ = 25 °C
0.55
V
TJ
Range
- 40 to 150
°C
VOLTAGE RATINGS
PARAMETER
SYMBOL
1N5819
UNITS
Maximum DC reverse voltage
VR
40
V
Maximum working peak reverse voltage
VRWM
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
See fig. 4
IF(AV)
50 % duty cycle at TL = 90 °C, rectangular waveform
1.0
A
Maximum peak one cycle
non-repetitive surge current
See fig. 6
IFSM
5 µs sine or 3 µs rect. pulse
Following any rated load
condition and with rated
VRRM applied
225
10 ms sine or 6 ms rect. pulse
35


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn