Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4148WS-V Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 1N4148WS-V
Description  Small Signal Fast Switching Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1N4148WS-V Datasheet(HTML) 1 Page - Vishay Siliconix

  1N4148WS-V Datasheet HTML 1Page - Vishay Siliconix 1N4148WS-V Datasheet HTML 2Page - Vishay Siliconix 1N4148WS-V Datasheet HTML 3Page - Vishay Siliconix 1N4148WS-V Datasheet HTML 4Page - Vishay Siliconix 1N4148WS-V Datasheet HTML 5Page - Vishay Siliconix 1N4148WS-V Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1N4148WS-V
Document Number 85751
Rev. 1.7, 14-Sep-07
Vishay Semiconductors
www.vishay.com
1
20145
Small Signal Fast Switching Diode
Features
• These diodes are also available in other
case styles including the DO35 case
with the type designation 1N4148, the
MiniMELF
case
with
the
type
designation LL4148, and the SOT23 case with the
type designation IMBD4148-V
• Silicon epitaxial planar diode
• Fast switching diodes
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
Mechanical Data
Case: SOD323 plastic case
Weight: approx. 4.3 mg
Packaging Codes/Options:
GS18/10 k per 13" reel (8 mm tape), 10 k/box
GS08/3 k per 7" reel (8 mm tape), 15 k/box
Parts Table
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Note:
1) Valid provided that electrodes are kept at ambient temperature.
Part
Ordering code
Type Marking
Remarks
1N4148WS-V
1N4148WS-V-GS18 or 1N4148WS-V-GS08
A2
Tape and Reel
Parameter
Test condition
Symbol
Value
Unit
Reverse voltage
VR
75
V
Repetitive peak reverse voltage
VRRM
100
V
Average rectified current half
wave rectification with resistive
load
f
≥ 50 Hz
IF(AV)
1501)
mA
Surge forward current
t < 1 s and Tj = 25 °C
IFSM
350
mA
Power dissipation
Ptot
2001)
mW
e3


Similar Part No. - 1N4148WS-V

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N4148WS-V VISHAY-1N4148WS-V Datasheet
75Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.8, 12-Aug-10
logo
SUNMATE electronic Co.,...
1N4148WS-V SUNMATE-1N4148WS-V Datasheet
162Kb / 2P
   150mA Surface Mount Small Signal Fast Switching Diode
More results

Similar Description - 1N4148WS-V

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N4151W-V VISHAY-1N4151W-V Datasheet
205Kb / 6P
   Small Signal Fast Switching Diode
Rev. 1.2, 06-Apr-05
1N4148W-V VISHAY-1N4148W-V_15 Datasheet
93Kb / 6P
   Small Signal Fast Switching Diode
Rev. 1.5, 27-Jul-12
LL4154-M VISHAY-LL4154-M Datasheet
85Kb / 4P
   Small Signal Fast Switching Diode
Rev. 1.0, 02-Mar-15
1N4148WFL-G VISHAY-1N4148WFL-G Datasheet
94Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.0., 24-Oct-13
1N4148W-G VISHAY-1N4148W-G Datasheet
96Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.2, 08-May-13
1N4448WS VISHAY-1N4448WS Datasheet
91Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.4, 14-Oct-16
1N4148W VISHAY-1N4148W Datasheet
105Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.7, 08-May-13
BAS16-V-GS08 VISHAY-BAS16-V-GS08 Datasheet
140Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.5, 09-Mar-06
logo
KODENSHI_AUK CORP.
SDS914 KODENSHI-SDS914 Datasheet
251Kb / 5P
   Small Signal Fast Switching Diode
SDS2838EF KODENSHI-SDS2838EF Datasheet
265Kb / 5P
   Small Signal Fast Switching Diode
SUD494J KODENSHI-SUD494J Datasheet
280Kb / 5P
   Small Signal Fast Switching Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com