Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG2789DN-T1-E4 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # DG2789DN-T1-E4
Description  Low Voltage, Low On-Resistance, Dual DPDT/Quad SPDT Analog Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2789DN-T1-E4 Datasheet(HTML) 7 Page - Vishay Siliconix

  DG2789DN-T1-E4 Datasheet HTML 1Page - Vishay Siliconix DG2789DN-T1-E4 Datasheet HTML 2Page - Vishay Siliconix DG2789DN-T1-E4 Datasheet HTML 3Page - Vishay Siliconix DG2789DN-T1-E4 Datasheet HTML 4Page - Vishay Siliconix DG2789DN-T1-E4 Datasheet HTML 5Page - Vishay Siliconix DG2789DN-T1-E4 Datasheet HTML 6Page - Vishay Siliconix DG2789DN-T1-E4 Datasheet HTML 7Page - Vishay Siliconix DG2789DN-T1-E4 Datasheet HTML 8Page - Vishay Siliconix DG2789DN-T1-E4 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Document Number: 73863
S-70327–Rev. D, 26-Feb-07
www.vishay.com
7
Vishay Siliconix
DG2788/DG2789
TEST CIRCUITS
Figure 1. Switching Time
Switch
Input
CL (includes fixture and stray capacitance)
V+
IN
NO or NC
CL
35 pF
COM
Logic
Input
RL
50
VOUT
GND
V+
50 %
0 V
Logic
Input
Switch
Output
tON
tOFF
Logic "1" = Switch On
Logic input waveforms inverted for switches that have
the opposite logic sense.
0 V
Switch Output
V
OUT
V
COM
R
L
R
L
R
ON
0.9 x VOUT
tr
5 ns
tf
5 ns
VINH
VINL
Ω
=
+
<
<
(
)
Figure 2. Break-Before-Make Interval
CL (includes fixture and stray capacitance)
NC
VNO
NO
VNC
0 V
Logic
Input
Switch
Output
VO
VNC = VNO
tr < 5 ns
tf < 5 ns
90 %
tD
tD
IN
COM
V+
GND
V+
CL
35 pF
VO
RL
50
Ω
VINL
VINH
Figure 3. Charge Injection
Off
On
On
IN
VOUT
VOUT
Q =
ΔVOUT x CL
CL = 1 nF
Rgen
VOUT
COM
VIN = 0 - V+
IN
GND
V+
V+
IN depends on switch configuration: input polarity
determined by sense of switch.
+
NC or NO
Vgen
Δ


Similar Part No. - DG2789DN-T1-E4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2789DN-T1-E4 VISHAY-DG2789DN-T1-E4 Datasheet
142Kb / 10P
   Low Voltage, Low On-Resistance, Dual DPDT/Quad SPDT Analog Switch
Rev. E, 28-Feb-11
DG2789DN-T1-E4 VISHAY-DG2789DN-T1-E4 Datasheet
190Kb / 11P
   Low Voltage, Low On-Resistance, Dual DPDT/Quad SPDT Analog Switch
01-Jan-2022
More results

Similar Description - DG2789DN-T1-E4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2788 VISHAY-DG2788_V01 Datasheet
190Kb / 11P
   Low Voltage, Low On-Resistance, Dual DPDT/Quad SPDT Analog Switch
01-Jan-2022
DG2788 VISHAY-DG2788_11 Datasheet
142Kb / 10P
   Low Voltage, Low On-Resistance, Dual DPDT/Quad SPDT Analog Switch
Rev. E, 28-Feb-11
logo
Renesas Technology Corp
ISL83699 RENESAS-ISL83699 Datasheet
608Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
logo
Intersil Corporation
FN6094 INTERSIL-FN6094 Datasheet
412Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
ISL83699IR INTERSIL-ISL83699IR Datasheet
418Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
November 5, 2004
logo
Vishay Siliconix
DG2799 VISHAY-DG2799_08 Datasheet
155Kb / 10P
   Low Voltage, Low On-Resistance, Dual DPDT Analog Switch
Rev. F, 07-Nov-05
logo
Will Semiconductor Ltd.
WAS4799Q WILLSEMI-WAS4799Q Datasheet
795Kb / 8P
   Low On Resistance, Quad SPDT Analog Switch
logo
Vishay Siliconix
DG2523 VISHAY-DG2523 Datasheet
159Kb / 10P
   0.4 Ω, Low Resistance and Capacitance, Dual DPDT / Quad SPDT Analog Switch
Rev. A, 17-Oct-16
logo
Will Semiconductor Ltd.
WAS4723Q WILLSEMI-WAS4723Q Datasheet
558Kb / 9P
   Low On Resistance, Dual SPDT Analog Switch
WAS4728Q WILLSEMI-WAS4728Q Datasheet
558Kb / 9P
   Low On Resistance Dual SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com