Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5S77641P300BG Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # R5S77641P300BG
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC Engine Family SH-4A Series
Download  1752 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5S77641P300BG Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button R5S77641P300BG Datasheet HTML 2Page - Renesas Technology Corp R5S77641P300BG Datasheet HTML 3Page - Renesas Technology Corp R5S77641P300BG Datasheet HTML 4Page - Renesas Technology Corp R5S77641P300BG Datasheet HTML 5Page - Renesas Technology Corp R5S77641P300BG Datasheet HTML 6Page - Renesas Technology Corp R5S77641P300BG Datasheet HTML 7Page - Renesas Technology Corp R5S77641P300BG Datasheet HTML 8Page - Renesas Technology Corp R5S77641P300BG Datasheet HTML 9Page - Renesas Technology Corp R5S77641P300BG Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 1752 page
background image
Rev. 1.00 Nov. 22, 2007 Page vi of lvi
Preface
This LSI is a RISC (Reduced Instruction Set Computer) microcomputer which includes a Renesas
Technology-original RISC CPU as its core, and the peripheral functions required to configure a
system.
Target Users:This manual was written for users who will be using this LSI in the design of
application systems. Users of this manual are expected to understand the
fundamentals of electrical circuits, logical circuits, and microcomputers.
Objective:
This manual was written to explain the hardware functions and electrical
characteristics of this LSI to the above users.
Notes on reading this manual:
• In order to understand the overall functions of the chip
Read the manual according to the contents. This manual can be roughly categorized into parts
on the CPU, system control functions, peripheral functions and electrical characteristics.
• In order to understand the details on FPU functions and each instructions
Read the additional volume, SH-4A Extended Functions Software Manual.
Rules:
Bit order:
The MSB is on the left and the LSB is on the right.
Number notation:
Binary is B'xxxx, hexadecimal is H'xxxx, decimal is xxxx.
Signal notation:
An overbar is added to a low-active signal:
xxxx


Similar Part No. - R5S77641P300BG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5S77630 RENESAS-R5S77630 Datasheet
11Mb / 2026P
   Renesas 32-Bit RISC Microcomputer SuperHTM RISC Engine Family SH-4A Series
More results

Similar Description - R5S77641P300BG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SH7763 RENESAS-SH7763 Datasheet
11Mb / 2026P
   Renesas 32-Bit RISC Microcomputer SuperHTM RISC Engine Family SH-4A Series
SH7280 RENESAS-SH7280 Datasheet
9Mb / 1726P
   Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine family
SH7254R RENESAS-SH7254R Datasheet
8Mb / 1150P
   Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family
Rev.4.00
HD64F7144FW50V RENESAS-HD64F7144FW50V Datasheet
5Mb / 932P
   Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family/SH7144
SH7720 RENESAS-SH7720 Datasheet
8Mb / 1524P
   Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
SH7710 RENESAS-SH7710 Datasheet
5Mb / 996P
   Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
SH7619 RENESAS-SH7619_09 Datasheet
4Mb / 860P
   Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7619 Series
SH7712 RENESAS-SH7712 Datasheet
5Mb / 978P
   Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
SH7205 RENESAS-SH7205 Datasheet
10Mb / 1904P
   Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
SH7730 RENESAS-SH7730 Datasheet
6Mb / 1188P
   Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7780 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com