Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SH7763 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # SH7763
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC Engine Family SH-4A Series
Download  2026 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7763 Datasheet(HTML) 4 Page - Renesas Technology Corp

  SH7763 Datasheet HTML 1Page - Renesas Technology Corp SH7763 Datasheet HTML 2Page - Renesas Technology Corp SH7763 Datasheet HTML 3Page - Renesas Technology Corp SH7763 Datasheet HTML 4Page - Renesas Technology Corp SH7763 Datasheet HTML 5Page - Renesas Technology Corp SH7763 Datasheet HTML 6Page - Renesas Technology Corp SH7763 Datasheet HTML 7Page - Renesas Technology Corp SH7763 Datasheet HTML 8Page - Renesas Technology Corp SH7763 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 2026 page
background image
Rev. 1.00 Oct. 01, 2007 Page iv of lxvi
General Precautions on Handling of Product
1. Treatment of NC Pins
Note:
Do not connect anything to the NC pins.
The NC (not connected) pins are either not connected to any of the internal circuitry or are
they are used as test pins or to reduce noise. If something is connected to the NC pins, the
operation of the LSI is not guaranteed.
2. Treatment of Unused Input Pins
Note:
Fix all unused input pins to high or low level.
Generally, the input pins of CMOS products are high-impedance input pins. If unused pins
are in their open states, intermediate levels are induced by noise in the vicinity, a pass-
through current flows internally, and a malfunction may occur.
3. Processing before Initialization
Note:
When power is first supplied, the product’s state is undefined.
The states of internal circuits are undefined until full power is supplied throughout the
chip and a low level is input on the reset pin. During the period where the states are
undefined, the register settings and the output state of each pin are also undefined. Design
your system so that it does not malfunction because of processing while it is in this
undefined state. For those products which have a reset function, reset the LSI immediately
after the power supply has been turned on.
4. Prohibition of Access to Undefined or Reserved Addresses
Note:
Access to undefined or reserved addresses is prohibited.
The undefined or reserved addresses may be used to expand functions, or test registers
may have been be allocated to these addresses. Do not access these registers; the system’s
operation is not guaranteed if they are accessed.
5. Reading from/Writing to Reserved Bit of Each Register
Note:
Treat the reserved bit of register used in each module as follows except in cases where the
specifications for values which are read from or written to the bit are provided in the
description.
The bit is always read as 0. The write value should be 0 or one, which has been read
immediately before writing.
Writing the value, which has been read immediately before writing has the advantage of
preventing the bit from being affected on its extended function when the function is
assigned.


Similar Part No. - SH7763

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SH7760 RENESAS-SH7760 Datasheet
6Mb / 1345P
   SuperHTM RISC engine
SH7764 RENESAS-SH7764 Datasheet
9Mb / 1752P
   Renesas 32-Bit RISC Microcomputer SuperHTM RISC Engine Family SH-4A Series
SH77640 RENESAS-SH77640 Datasheet
9Mb / 1752P
   Renesas 32-Bit RISC Microcomputer SuperHTM RISC Engine Family SH-4A Series
SH77641 RENESAS-SH77641 Datasheet
9Mb / 1752P
   Renesas 32-Bit RISC Microcomputer SuperHTM RISC Engine Family SH-4A Series
More results

Similar Description - SH7763

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SH7764 RENESAS-SH7764 Datasheet
9Mb / 1752P
   Renesas 32-Bit RISC Microcomputer SuperHTM RISC Engine Family SH-4A Series
SH7280 RENESAS-SH7280 Datasheet
9Mb / 1726P
   Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine family
SH7254R RENESAS-SH7254R Datasheet
8Mb / 1150P
   Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family
Rev.4.00
HD64F7144FW50V RENESAS-HD64F7144FW50V Datasheet
5Mb / 932P
   Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family/SH7144
SH7720 RENESAS-SH7720 Datasheet
8Mb / 1524P
   Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
SH7710 RENESAS-SH7710 Datasheet
5Mb / 996P
   Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
SH7619 RENESAS-SH7619_09 Datasheet
4Mb / 860P
   Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7619 Series
SH7712 RENESAS-SH7712 Datasheet
5Mb / 978P
   Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
SH7205 RENESAS-SH7205 Datasheet
10Mb / 1904P
   Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
SH7730 RENESAS-SH7730 Datasheet
6Mb / 1188P
   Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7780 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com