Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4506_M Datasheet(PDF) 79 Page - Renesas Technology Corp

Part # 4506_M
Description  4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
Download  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4506_M Datasheet(HTML) 79 Page - Renesas Technology Corp

Back Button 4506_M Datasheet HTML 75Page - Renesas Technology Corp 4506_M Datasheet HTML 76Page - Renesas Technology Corp 4506_M Datasheet HTML 77Page - Renesas Technology Corp 4506_M Datasheet HTML 78Page - Renesas Technology Corp 4506_M Datasheet HTML 79Page - Renesas Technology Corp 4506_M Datasheet HTML 80Page - Renesas Technology Corp 4506_M Datasheet HTML 81Page - Renesas Technology Corp 4506_M Datasheet HTML 82Page - Renesas Technology Corp 4506_M Datasheet HTML 83Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 213 page
background image
Skip condition
Number of
cycles
Number of
words
Instruction
code
D9
D0
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
D9
D0
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
D9
D0
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
D9
D0
Flag CY
2
16
INSTRUCTIONS
1-67
4506 Group
HARDWARE
Rev.2.01
Feb 07, 2005
REJ09B0194-0201
NOP (No OPeration)
0000000000
000
11
Grouping:
Other operation
Description: No operation; Adds 1 to program counter
value, and others remain unchanged.
Operation:
(PC)
← (PC) + 1
OKA (Output port K from Accumulator)
1000011111
21F
11
Grouping:
Input/Output operation
Description: Outputs the contents of bit 0 (A0) of register
A to port K.
OP0A (Output port P0 from Accumulator)
1000100000
220
11
––
Grouping:
Input/Output operation
Description: Outputs the contents of register A to port
P0.
Operation:
(P0)
← (A)
Operation:
(K)
← (A0)
MACHINE INSTRUCTIONS (INDEX BY ALPHABET) (continued)
OP1A (Output port P1 from Accumulator)
1000100001
221
11
Grouping:
Input/Output operation
Description: Outputs the contents of register A to port
P1.
Operation:
(P1)
← (A)


Similar Part No. - 4506_M

ManufacturerPart #DatasheetDescription
logo
RAF ELECTRONIC HARDWARE
4506-440-AL RAF-4506-440-AL Datasheet
93Kb / 1P
   3/16 HEX MALE FEMALE STANDOFFS
4506-440-S RAF-4506-440-S Datasheet
93Kb / 1P
   3/16 HEX MALE FEMALE STANDOFFS
4506-440-SS RAF-4506-440-SS Datasheet
93Kb / 1P
   3/16 HEX MALE FEMALE STANDOFFS
logo
Alpha Wire
45060/15 ALPHAWIRE-45060/15 Datasheet
98Kb / 4P
   Customer Specification
12/5/2022
4506015 ALPHAWIRE-4506015 Datasheet
98Kb / 4P
   Customer Specification
12/5/2022
More results

Similar Description - 4506_M

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
4501_M RENESAS-4501_M Datasheet
2Mb / 212P
   4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
4507_M RENESAS-4507_M Datasheet
3Mb / 216P
   4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
4502_M RENESAS-4502_M Datasheet
3Mb / 214P
   4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
4519_M RENESAS-4519_M Datasheet
2Mb / 272P
   4-BIT CISC SINGLE-CHIP MICROCOMPUTER 720 FAMILY / 4500 SERIES
4524_M RENESAS-4524_M Datasheet
2Mb / 310P
   4-BIT CISC SINGLE-CHIP MICROCOMPUTER 720 FAMILY / 4500 SERIES
3850H RENESAS-3850H Datasheet
2Mb / 287P
   8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
3804H_M RENESAS-3804H_M Datasheet
2Mb / 387P
   8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
7540_M RENESAS-7540_M Datasheet
4Mb / 366P
   8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
logo
NEC
UPD75206 NEC-UPD75206 Datasheet
489Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75216A NEC-UPD75216A Datasheet
530Kb / 72P
   4-BIT SINGLE-CHIP MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com