Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F72866D100FA Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # R5F72866D100FA
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine family
Download  1726 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72866D100FA Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button R5F72866D100FA Datasheet HTML 2Page - Renesas Technology Corp R5F72866D100FA Datasheet HTML 3Page - Renesas Technology Corp R5F72866D100FA Datasheet HTML 4Page - Renesas Technology Corp R5F72866D100FA Datasheet HTML 5Page - Renesas Technology Corp R5F72866D100FA Datasheet HTML 6Page - Renesas Technology Corp R5F72866D100FA Datasheet HTML 7Page - Renesas Technology Corp R5F72866D100FA Datasheet HTML 8Page - Renesas Technology Corp R5F72866D100FA Datasheet HTML 9Page - Renesas Technology Corp R5F72866D100FA Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 1726 page
background image
Rev. 1.00 Jun. 26, 2008 Page vi of xxx
2. Description of Numbers and Symbols
Aspects of the notations for register names, bit names, numbers, and symbolic names in this
manual are explained below.
CMCSR indicates compare match generation, enables or disables interrupts, and selects the counter
input clock. Generation of a
WDTOVF signal or interrupt initializes the TCNT value to 0.
14.3 Operation
The style "register name"_"instance number" is used in cases where there is more than one
instance of the same function or similar functions.
[Example] CMCSR_0: Indicates the CMCSR register for the compare-match timer of channel 0.
In descriptions involving the names of bits and bit fields within this manual, the modules and
registers to which the bits belong may be clarified by giving the names in the forms
"module name"."register name"."bit name" or "register name"."bit name".
(1) Overall notation
(2) Register notation
Rev. 0.50, 10/04, page 416 of 914
14.2.2 Compare Match Control/Status Register_0, _1 (CMCSR_0, CMCSR_1)
14.3.1 Interval Count Operation
(4)
(3)
(2)
Binary numbers are given as B'nnnn (B' may be omitted if the number is obviously binary),
hexadecimal numbers are given as H'nnnn or 0xnnnn, and decimal numbers are given as nnnn.
[Examples] Binary:
B'11 or 11
Hexadecimal: H'EFA0 or 0xEFA0
Decimal:
1234
(3) Number notation
An overbar on the name indicates that a signal or pin is active-low.
[Example]
WDTOVF
Note: The bit names and sentences in the above figure are examples and have nothing to do
with the contents of this manual.
(4) Notation for active-low
When an internal clock is selected with the CKS1 and CKS0 bits in CMCSR and the STR bit in
CMSTR is set to 1, CMCNT starts incrementing using the selected clock. When the values in
CMCNT and the compare match constant register (CMCOR) match, CMCNT is cleared to H'0000
and the CMF flag in CMCSR is set to 1. When the CKS1 and CKS0 bits are set to B'01 at this time,
a f/4 clock is selected.


Similar Part No. - R5F72866D100FA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F72115D160FPV RENESAS-R5F72115D160FPV Datasheet
6Mb / 1228P
   32-Bit RISC Microcomputer SuperHTM RISC engine Family
R5F72546RKBGV RENESAS-R5F72546RKBGV Datasheet
8Mb / 1150P
   Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family
Rev.4.00
More results

Similar Description - R5F72866D100FA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SH7254R RENESAS-SH7254R Datasheet
8Mb / 1150P
   Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family
Rev.4.00
HD64F7144FW50V RENESAS-HD64F7144FW50V Datasheet
5Mb / 932P
   Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family/SH7144
SH7211 RENESAS-SH7211 Datasheet
6Mb / 1228P
   32-Bit RISC Microcomputer SuperHTM RISC engine Family
SH7720 RENESAS-SH7720 Datasheet
8Mb / 1524P
   Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
SH7710 RENESAS-SH7710 Datasheet
5Mb / 996P
   Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
SH7619 RENESAS-SH7619_09 Datasheet
4Mb / 860P
   Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7619 Series
SH7712 RENESAS-SH7712 Datasheet
5Mb / 978P
   Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
SH7205 RENESAS-SH7205 Datasheet
10Mb / 1904P
   Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
SH7730 RENESAS-SH7730 Datasheet
6Mb / 1188P
   Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7780 Series
SH7263 RENESAS-SH7263 Datasheet
9Mb / 1862P
   Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com