Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R4S76410 Datasheet(PDF) 52 Page - Renesas Technology Corp

Part # R4S76410
Description  Renesas 32-Bit RISC Microcomputer SuperH??RISC engine Family / SH7641 Series
Download  1040 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R4S76410 Datasheet(HTML) 52 Page - Renesas Technology Corp

Back Button R4S76410 Datasheet HTML 48Page - Renesas Technology Corp R4S76410 Datasheet HTML 49Page - Renesas Technology Corp R4S76410 Datasheet HTML 50Page - Renesas Technology Corp R4S76410 Datasheet HTML 51Page - Renesas Technology Corp R4S76410 Datasheet HTML 52Page - Renesas Technology Corp R4S76410 Datasheet HTML 53Page - Renesas Technology Corp R4S76410 Datasheet HTML 54Page - Renesas Technology Corp R4S76410 Datasheet HTML 55Page - Renesas Technology Corp R4S76410 Datasheet HTML 56Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 1040 page
background image
Section 1 Overview
Rev. 2.00 Mar. 15, 2007 Page 2 of 986
REJ09B0346-0200
Items
Specification
DSP
• Mixture of 16-bit and 32-bit instructions
• 32-/40-bit internal data paths
• Multiplier, ALU, barrel shifter and DSP register
• Large DSP data registers
 Six 32-bit data registers
 Two 40-bit data registers
• Extended Harvard Architecture for DSP data bus
 Two data buses
 One instruction bus
• Max. four parallel operations: ALU, multiply, and two load or store
• Two addressing units to generate addresses for two memory access
• DSP data addressing modes: increment, indexing (with or without
modulo addressing)
• Zero-overhead repeat loop control
• Conditional execution instructions
Clock pulse
generator (CPG)
• Clock mode: Input clock can be selected from external input (EXTAL
or CKIO) or crystal oscillator
• Three types of clocks generated:
 CPU clock: maximum 100 MHz
 Bus clock: maximum 50 MHz
 Peripheral clock: maximum 33 MHz
• Power-down modes:
 Sleep mode
 Standby mode
 Module standby mode
• Three types of clock modes (selectable PLL2 × 2 / × 4, clock / crystal
oscillator)
Watchdog timer
• On-chip one-channel watchdog timer
• Select from operation in watchdog-timer or interval-timer mode.
• Interrupt generation is supported for the interval-timer mode.


Similar Part No. - R4S76410

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R4S76190 RENESAS-R4S76190 Datasheet
4Mb / 836P
   32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7619 Series
R4S76190 RENESAS-R4S76190 Datasheet
4Mb / 860P
   Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7619 Series
R4S76191 RENESAS-R4S76191 Datasheet
4Mb / 860P
   Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7619 Series
R4S76191B125BGV RENESAS-R4S76191B125BGV Datasheet
4Mb / 860P
   Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7619 Series
More results

Similar Description - R4S76410

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SH7641 RENESAS-SH7641 Datasheet
4Mb / 1036P
   Renesas 32-Bit RISC Microcomputer SuperH??RISC engine Family / SH7641 Series
DF70854AD80FPV RENESAS-DF70854AD80FPV Datasheet
9Mb / 1622P
   Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family
SH7080 RENESAS-SH7080_09 Datasheet
9Mb / 1622P
   Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family
SH7125 RENESAS-SH7125_08 Datasheet
4Mb / 774P
   Renesas 32-Bit RISC Microcomputer SuperH??RISC engine Family
SH-2A RENESAS-SH-2A Datasheet
3Mb / 501P
   Renesas 32-Bit RISC Microcomputer SuperH™ RISC engine Family
DF7055SF40KNV RENESAS-DF7055SF40KNV Datasheet
4Mb / 1004P
   Renesas 32-bit RISC Microcomputer SuperH RISC engine Family/SH7000 Series
HD6417705 RENESAS-HD6417705 Datasheet
4Mb / 739P
   Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7700 Series
HD6417750RF240DV RENESAS-HD6417750RF240DV Datasheet
6Mb / 1132P
   Renesas 32-Bit RISC Microcomputer SuperH??RISC engine Family / SH7750 Series
HD64F7045F28V RENESAS-HD64F7045F28V Datasheet
4Mb / 925P
   Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7040 Series
SH7706 RENESAS-SH7706 Datasheet
4Mb / 749P
   Renesas 32-Bit RISC Microcomputer SuperH??RISC engine Family/SH7700 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com