Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD64F7058BP80K Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD64F7058BP80K
Description  Renesas SuperHTM RISC engine
Download  1130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F7058BP80K Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD64F7058BP80K Datasheet HTML 1Page - Renesas Technology Corp HD64F7058BP80K Datasheet HTML 2Page - Renesas Technology Corp HD64F7058BP80K Datasheet HTML 3Page - Renesas Technology Corp HD64F7058BP80K Datasheet HTML 4Page - Renesas Technology Corp HD64F7058BP80K Datasheet HTML 5Page - Renesas Technology Corp HD64F7058BP80K Datasheet HTML 6Page - Renesas Technology Corp HD64F7058BP80K Datasheet HTML 7Page - Renesas Technology Corp HD64F7058BP80K Datasheet HTML 8Page - Renesas Technology Corp HD64F7058BP80K Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 1130 page
background image
General Precautions on Handling of Product
1. Treatment of NC Pins
Note: Do not connect anything to the NC pins.The NC (not connected) pins are either not
connected to any of the internal circuitry or are they are used as test pins or to reduce noise.
If something is connected to the NC pins, the operation of the LSI is not guaranteed.
2. Treatment of Unused Input Pins
Note: Fix all unused input pins to high or low level.Generally, the input pins of CMOS products
are high-impedance input pins. If unused pins are in their open states, intermediate levels
are induced by noise in the vicinity, a pass-through current flows internally, and a
malfunction may occur.
3. Processing before Initialization
Note: When power is first supplied, the product’s state is undefined.The states of internal circuits
are undefined until full power is supplied throughout the chip and a low level is input on the
reset pin. During the period where the states are undefined, the register settings and the
output state of each pin are also undefined. Design your system so that it does not
malfunction because of processing while it is in this undefined state. For those products
which have a reset function, reset the LSI immediately after the power supply has been
turned on.
4. Prohibition of Access to Undefined or Reserved Addresses
Note: Access to undefined or reserved addresses is prohibited. The undefined or reserved
addresses may be used to expand functions, or test registers may have been be allocated to
these addresses. Do not access these registers; the system’s operation is not guaranteed if
they are accessed.


Similar Part No. - HD64F7058BP80K

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD64F7050 RENESAS-HD64F7050 Datasheet
4Mb / 841P
   32-Bit RISC Microcomputer SuperH RISC engine Family/
HD64F7051 RENESAS-HD64F7051 Datasheet
4Mb / 841P
   32-Bit RISC Microcomputer SuperH RISC engine Family/
HD64F7051SFJ20V RENESAS-HD64F7051SFJ20V Datasheet
4Mb / 843P
   Hardware Manual Renesas 32-Bit RISC
HD64F7052F40 RENESAS-HD64F7052F40 Datasheet
3Mb / 919P
   SuperHTM RISC engine
HD64F7053F40 RENESAS-HD64F7053F40 Datasheet
3Mb / 919P
   SuperHTM RISC engine
More results

Similar Description - HD64F7058BP80K

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SH7280 RENESAS-SH7280 Datasheet
9Mb / 1726P
   Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine family
SH7254R RENESAS-SH7254R Datasheet
8Mb / 1150P
   Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family
Rev.4.00
HD64F7144FW50V RENESAS-HD64F7144FW50V Datasheet
5Mb / 932P
   Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family/SH7144
SH7052 RENESAS-SH7052 Datasheet
3Mb / 919P
   SuperHTM RISC engine
SH7760 RENESAS-SH7760 Datasheet
6Mb / 1345P
   SuperHTM RISC engine
SH7720 RENESAS-SH7720 Datasheet
8Mb / 1524P
   Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
SH7710 RENESAS-SH7710 Datasheet
5Mb / 996P
   Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
SH7619 RENESAS-SH7619_09 Datasheet
4Mb / 860P
   Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7619 Series
SH7712 RENESAS-SH7712 Datasheet
5Mb / 978P
   Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
SH7205 RENESAS-SH7205 Datasheet
10Mb / 1904P
   Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com