Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SH7047 Datasheet(PDF) 92 Page - Renesas Technology Corp

Part # SH7047
Description  Renesas 32-Bit RISC Microcomputer SuperHTMRISC engine Family/SH7000 Series
Download  764 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7047 Datasheet(HTML) 92 Page - Renesas Technology Corp

Back Button SH7047 Datasheet HTML 88Page - Renesas Technology Corp SH7047 Datasheet HTML 89Page - Renesas Technology Corp SH7047 Datasheet HTML 90Page - Renesas Technology Corp SH7047 Datasheet HTML 91Page - Renesas Technology Corp SH7047 Datasheet HTML 92Page - Renesas Technology Corp SH7047 Datasheet HTML 93Page - Renesas Technology Corp SH7047 Datasheet HTML 94Page - Renesas Technology Corp SH7047 Datasheet HTML 95Page - Renesas Technology Corp SH7047 Datasheet HTML 96Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 764 page
background image
Rev. 2.00, 09/04, page 52 of 720
4.1
Oscillator
Clock pulses can be supplied from a connected crystal resonator or an external clock.
4.1.1
Connecting a Crystal Resonator
Circuit Configuration: A crystal resonator can be connected as shown in figure 4.2. Use the
damping resistance (Rd) listed in table 4.1. Use an AT-cut parallel-resonance type crystal
resonator that has a resonance frequency of 4 to 12.5 MHz. It is recommended to consult crystal
dealer concerning the compatibility of the crystal resonator and the LSI.
EXTAL
XTAL
Rd
CL2
CL1
CL1 = CL2 = 18–22 pF (Recommended value)
Figure 4.2 Connection of the Crystal Resonator (Example)
Table 4.1
Damping Resistance Values
Frequency (MHz)
4
8
10
12.5
Rd (
Ω)
500
200
0
0
Crystal Resonator: Figure 4.3 shows an equivalent circuit of the crystal resonator. Use a crystal
resonator with the characteristics listed in table 4.2.
XTAL
AT-cut parallel-resonance type
CL
EXTAL
C0
L
Rs
Figure 4.3 Crystal Resonator Equivalent Circuit
Table 4.2
Crystal Resonator Characteristics
Frequency (MHz)
4
8
10
12.5
Rs max (
Ω)
120
80
60
50
C0 max (pF)
7
7
7
7


Similar Part No. - SH7047

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SH7047F RENESAS-SH7047F Datasheet
407Kb / 85P
   Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7047 Series
More results

Similar Description - SH7047

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DF7055SF40KNV RENESAS-DF7055SF40KNV Datasheet
4Mb / 1004P
   Renesas 32-bit RISC Microcomputer SuperH RISC engine Family/SH7000 Series
SH7065 RENESAS-SH7065 Datasheet
5Mb / 941P
   Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7000 Series
SH7055S RENESAS-SH7055S Datasheet
4Mb / 1002P
   Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7000 Series
DF70854AD80FPV RENESAS-DF70854AD80FPV Datasheet
9Mb / 1622P
   Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family
SH7280 RENESAS-SH7280 Datasheet
9Mb / 1726P
   Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine family
SH7080 RENESAS-SH7080_09 Datasheet
9Mb / 1622P
   Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family
SH7125 RENESAS-SH7125_08 Datasheet
4Mb / 774P
   Renesas 32-Bit RISC Microcomputer SuperH??RISC engine Family
SH7254R RENESAS-SH7254R Datasheet
8Mb / 1150P
   Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family
Rev.4.00
HD64F7144FW50V RENESAS-HD64F7144FW50V Datasheet
5Mb / 932P
   Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family/SH7144
SH7709S RENESAS-SH7709S Datasheet
4Mb / 807P
   Renesas 32-Bit RISC Microcomputer Super RISC engine Family/SH7700 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com