Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SH7751R Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # SH7751R
Description  32-Bit RISC Microcomputer
Download  1224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7751R Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button SH7751R Datasheet HTML 4Page - Renesas Technology Corp SH7751R Datasheet HTML 5Page - Renesas Technology Corp SH7751R Datasheet HTML 6Page - Renesas Technology Corp SH7751R Datasheet HTML 7Page - Renesas Technology Corp SH7751R Datasheet HTML 8Page - Renesas Technology Corp SH7751R Datasheet HTML 9Page - Renesas Technology Corp SH7751R Datasheet HTML 10Page - Renesas Technology Corp SH7751R Datasheet HTML 11Page - Renesas Technology Corp SH7751R Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 1224 page
background image
Rev.4.00 Oct. 10, 2008 Page viii of xcviii
REJ09B0370-0400
Item
Page
Revision (See Manual for Details)
1.1
SH7751/SH7751R
Group Features
Table 1.1
SH7751/SH7751R
Group Features
3
Table amended
Item
Features
FPU
• Floating-point registers: 32 bits × 16 × 2
banks (single-precision 32 bits
× 16 or
double-precision 64 bits
× 8) × 2 banks
• 3-D graphics instructions (single-precision
only):
⎯ 4-dimensional vector conversion and
matrix operations (FTRV): 4 cycles
(pitch), 7 cycles (latency)
⎯ 4-dimensional vector inner product
(FIPR): 1 cycle (pitch), 4 cycles
(latency)
8
Table amended
Item
Features
PCI bus
controller
(PCIC)
• PCI bus controller (supports a subset of
PCI revision 2.1)*
Product
lineup
Abbreviation
Voltage
Operating
Frequency
Model No.
Package
SH7751
1.8 V
167 MHz
HD6417751BP167
256-pin BGA
HD6417751F167
256-pin QFP
SH7751R
1.5 V
240 MHz
HD6417751RBP240
256-pin BGA
HD6417751RF240
256-pin QFP
HD6417751RBG240
292-pin BGA
200 MHz
HD6417751RBP200
256-pin BGA
HD6417751RF200
256-pin QFP
HD6417751RBG200
292-pin BGA


Similar Part No. - SH7751R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SH7751R RENESAS-SH7751R Datasheet
6Mb / 1105P
   SuperH RISC engine
SH7751R RENESAS-SH7751R Datasheet
6Mb / 1226P
   Old Company Name in Catalogs and Other Documents
More results

Similar Description - SH7751R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SH7059 RENESAS-SH7059 Datasheet
6Mb / 1042P
   32-Bit RISC Microcomputer
SH7108 RENESAS-SH7108 Datasheet
3Mb / 560P
   32-Bit RISC Microcomputer
SH7785 RENESAS-SH7785 Datasheet
7Mb / 1692P
   32-Bit RISC Microcomputer
SH7101 RENESAS-SH7101 Datasheet
2Mb / 486P
   32-Bit RISC Microcomputer
SH7014 RENESAS-SH7014 Datasheet
4Mb / 754P
   32-Bit RISC Microcomputer
SH7750 RENESAS-SH7750_08 Datasheet
6Mb / 1162P
   32-Bit RISC Microcomputer
SH7032 RENESAS-SH7032 Datasheet
6Mb / 687P
   32-Bit RISC Microcomputer
SH7660 RENESAS-SH7660 Datasheet
4Mb / 846P
   Renesas 32-Bit RISC Microcomputer
SH7125 RENESAS-SH7125 Datasheet
4Mb / 782P
   Renesas 32-Bit RISC Microcomputer
SH7146 RENESAS-SH7146 Datasheet
5Mb / 1022P
   32-Bit RISC Microcomputer SuperH??RISC engine Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com