Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD64F7017F28 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD64F7017F28
Description  32-Bit RISC Microcomputer
Download  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F7017F28 Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD64F7017F28 Datasheet HTML 1Page - Renesas Technology Corp HD64F7017F28 Datasheet HTML 2Page - Renesas Technology Corp HD64F7017F28 Datasheet HTML 3Page - Renesas Technology Corp HD64F7017F28 Datasheet HTML 4Page - Renesas Technology Corp HD64F7017F28 Datasheet HTML 5Page - Renesas Technology Corp HD64F7017F28 Datasheet HTML 6Page - Renesas Technology Corp HD64F7017F28 Datasheet HTML 7Page - Renesas Technology Corp HD64F7017F28 Datasheet HTML 8Page - Renesas Technology Corp HD64F7017F28 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 754 page
background image
Rev.5.00 Sep. 27, 2007 Page iii of xxxiv
REJ09B0398-0500
General Precautions in the Handling of MPU/MCU Products
The following usage notes are applicable to all MPU/MCU products from Renesas. For detailed usage notes
on the products covered by this manual, refer to the relevant sections of the manual. If the descriptions under
General Precautions in the Handling of MPU/MCU Products and in the body of the manual differ from each
other, the description in the body of the manual takes precedence.
1. Handling of Unused Pins
Handle unused pins in accord with the directions given under Handling of Unused Pins in
the manual.
⎯ The input pins of CMOS products are generally in the high-impedance state. In
operation with an unused pin in the open-circuit state, extra electromagnetic noise is
induced in the vicinity of LSI, an associated shoot-through current flows internally, and
malfunctions may occur due to the false recognition of the pin state as an input signal.
Unused pins should be handled as described under Handling of Unused Pins in the
manual.
2. Processing at Power-on
The state of the product is undefined at the moment when power is supplied.
⎯ The states of internal circuits in the LSI are indeterminate and the states of register
settings and pins are undefined at the moment when power is supplied.
In a finished product where the reset signal is applied to the external reset pin, the
states of pins are not guaranteed from the moment when power is supplied until the
reset process is completed.
In a similar way, the states of pins in a product that is reset by an on-chip power-on
reset function are not guaranteed from the moment when power is supplied until the
power reaches the level at which resetting has been specified.
3. Prohibition of Access to Reserved Addresses
Access to reserved addresses is prohibited.
⎯ The reserved addresses are provided for the possible future expansion of functions. Do
not access these addresses; the correct operation of LSI is not guaranteed if they are
accessed.
4. Clock Signals
After applying a reset, only release the reset line after the operating clock signal has
become stable. When switching the clock signal during program execution, wait until the
target clock signal has stabilized.
⎯ When the clock signal is generated with an external resonator (or from an external
oscillator) during a reset, ensure that the reset line is only released after full stabilization
of the clock signal. Moreover, when switching to a clock signal produced with an
external resonator (or by an external oscillator) while program execution is in progress,
wait until the target clock signal is stable.
5. Differences between Products
Before changing from one product to another, i.e. to one with a different type number,
confirm that the change will not lead to problems.
The characteristics of MPU/MCU in the same group but having different type numbers
may differ because of the differences in internal memory capacity and layout pattern.
When changing to products of different type numbers, implement a system-evaluation
test for each of the products.


Similar Part No. - HD64F7017F28

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD64F7044F28 RENESAS-HD64F7044F28 Datasheet
4Mb / 923P
   Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
HD64F7044F28 RENESAS-HD64F7044F28 Datasheet
4Mb / 925P
   Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7040 Series
HD64F7045F28 RENESAS-HD64F7045F28 Datasheet
4Mb / 923P
   Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
HD64F7045F28 RENESAS-HD64F7045F28 Datasheet
4Mb / 925P
   Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7040 Series
HD64F7045F28V RENESAS-HD64F7045F28V Datasheet
4Mb / 925P
   Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7040 Series
More results

Similar Description - HD64F7017F28

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SH7059 RENESAS-SH7059 Datasheet
6Mb / 1042P
   32-Bit RISC Microcomputer
SH7108 RENESAS-SH7108 Datasheet
3Mb / 560P
   32-Bit RISC Microcomputer
SH7785 RENESAS-SH7785 Datasheet
7Mb / 1692P
   32-Bit RISC Microcomputer
SH7101 RENESAS-SH7101 Datasheet
2Mb / 486P
   32-Bit RISC Microcomputer
SH7750 RENESAS-SH7750_08 Datasheet
6Mb / 1162P
   32-Bit RISC Microcomputer
SH7032 RENESAS-SH7032 Datasheet
6Mb / 687P
   32-Bit RISC Microcomputer
SH7751 RENESAS-SH7751 Datasheet
6Mb / 1224P
   32-Bit RISC Microcomputer
SH7660 RENESAS-SH7660 Datasheet
4Mb / 846P
   Renesas 32-Bit RISC Microcomputer
SH7125 RENESAS-SH7125 Datasheet
4Mb / 782P
   Renesas 32-Bit RISC Microcomputer
SH7146 RENESAS-SH7146 Datasheet
5Mb / 1022P
   32-Bit RISC Microcomputer SuperH??RISC engine Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com