Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F71242N50FP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # R5F71242N50FP
Description  Renesas 32-Bit RISC Microcomputer SuperH??RISC engine Family
Download  774 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F71242N50FP Datasheet(HTML) 4 Page - Renesas Technology Corp

  R5F71242N50FP Datasheet HTML 1Page - Renesas Technology Corp R5F71242N50FP Datasheet HTML 2Page - Renesas Technology Corp R5F71242N50FP Datasheet HTML 3Page - Renesas Technology Corp R5F71242N50FP Datasheet HTML 4Page - Renesas Technology Corp R5F71242N50FP Datasheet HTML 5Page - Renesas Technology Corp R5F71242N50FP Datasheet HTML 6Page - Renesas Technology Corp R5F71242N50FP Datasheet HTML 7Page - Renesas Technology Corp R5F71242N50FP Datasheet HTML 8Page - Renesas Technology Corp R5F71242N50FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 774 page
background image
Rev. 4.00 Jul. 25, 2008 Page iv of xx
General Precautions on Handling of Product
1. Treatment of NC Pins
Note:
Do not connect anything to the NC pins.
The NC (not connected) pins are either not connected to any of the internal circuitry or are
used as test pins or to reduce noise. If something is connected to the NC pins, the
operation of the LSI is not guaranteed.
2. Treatment of Unused Input Pins
Note:
Fix all unused input pins to high or low level.
Generally, the input pins of CMOS products are high-impedance input pins. If unused pins
are in their open states, intermediate levels are induced by noise in the vicinity, a pass-
through current flows internally, and a malfunction may occur.
3. Processing before Initialization
Note:
When power is first supplied, the product's state is undefined.
The states of internal circuits are undefined until full power is supplied throughout the
chip and a low level is input on the reset pin. During the period where the states are
undefined, the register settings and the output state of each pin are also undefined. Design
your system so that it does not malfunction because of processing while it is in this
undefined state. For those products which have a reset function, reset the LSI immediately
after the power supply has been turned on.
4. Prohibition of Access to Undefined or Reserved Addresses
Note:
Access to undefined or reserved addresses is prohibited.
The undefined or reserved addresses may be used to expand functions, or test registers
may have been be allocated to these addresses. Do not access these registers; the system's
operation is not guaranteed if they are accessed.


Similar Part No. - R5F71242N50FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F7136 RENESAS-R5F7136 Datasheet
6Mb / 1160P
   32-Bit RISC Microcomputer SuperH??RISC engine Family
R5F7137 RENESAS-R5F7137 Datasheet
6Mb / 1160P
   32-Bit RISC Microcomputer SuperH??RISC engine Family
R5F7142 RENESAS-R5F7142 Datasheet
5Mb / 1108P
   32-Bit RISC Microcomputer SuperH??RISC engine Family
R5F7146 RENESAS-R5F7146 Datasheet
5Mb / 1022P
   32-Bit RISC Microcomputer SuperH??RISC engine Family
R5F7147 RENESAS-R5F7147 Datasheet
5Mb / 1108P
   32-Bit RISC Microcomputer SuperH??RISC engine Family
More results

Similar Description - R5F71242N50FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DF70854AD80FPV RENESAS-DF70854AD80FPV Datasheet
9Mb / 1622P
   Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family
SH7080 RENESAS-SH7080_09 Datasheet
9Mb / 1622P
   Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family
SH-2A RENESAS-SH-2A Datasheet
3Mb / 501P
   Renesas 32-Bit RISC Microcomputer SuperH™ RISC engine Family
SH7146 RENESAS-SH7146 Datasheet
5Mb / 1022P
   32-Bit RISC Microcomputer SuperH??RISC engine Family
SH7080 RENESAS-SH7080 Datasheet
8Mb / 1644P
   32-Bit RISC Microcomputer SuperH??RISC engine Family
DF7055SF40KNV RENESAS-DF7055SF40KNV Datasheet
4Mb / 1004P
   Renesas 32-bit RISC Microcomputer SuperH RISC engine Family/SH7000 Series
R4S76410 RENESAS-R4S76410 Datasheet
4Mb / 1040P
   Renesas 32-Bit RISC Microcomputer SuperH??RISC engine Family / SH7641 Series
HD6417705 RENESAS-HD6417705 Datasheet
4Mb / 739P
   Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7700 Series
HD6417750RF240DV RENESAS-HD6417750RF240DV Datasheet
6Mb / 1132P
   Renesas 32-Bit RISC Microcomputer SuperH??RISC engine Family / SH7750 Series
SH7137 RENESAS-SH7137 Datasheet
6Mb / 1160P
   32-Bit RISC Microcomputer SuperH??RISC engine Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com