Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD6433044VF Datasheet(PDF) 43 Page - Renesas Technology Corp

Part # HD6433044VF
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
Download  905 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433044VF Datasheet(HTML) 43 Page - Renesas Technology Corp

Back Button HD6433044VF Datasheet HTML 39Page - Renesas Technology Corp HD6433044VF Datasheet HTML 40Page - Renesas Technology Corp HD6433044VF Datasheet HTML 41Page - Renesas Technology Corp HD6433044VF Datasheet HTML 42Page - Renesas Technology Corp HD6433044VF Datasheet HTML 43Page - Renesas Technology Corp HD6433044VF Datasheet HTML 44Page - Renesas Technology Corp HD6433044VF Datasheet HTML 45Page - Renesas Technology Corp HD6433044VF Datasheet HTML 46Page - Renesas Technology Corp HD6433044VF Datasheet HTML 47Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 905 page
background image
Section 1 Overview
Rev. 7.00 Sep 21, 2005 page 19 of 878
REJ09B0259-0700
Type
Symbol
Pin No.
I/O
Name and Function
I/O ports
P66 to P60
72 to 69,
60 to 58
Input/
output
Port 6: Seven input/output pins. The
direction of each pin can be selected in the
port 6 data direction register (P6DDR).
P77 to P70
85 to 78
Input
Port 7: Eight input pins
P84 to P80
91 to 87
Input/
output
Port 8: Five input/output pins. The direction
of each pin can be selected in the port 8
data direction register (P8DDR).
P95 to P90
17 to 12
Input/
output
Port 9: Six input/output pins. The direction
of each pin can be selected in the port 9
data direction register (P9DDR).
PA7 to PA0
100 to 93
Input/
output
Port A: Eight input/output pins. The
direction of each pin can be selected in the
port A data direction register (PADDR).
PB7 to PB0
9 to 2
Input/
output
Port B: Eight input/output pins. The
direction of each pin can be selected in the
port B data direction register (PBDDR).


Similar Part No. - HD6433044VF

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD6433044 HITACHI-HD6433044 Datasheet
2Mb / 867P
   Hitachi Single-Chip Microcomputer
More results

Similar Description - HD6433044VF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H83008 RENESAS-H83008 Datasheet
3Mb / 686P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
H83062 RENESAS-H83062 Datasheet
5Mb / 1021P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
HD64F3039F18 RENESAS-HD64F3039F18 Datasheet
3Mb / 710P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Series
H83068F RENESAS-H83068F Datasheet
4Mb / 935P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
H83028 RENESAS-H83028 Datasheet
8Mb / 923P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
H83029 RENESAS-H83029 Datasheet
4Mb / 1010P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
H83024 RENESAS-H83024 Datasheet
4Mb / 841P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
H8-3067 RENESAS-H8-3067 Datasheet
4Mb / 963P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
H836912 RENESAS-H836912 Datasheet
3Mb / 440P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
H836049 RENESAS-H836049 Datasheet
3Mb / 562P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com