Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8S2268 Datasheet(PDF) 92 Page - Renesas Technology Corp

Part # H8S2268
Description  16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
Download  725 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2268 Datasheet(HTML) 92 Page - Renesas Technology Corp

Back Button H8S2268 Datasheet HTML 88Page - Renesas Technology Corp H8S2268 Datasheet HTML 89Page - Renesas Technology Corp H8S2268 Datasheet HTML 90Page - Renesas Technology Corp H8S2268 Datasheet HTML 91Page - Renesas Technology Corp H8S2268 Datasheet HTML 92Page - Renesas Technology Corp H8S2268 Datasheet HTML 93Page - Renesas Technology Corp H8S2268 Datasheet HTML 94Page - Renesas Technology Corp H8S2268 Datasheet HTML 95Page - Renesas Technology Corp H8S2268 Datasheet HTML 96Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 725 page
background image
Section 2 CPU
Rev. 4.00 Mar 21, 2006 page 24 of 654
REJ09B0071-0400
2.4.4
Condition-Code Register (CCR)
This 8-bit register contains internal CPU status information, including an interrupt mask bit (I) and
half-carry (H), negative (N), zero (Z), overflow (V), and carry (C) flags.
Operations can be performed on the CCR bits by the LDC, STC, ANDC, ORC, and XORC
instructions. The N, Z, V, and C flags are used as branching conditions for conditional branch
(Bcc) instructions.
Bit
Bit Name
Initial
Value
R/W
Description
7
I
1
R/W
Interrupt Mask Bit
Masks interrupts other than NMI when set to 1. NMI is
accepted regardless of the I bit setting. The I bit is set
to 1 by hardware at the start of an exception-handling
sequence. For details, refer to section 5, Interrupt
Controller.
6
UI
Undefined R/W
User Bit or Interrupt Mask Bit
Can be written and read by software using the LDC,
STC, ANDC, ORC, and XORC instructions. This bit
cannot be used as an interrupt mask bit in this LSI.
5
H
Undefined R/W
Half-Carry Flag
When the ADD.B, ADDX.B, SUB.B, SUBX.B, CMP.B,
or NEG.B instruction is executed, this flag is set to 1 if
there is a carry or borrow at bit 3, and cleared to 0
otherwise. When the ADD.W, SUB.W, CMP.W, or
NEG.W instruction is executed, the H flag is set to 1 if
there is a carry or borrow at bit 11, and cleared to 0
otherwise. When the ADD.L, SUB.L, CMP.L, or NEG.L
instruction is executed, the H flag is set to 1 if there is a
carry or borrow at bit 27, and cleared to 0 otherwise.
4
U
Undefined R/W
User Bit
Can be written and read by software using the LDC,
STC, ANDC, ORC, and XORC instructions.
3
N
Undefined R/W
Negative Flag
Stores the value of the most significant bit of data as a
sign bit.
2
Z
Undefined R/W
Zero Flag
Set to 1 to indicate zero data, and cleared to 0 to
indicate non-zero data.


Similar Part No. - H8S2268

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H8S2268 RENESAS-H8S2268 Datasheet
4Mb / 712P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
H8S2268 RENESAS-H8S2268_09 Datasheet
4Mb / 712P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
More results

Similar Description - H8S2268

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H8S2214 RENESAS-H8S2214 Datasheet
5Mb / 936P
   16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
H8S2218 RENESAS-H8S2218 Datasheet
4Mb / 750P
   16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
H8S2258 RENESAS-H8S2258 Datasheet
6Mb / 1071P
   16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
H8S2282 RENESAS-H8S2282 Datasheet
3Mb / 615P
   16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
H8S2268 RENESAS-H8S2268_09 Datasheet
4Mb / 712P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
H8S14 RENESAS-H8S14 Datasheet
5Mb / 938P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
H8S18 RENESAS-H8S18 Datasheet
5Mb / 758P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
H8S-2218 RENESAS-H8S-2218 Datasheet
4Mb / 750P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family H8S-2200 Series
H8S-2258 RENESAS-H8S-2258 Datasheet
6Mb / 1071P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family H8S-2200 Series
H8S2215 RENESAS-H8S2215 Datasheet
4Mb / 878P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com